Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHCT123A Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74AHCT123A
Description  Dual retriggerable monostable multivibrator with reset
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCT123A Datasheet(HTML) 2 Page - NXP Semiconductors

  74AHCT123A Datasheet HTML 1Page - NXP Semiconductors 74AHCT123A Datasheet HTML 2Page - NXP Semiconductors 74AHCT123A Datasheet HTML 3Page - NXP Semiconductors 74AHCT123A Datasheet HTML 4Page - NXP Semiconductors 74AHCT123A Datasheet HTML 5Page - NXP Semiconductors 74AHCT123A Datasheet HTML 6Page - NXP Semiconductors 74AHCT123A Datasheet HTML 7Page - NXP Semiconductors 74AHCT123A Datasheet HTML 8Page - NXP Semiconductors 74AHCT123A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2000 Mar 15
2
Philips Semiconductors
Product specification
Dual retriggerable monostable multivibrator
with reset
74AHC123A;
74AHCT123A
FEATURES
• ESD protection:
HBM EIA/JESD22-A114-A exceeds 2000 V
MM EIA/JESD22-A115-A exceeds 200 V
CDM EIA/JESD22-C101 exceeds 1000 V
• All inputs have Schmitt-trigger actions
• Inputs accept voltages higher than VCC
• For AHC only: operates with CMOS input levels
• For AHCT only: operates with TTL input levels
• Specified from −40 to +85 °C and −40 to +125 °C
• DC triggered from active HIGH or active LOW inputs
• Retriggerable for very long pulses up to 100% duty
factor
• Direct reset terminates output pulse
• Output capability: standard (except for nREXT/CEXT).
DESCRIPTION
The 74AHC/AHCT123A are high-speed Si-gate CMOS
devices and are pin compatible with Low power Schottky
TTL (LSTTL). They are specified in compliance with
JEDEC standard no.7A.
The 74AHC/AHCT123A are dual retriggerable monostable
multivibrators with output pulse width control by three
methods. The basic pulse time is programmed by
selection of an external resistor (REXT) and capacitor
(CEXT). The external resistor and capacitor are normally
connected as shown in Fig.6.
Once triggered, the basic output pulse width may be
extended by retriggering the gated active LOW-going edge
input (nA) or the active HIGH-going edge input (nB).
By repeating this process, the output pulse period
(nQ = HIGH, nQ = LOW) can be made as long as desired.
Alternatively an output delay can be terminated at any time
by a LOW-going edge on input nRD, which also inhibits the
triggering.
An internal connection from nRD to the input gate makes it
possible to trigger the circuit by a positive-going signal at
input nRD as shown in the function table. Figs 8 and 9
illustrate pulse control by retriggering and early reset. The
basic output pulse width is essentially determined by the
value of the external timing components REXT and CEXT.
When CEXT ≥ 10 nF, the typical output pulse width is
defined as: tW =REXT × CEXT where tW = pulse width in ns;
REXT = external resistor in kΩ; CEXT = external capacitor
in pF. Schmitt-trigger action at all inputs makes the circuit
highly tolerant to slower input rise and fall times. The ‘123’
is identical to the ‘423’ but can be triggered via the reset
input.


Similar Part No. - 74AHCT123A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHCT123A NXP-74AHCT123A Datasheet
122Kb / 21P
   Dual retriggerable monostable multivibrator with reset
Rev. 02-18 January 2008
logo
Nexperia B.V. All right...
74AHCT123A NEXPERIA-74AHCT123A Datasheet
302Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 5 - 17 June 2020
logo
NXP Semiconductors
74AHCT123A-Q100 NXP-74AHCT123A-Q100 Datasheet
326Kb / 22P
   Dual retriggerable monostable multivibrator with reset
Rev. 1-23 May 2013
logo
Nexperia B.V. All right...
74AHCT123A-Q100 NEXPERIA-74AHCT123A-Q100 Datasheet
303Kb / 20P
   Dual retriggerable monostable multivibrator with reset
Rev. 2 - 17 June 2020
logo
NXP Semiconductors
74AHCT123ABQ NXP-74AHCT123ABQ Datasheet
122Kb / 21P
   Dual retriggerable monostable multivibrator with reset
Rev. 02-18 January 2008
More results

Similar Description - 74AHCT123A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV123 NXP-74LV123 Datasheet
134Kb / 23P
   Dual retriggerable monostable multivibrator with reset
Rev. 05-8 November 2007
74HC_HCT123 PHILIPS-74HC_HCT123_15 Datasheet
267Kb / 25P
   Dual retriggerable monostable multivibrator with reset
Rev. 9-19 January 2015
logo
Nexperia B.V. All right...
74LV123 NEXPERIA-74LV123 Datasheet
310Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 9 - 13 September 2021
74AHC123A-Q100 NEXPERIA-74AHC123A-Q100 Datasheet
303Kb / 20P
   Dual retriggerable monostable multivibrator with reset
Rev. 2 - 17 June 2020
logo
NXP Semiconductors
74AHC123A-Q100 NXP-74AHC123A-Q100 Datasheet
326Kb / 22P
   Dual retriggerable monostable multivibrator with reset
Rev. 1-23 May 2013
74LV423 PHILIPS-74LV423 Datasheet
156Kb / 16P
   Dual retriggerable monostable multivibrator with reset
1997 Feb 04
74AHC_AHCT123A PHILIPS-74AHC_AHCT123A_15 Datasheet
315Kb / 22P
   Dual retriggerable monostable multivibrator with reset
Rev. 4-8 November 2011
logo
Nexperia B.V. All right...
74AHCT123A NEXPERIA-74AHCT123A Datasheet
302Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 5 - 17 June 2020
logo
NXP Semiconductors
74LV123 PHILIPS-74LV123 Datasheet
145Kb / 16P
   Dual retriggerable monostable multivibrator with reset
1998 Apr 20
74HC423D.653 NXP-74HC423D.653 Datasheet
295Kb / 24P
   Dual retriggerable monostable multivibrator with reset
Rev. 6-19 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com