Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8237-9000 Datasheet(PDF) 2 Page - 3M Electronics

Part # 8237-9000
Description  3M D Sub Plug
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

8237-9000 Datasheet(HTML) 2 Page - 3M Electronics

  8237-9000 Datasheet HTML 1Page - 3M Electronics 8237-9000 Datasheet HTML 2Page - 3M Electronics 8237-9000 Datasheet HTML 3Page - 3M Electronics 8237-9000 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3M
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3MD Sub Plug
8200 Series
Contact
Quantity
Dimensions
A
B
C
D
E
F ± .008
09
1.23 [ 31.2 ]
.67 [ 17.0]
.98 [ 24.9 ]
.46 [ 11.7 ]
.67 [ 17.0 ]
.70 [ 17.7 ]
15
1.56 [ 39.6 ]
1.00 [ 25.4 ]
1.31 [ 33.3 ]
.76 [ 19.3 ]
.99 [ 25.2 ]
1.03 [ 26.2 ]
25
2.10 [ 53.3 ]
1.54 [ 39.1]
1.85 [ 47.0 ]
1.27 [ 32.3]
1.54 [ 39.1 ]
1.57 [ 39.9 ]
37
2.74 [ 69.6 ]
2.18 [ 55.4 ]
2.50 [ 63.5 ]
1.87 [ 47.5 ]
2.19 [ 55.6 ]
2.22 [ 56.4 ]
TS-0234-21
Sheet 2 of 3
.0
.00
.000
inch
±.1
± .01 ± .005
[ ] D im ensio ns fo r R efere nce
Only
T olerance U nless N oted
[m m ]
In ch
Application tools: 3640 press (or equivalent), 3443-106N locator plate, 3442-39N platen (9 & 15 pos) or 3442-41N platen (25 & 37 pos).
For pre-assembled style, use also the 3664-B cable stop and 3664-XX (XX=contact quantity) cable guide.
Ordering Information
09 = 9 Position
15 = 15 Position
25 = 25 Position
37 = 37 Position
Strain Relief
(Order Separately)
3448-8DXXA
Contact
Quantity
Mounting Style:
0 =
∅ .120 [ 3.05 ]
3 = 4-40 UNC
4 = M3
Cover Style:
6= Open Cover
7= Closed Cover
8= Open Cover,
W/O Adhesive,
Preassembled
9= Closed Cover,
W/O Adhesive,
Preassembled
Connector
82XX-X00X
.24
[ 6.0 ]
+.000
-.010
.384
[ 9.75 ]
.42 Ref
[ 10.6 ]
.65
[ 16.5 ]
Assembled
Thickness
13
12
11
10
9
12
3
4
5
6
7
25
24
23
22
21
20
14
15
16
17
18
10
° Typ
.51 Ref
[ 1.3 ]
Preassembled
Open End
Cover 1
Closed End
Cover
D
E
Adhesive w/Liner
.050 Typ
[ 1.27 ]
See Page
3 Details
.11 Ref
[ 2.8 ]
.49
[ 12.4 ]
Position 1
.0545 Typ
[ 1.384 ]
.33
[ 8.38 ]
Note: dimension taken from
inside of shell area.
B
C
A
F
Note: Preassembled closed cover on Pin 1
side of connector.


Similar Part No. - 8237-9000

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8237-010100 BELDEN-8237-010100 Datasheet
138Kb / 2P
   50 Ohm Wireless Transmission Coax, RG-8, 13 AWG Str BC, 95% BC Braid,PVC Jkt, CMH
04-13-2023
8237-0101000 BELDEN-8237-0101000 Datasheet
138Kb / 2P
   50 Ohm Wireless Transmission Coax, RG-8, 13 AWG Str BC, 95% BC Braid,PVC Jkt, CMH
04-13-2023
8237-010500 BELDEN-8237-010500 Datasheet
138Kb / 2P
   50 Ohm Wireless Transmission Coax, RG-8, 13 AWG Str BC, 95% BC Braid,PVC Jkt, CMH
04-13-2023
logo
3M Electronics
8237-6000 3M-8237-6000 Datasheet
800Kb / 4P
   3M D Sub Plug Plug Connector
8237-6003 3M-8237-6003 Datasheet
800Kb / 4P
   3M D Sub Plug Plug Connector
More results

Similar Description - 8237-9000

ManufacturerPart #DatasheetDescription
logo
3M Electronics
8200 3M-8200 Datasheet
800Kb / 4P
   3M D Sub Plug Plug Connector
8350 3M-8350 Datasheet
321Kb / 4P
   3M??D Sub Socket
926781-01-10-I 3M-926781-01-10-I Datasheet
254Kb / 5P
   3M??D Ribbon Wiremount Plug
3572-1000 3M-3572-1000 Datasheet
488Kb / 4P
   3M D Ribbon Wiremount Plug
3572-1000 3M-3572-1000_07 Datasheet
235Kb / 4P
   3M??D Ribbon Wiremount Plug
3485-2100F 3M-3485-2100F Datasheet
560Kb / 3P
   3M D Sub Junction Shell
logo
Adam Technologies, Inc.
DC37-PA-M1 ADAM-TECH-DC37-PA-M1 Datasheet
80Kb / 1P
   D-SUB PLUG
DD50-PE-1 ADAM-TECH-DD50-PE-1 Datasheet
82Kb / 1P
   D-SUB PLUG
DE09-PUN-24 ADAM-TECH-DE09-PUN-24 Datasheet
90Kb / 1P
   D-SUB PLUG
DE09-PUN-25 ADAM-TECH-DE09-PUN-25 Datasheet
92Kb / 1P
   D-SUB PLUG
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com