Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX1691 Datasheet(PDF) 6 Page - Microsemi Corporation

Part # LX1691
Description  Enhanced Multi-Mode CCFL Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1691 Datasheet(HTML) 6 Page - Microsemi Corporation

Back Button LX1691 Datasheet HTML 2Page - Microsemi Corporation LX1691 Datasheet HTML 3Page - Microsemi Corporation LX1691 Datasheet HTML 4Page - Microsemi Corporation LX1691 Datasheet HTML 5Page - Microsemi Corporation LX1691 Datasheet HTML 6Page - Microsemi Corporation LX1691 Datasheet HTML 7Page - Microsemi Corporation LX1691 Datasheet HTML 8Page - Microsemi Corporation LX1691 Datasheet HTML 9Page - Microsemi Corporation LX1691 Datasheet HTML 10Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Microsemi
Integrated Products
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 6
Copyright
© 2003
Rev. 1.0, 7/16/2004
LX1691
Enhanced Multi-Mode CCFL Controller
PRODUCTION DATA SHEET
TM
®
]
ELECTRICAL CHA RACTERISTICS (CONTINUED)
LX1691
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
RAMP GENERATOR
Max Strike / Run Frequency Ratio
FRAMP_STK
Ratio to run frequency, I_SNS = OV_SNS = 0V
3
Maximum Lamp Run Frequency
FRAMP_RUNMAX Lamp is ignited; I_R = 20K
250
262
KHz
Lamp Run Frequency
FLAMP_RUN
Lamp is ignited, I_R = 80.6K, TA = 25°C
63
65
67
KHz
Lamp Run Frequency
FLAMP_RUN
Lamp is ignited, I_R = 80.6K
61
65
69
KHz
Lamp Run Frequency Regulation over
VDDP
FLAMP_REG
3.3 < VDDP < 5.5V
0.1
%
Internal Digital Dimming
Burst Frequency
FBURST
DIM_MODE = 0V, FLAMP_RUN / 512, I_R = 80.6K
127
Hz
PWM BLOCK
Error Amp Transconductance
GM_EAMP
60
150
µmho
Error Amp Output Source Current
IS_EAMP
100
µA
Error Amp Output Sink Current
ISK_EAMP
100
µA
Error Amp Output High Voltage
VH_EAMP
BRITE_OUT – EA_IN = 50mV
2.5
2.9
V
Error Amp Output Low Voltage
VL_EAMP
EA_IN – BRITE_OUT = 50mV
0.015
0.5
V
Error Amp Input Offset Voltage
VOS_EAMP
30
mV
Max Duty Cycle
DCMAX
47
%
Ramp Valley Voltage
RVV
100
mV
Ramp Peak Voltage
RPV
2.1
V
DD_CLK INPUT
Pull-up Resistance
To VDDA
50
KΩ
Input High Threshold
VTH_DD_CLK
Conventional Dimming
1.6
2.0
V
Input Low Threshold
VTL_DD_CLK
Reverse Dimming
0.4
0.9
V
Input High Current
IIH_DD_CLK
DD_CLK = 5V; VDDP=5V
45
70
µA
Input Low Current
IIL_DD_CLK
DD_CLK = 0V; VDDP=5V
-65
-100
µA
DIM_MODE INPUT
Low State
VTL_TRI_
0.4
0.85
V
Floating State
VTF_TRI
1.2
1.35
1.8
V
High State
VTH_TRI
2.35
2.8
V
Input High Current
IIH_TRI
DIM_MODE = 5V
70
120
µA
Input Low Current
IIL_TRI
DIM_MODE = 0V
-25
-50
µA
ANALOG DIMMER BLOCK
BRITE_IN Input Current
BRITE_IN II BRITE_IN = 0 to 5V
-1
1
µA
BRITE_IN = 0V
0
25
60
mV
BRITE_IN > 2.05V
1.9
2.0
2.10
V
BRITE_ IN < 0V
1.9
2.0
2.1
V
Conventional Dimming
BRITE_OUT
BRITE_IN > 2.05V
0
25
60
mV


Similar Part No. - LX1691

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1691 MICROSEMI-LX1691 Datasheet
114Kb / 2P
   Enhanced Multi-Mode CCFL Controller
LX1691A MICROSEMI-LX1691A Datasheet
114Kb / 2P
   Enhanced Multi-Mode CCFL Controller
LX1691AIPW MICROSEMI-LX1691AIPW Datasheet
114Kb / 2P
   Enhanced Multi-Mode CCFL Controller
LX1691B MICROSEMI-LX1691B Datasheet
101Kb / 2P
   Enhanced Multi-Mode CCFL Controller
LX1691B MICROSEMI-LX1691B Datasheet
99Kb / 1P
   Enhanced Multi-Mode CCFL Controller
More results

Similar Description - LX1691

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1691A MICROSEMI-LX1691A Datasheet
114Kb / 2P
   Enhanced Multi-Mode CCFL Controller
LX1691B MICROSEMI-LX1691B Datasheet
101Kb / 2P
   Enhanced Multi-Mode CCFL Controller
LX1691B MICROSEMI-LX1691B_06 Datasheet
99Kb / 1P
   Enhanced Multi-Mode CCFL Controller
LX1691 MICROSEMI-LX1691_06 Datasheet
114Kb / 2P
   Enhanced Multi-Mode CCFL Controller
LX6501 MICROSEMI-LX6501 Datasheet
81Kb / 2P
   TM High Performance Multi-Lamp CCFL Controller
logo
ON Semiconductor
CS51221 ONSEMI-CS51221 Datasheet
178Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
CS51221 ONSEMI-CS51221_09 Datasheet
178Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
CS51221 ONSEMI-CS51221 Datasheet
173Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
logo
Cherry Semiconductor Co...
CS51221 CHERRY-CS51221 Datasheet
164Kb / 12P
   Enhanced Voltage Mode PWM Controller
logo
ON Semiconductor
CS51021A ONSEMI-CS51021A Datasheet
130Kb / 11P
   Enhanced Current Mode PWM Controller
February, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com