Electronic Components Datasheet Search |
|
8209-6004 Datasheet(PDF) 1 Page - 3M Electronics |
|
8209-6004 Datasheet(HTML) 1 Page - 3M Electronics |
1 / 4 page 3M Interconnect Solutions http://www.3M.com/interconnects/ 3M is a trademark of 3M Company. For technical, sales or ordering information call 800-225-5373 3M™ D Sub Plug 8200 Series Physical Electrical Environmental *RoHS = Directive 2002/95/EC, Restriction of the Use of Certain Hazardous Substances in Electrical and Electronic Equipment Insulation Material: Glass Filled Polyester (PBT) Flammability: UL 94V-0 Color: Gray Contact Material: Copper Alloy Plating: Underplating: 100 µ″ [ 2.54 µm ] Nickel - QQ-N-290, Class 2 Wiping Area: 30 µ″ [ 0.76 µm ] Gold - MIL-G-45204, Type II, Grade C Shell Material: Steel Plating: Tin Strain Relief Material: Stainless Steel .016 (0.40) Thick Wire Accommodation: 26 and 28 AWG Solid or Stranded Marking: 3M Logo and Contact Position Numbers Current Rating: 1 A Insulation Resistance: > 1 × 109Ω at 500 VDC Withstanding Voltage: 1000 Vrms at Sea Level Temperature Rating: -55 °C to +105°C TS-0234-21 Sheet 1 of 3 • Available in either preassembled or two piece covers • Available in either open or closed end cover • Available with dimples to aid in EMI/ESD protection • Improved metal strain relief hooks directly to metal shell • Low profile • Four mounting options • RoHS* compliant Date Modified: February 7, 2005 UL File No.: E68080 |
Similar Part No. - 8209-6004 |
|
Similar Description - 8209-6004 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |