Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4758 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4758
Description  Quad DPDT Audio/Data Switches in UCSP/QFN
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4758 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4758 Datasheet HTML 4Page - Maxim Integrated Products MAX4758 Datasheet HTML 5Page - Maxim Integrated Products MAX4758 Datasheet HTML 6Page - Maxim Integrated Products MAX4758 Datasheet HTML 7Page - Maxim Integrated Products MAX4758 Datasheet HTML 8Page - Maxim Integrated Products MAX4758 Datasheet HTML 9Page - Maxim Integrated Products MAX4758 Datasheet HTML 10Page - Maxim Integrated Products MAX4758 Datasheet HTML 11Page - Maxim Integrated Products MAX4758 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Quad DPDT Audio/Data Switches in UCSP/QFN
8
_______________________________________________________________________________________
Pin Description
PIN
MAX4758
MAX4759
THIN
QFN
UCSP
THIN
QFN
UCSP
NAME
FUNCTION
1
A1
1
A1
NC1
Analog Switch 1, Normally Closed Terminal 1
2
B2
2
B2
COM2
Analog Switch 2, Common Terminal 2
3
A2
3
A2
NC2
Analog Switch 2, Normally Closed Terminal 2
4
A3
4
A3
INA
Logic Control Digital Input for Switches 1 and 2
5
C3, D4
5
C3, D4
V+
Positive Supply Voltage
6
A4
6
A4
INB
Logic Control Digital Input for Switches 3 and 4
7
A5
7
A5
NC3
Analog Switch 3, Normally Closed Terminal 3
8
B5
8
B5
COM3
Analog Switch 3, Common Terminal 3
9
A6
9
A6
NC4
Analog Switch 4, Normally Closed Terminal 4
10
B6
10
B6
COM4
Analog Switch 4, Common Terminal 4
11, 14,
17, 29,
32, 35
11, 14,
17, 29,
32, 35
N.C.
No Connection. Not internally connected.
12
C5
12
C5
NO3
Analog Switch 3, Normally Open Terminal 3
13
C6
13
C6
NO4
Analog Switch 4, Normally Open Terminal 4
15
D6
15
D6
NO8
Analog Switch 8, Normally Open Terminal 8
16
D5
16
D5
NO7
Analog Switch 7, Normally Open Terminal 7
18
E6
18
E6
COM8
Analog Switch 8, Common Terminal 8
19
F6
19
F6
NC8
Analog Switch 8, Normally Closed Terminal 8
20
E5
20
E5
COM7
Analog Switch 7, Common Terminal 7
21
F5
21
F5
NC7
Analog Switch 7, Normally Closed Terminal 7
22
F4
22
F4
IND
Logic Control Digital Input for Switches 7 and 8
23
C4, D3
23
C4, D3
GND
Ground
24
F3
24
F3
INC
Logic Control Digital Input for Switches 5 and 6
25
F2
25
F2
NC6
Analog Switch 6, Normally Closed Terminal 2
26
E2
26
E2
COM6
Analog Switch 6, Common Terminal 6
27
F1
27
F1
NC5
Analog Switch 5, Normally Closed Terminal 5
28
E1
28
E1
COM5
Analog Switch 5, Common Terminal 5
30
D2
30
D2
NO6
Analog Switch 6, Normally Open Terminal 6
31
D1
31
D1
NO5
Analog Switch 5, Normally Open Terminal 5
33
C1
33
C1
NO1
Analog Switch 1, Normally Open Terminal 1
34
C2
34
C2
NO2
Analog Switch 2, Normally Open Terminal 2
36
B1
36
B1
COM1
Analog Switch 1, Common Terminal 1
——
EN
Output Enable, Active Low
EP
EP
EP
Exposed Pad. Connect to GND


Similar Part No. - MAX4758

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4758 MAXIM-MAX4758 Datasheet
506Kb / 15P
   Quad DPDT Audio/Data Switches in UCSP/QFN
2005
MAX4758EBX-T MAXIM-MAX4758EBX-T Datasheet
506Kb / 15P
   Quad DPDT Audio/Data Switches in UCSP/QFN
2005
MAX4758ETX MAXIM-MAX4758ETX Datasheet
506Kb / 15P
   Quad DPDT Audio/Data Switches in UCSP/QFN
2005
MAX4758 MAXIM-MAX4758_V01 Datasheet
506Kb / 15P
   Quad DPDT Audio/Data Switches in UCSP/QFN
2005
More results

Similar Description - MAX4758

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4758 MAXIM-MAX4758_V01 Datasheet
506Kb / 15P
   Quad DPDT Audio/Data Switches in UCSP/QFN
2005
MAX4754 MAXIM-MAX4754_07 Datasheet
316Kb / 15P
   0.5廓, Quad SPDT Switches in UCSP/QFN
Rev 1; 11/06
MAX4754 MAXIM-MAX4754 Datasheet
271Kb / 13P
   0.5-ohm, QUAD SPDT SWITCHES IN UCSP/QFN
Rev 0; 8/03
MAX4699 MAXIM-MAX4699 Datasheet
564Kb / 13P
   Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 0; 8/01
MAX4699 MAXIM-MAX4699_09 Datasheet
216Kb / 11P
   Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 2; 10/09
MAX4699 MAXIM-MAX4699_11 Datasheet
200Kb / 11P
   Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 3; 4/11
MAX4737 MAXIM-MAX4737 Datasheet
1Mb / 16P
   4.5Ω Quad SPST Analog Switches in UCSP
Rev 2; 1/16
MAX4738 MAXIM-MAX4738 Datasheet
225Kb / 15P
   4.5Ω Quad SPST Analog Switches in UCSP
MAX4760 MAXIM-MAX4760 Datasheet
703Kb / 14P
   High-Bandwidth, Quad DPDT Switches
Rev 1; 11/04
MAX4760 MAXIM-MAX4760_09 Datasheet
178Kb / 14P
   High-Bandwidth, Quad DPDT Switches
Rev 5; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com