Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

89825-9003 Datasheet(PDF) 2 Page - 3M Electronics

Part # 89825-9003
Description  D Sub Plug Connector
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

89825-9003 Datasheet(HTML) 2 Page - 3M Electronics

  89825-9003 Datasheet HTML 1Page - 3M Electronics 89825-9003 Datasheet HTML 2Page - 3M Electronics 89825-9003 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3M Interconnect Solutions Division
6801 River Place Blvd.
Austin, TX 78726-9000
For technical, sales or ordering information call
800-225-5373
D Sub
Plug Connector
898 Series
Contact
Dimensions
Contact
Quantity
A
B
C
D
E
F
± .008
09
1.23 [ 31.2 ]
.67 [ 17.0 ]
.98 [ 24.9 ]
.46 [ 11.7 ]
.67 [ 17.0 ]
.70 [ 17.7 ]
15
1.56 [ 39.6 ]
1.00 [ 25.4 ]
1.31 [ 33.3 ]
.76 [ 19.3]
.99 [ 25.2 ]
1.03 [ 26.2 ]
25
2.10 [ 53.3 ]
1.54 [ 39.1 ]
1.85 [ 47.0 ]
1.27 [ 32.3 ]
1.54 [ 39.1 ]
1.57 [ 39.9 ]
37
2.74 [ 69.6 ]
2.18 [ 55.4 ]
2.50 [ 63.5 ]
1.87 [ 47.5 ]
2.19 [ 55.6 ]
2.22 [ 56.4 ]
1
2345
13
12
11
10
9
8
7
14
15
16
17
18
19
25
24
23
22
21
Contact
Quantity
09 = 9 Position
15 = 15 Position
25 = 25 Position
37 = 37 Position
Mounting Style:
0 =
∅ .120 Hole
3 = 4-40 UNC
Cover Style:
8 = Open Cover
9 = Closed Cover
Closed End along
Pin #1 Row
Inch
[mm]
± .005
± .1 ± .01
Tolerance Unless Noted
.0
.00
.000
Inch
[ ] Dimensions for
Reference only
TS-0483-08
Sheet 2 of 3
Closed
End
Cover
Open End Cover
E
.050 Typ
[ 1.27 ]
.51 Ref
[ 1.3 ]
.49
[ 12.4 ]
.11 Ref
[ 2.8 ]
Position 1
.0545 Typ
[ 1.384 ]
.33
[ 8.4 ]
Note: Dimension taken
from inside of shell area.
.384
[ 9.75 ]
.42 Ref
[ 10.6 ]
.24
[ 6.0 ]
.65
[ 16.6 ]
Assembled
Thickness
10
° Typ
B
C
See Ordering
Information
D
F
Ordering Information
Connector
898XX-X00X
Strain Relief
(Order Separately)
3448-8DXXA
+.000
–.010
A
®
®


Similar Part No. - 89825-9003

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
8982 NTE-8982 Datasheet
14Kb / 1P
   50V CERAMIC DISC
logo
Festo Corporation.
8982 FESTO-8982 Datasheet
83Kb / 1P
   Toggle lever valve with idle return
4/8/22
logo
Vishay Siliconix
89829E3 VISHAY-89829E3 Datasheet
121Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
More results

Similar Description - 89825-9003

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
RM13W6P-1015 WINCHESTER-RM13W6P-1015 Datasheet
138Kb / 1P
   D-SUB PLUG CONNECTOR
RM13W6P-1016 WINCHESTER-RM13W6P-1016 Datasheet
134Kb / 1P
   D-SUB PLUG CONNECTOR
logo
Adam Technologies, Inc.
DB25-PJR-24 ADAM-TECH-DB25-PJR-24 Datasheet
87Kb / 1P
   D-SUB CONNECTOR PLUG
logo
Winchester Electronics ...
RM13W6P-1017 WINCHESTER-RM13W6P-1017 Datasheet
136Kb / 1P
   D-SUB PLUG CONNECTOR
RM21WA4P-1028 WINCHESTER-RM21WA4P-1028 Datasheet
182Kb / 1P
   D-SUB PLUG CONNECTOR
logo
CONEC Elektronische Bau...
163X10019X CONEC-163X10019X Datasheet
70Kb / 1P
   D-SUB PLUG CONNECTOR
logo
3M Electronics
8200 3M-8200 Datasheet
800Kb / 4P
   3M D Sub Plug Plug Connector
logo
Adam Technologies, Inc.
DC37-PA-M1 ADAM-TECH-DC37-PA-M1 Datasheet
80Kb / 1P
   D-SUB PLUG
DD50-PE-1 ADAM-TECH-DD50-PE-1 Datasheet
82Kb / 1P
   D-SUB PLUG
DE09-PUN-24 ADAM-TECH-DE09-PUN-24 Datasheet
90Kb / 1P
   D-SUB PLUG
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com