Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4758EBX-T Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4758EBX-T
Description  Quad DPDT Audio/Data Switches in UCSP/QFN
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4758EBX-T Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4758EBX-T Datasheet HTML 1Page - Maxim Integrated Products MAX4758EBX-T Datasheet HTML 2Page - Maxim Integrated Products MAX4758EBX-T Datasheet HTML 3Page - Maxim Integrated Products MAX4758EBX-T Datasheet HTML 4Page - Maxim Integrated Products MAX4758EBX-T Datasheet HTML 5Page - Maxim Integrated Products MAX4758EBX-T Datasheet HTML 6Page - Maxim Integrated Products MAX4758EBX-T Datasheet HTML 7Page - Maxim Integrated Products MAX4758EBX-T Datasheet HTML 8Page - Maxim Integrated Products MAX4758EBX-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Quad DPDT Audio/Data Switches in UCSP/QFN
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(V+ = +2.7V to +5.25V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at V+ = 3V, TA = +25°C.) (Notes 2, 3)
PARAMETER
SYMBOL
CONDITIONS
TA
MIN
TYP
MAX
UNITS
+25°C
25
50
Turn-Off Time
tOFF
V+ = 2.7V, VNO_ or VNC_ = 1.5V;
RL = 50
Ω; CL = 35pF, Figure 2
TMIN to TMAX
60
ns
+25°C
15
Break-Before-Make (Note 7)
tBBM
V+ = 2.7V, VNO_ or VNC_ = 1.5V;
RL = 50
Ω, CL = 35pF, Figure 3
TMIN to TMAX
2
ns
Skew (Note 7)
tSKEW
RS = 39
Ω, CL = 50pF, MAX4759
(COM5–COM8), Figure 4
+25°C
0.2
0.5
ns
MAX4758, MAX4759
(COM1–COM4)
40
Charge Injection
Q
VGEN = 0,
RGEN = 0,
CL = 1.0nF,
Figure 5
MAX4759
(COM5–COM8)
+25°C
15
pC
Signal = 0dBm, CL = 5pF,
RL = 50
Ω, MAX4758, MAX4759
(COM1–COM4)
+25°C
50
On-Channel -3dB Bandwidth
BW
Signal = 0dBm, CL = 5pF,
RL = 50
Ω, MAX4759 (COM5–COM8)
+25°C
320
MHz
Off-Isolation (Note 8)
VISO
CL = 5pF, RL = 50
Ω, VCOM_ = 1VP-P,
f = 100kHz, Figure 6
+25°C
-95
dB
Crosstalk (Note 9)
VCT
CL = 5pF, RL = 50
Ω, VCOM_ = 1VP-P,
f = 100kHz, Figure 6
+25°C
-100
dB
MAX4758, MAX4759
(N_1–N_4), RL = 32
+25°C
0.03
Total Harmonic Distortion
THD
f = 20Hz to
20kHz, 1VP-P
MAX4759 (N_5–N_8),
RL = 600
+25°C
0.03
%
MAX4758, MAX4759
(N_1–N_4)
+25°C
102
NO_, NC_ Off-Capacitance
CNO_(OFF) ,
CNC_(OFF)
VNO, VNC_ =
GND,
f = 1MHz,
Figure 7
MAX4759
(N_5–N_8)
+25°C
25
pF
MAX4758, MAX4759
(COM1–COM4)
+25°C
284
COM_ On-Capacitance
C(ON)
VNO_, VNC_ =
GND,
f = 1MHz,
Figure 7
MAX4759
(COM5–COM8)
+25°C
54
pF
DIGITAL I/O (IN_,)
V+ = 2.7V to 3.6V
TMIN to TMAX
1.4
Input Logic High
VIH
V+ = 3.6V to 5.5V
TMIN to TMAX
2.0
V
V+ = 2.7V to 3.6V
TMIN to TMAX
0.5
Input Logic Low
VIL
V+ = 3.6V to 5.5V
TMIN to TMAX
0.6
V
Input Leakage Current
IIN
VIN = 0 or V+
TMIN to TMAX
1µA


Similar Part No. - MAX4758EBX-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4758EBX-T MAXIM-MAX4758EBX-T Datasheet
506Kb / 15P
   Quad DPDT Audio/Data Switches in UCSP/QFN
2005
More results

Similar Description - MAX4758EBX-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4758 MAXIM-MAX4758_V01 Datasheet
506Kb / 15P
   Quad DPDT Audio/Data Switches in UCSP/QFN
2005
MAX4754 MAXIM-MAX4754_07 Datasheet
316Kb / 15P
   0.5廓, Quad SPDT Switches in UCSP/QFN
Rev 1; 11/06
MAX4754 MAXIM-MAX4754 Datasheet
271Kb / 13P
   0.5-ohm, QUAD SPDT SWITCHES IN UCSP/QFN
Rev 0; 8/03
MAX4699 MAXIM-MAX4699 Datasheet
564Kb / 13P
   Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 0; 8/01
MAX4699 MAXIM-MAX4699_09 Datasheet
216Kb / 11P
   Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 2; 10/09
MAX4699 MAXIM-MAX4699_11 Datasheet
200Kb / 11P
   Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 3; 4/11
MAX4737 MAXIM-MAX4737 Datasheet
1Mb / 16P
   4.5Ω Quad SPST Analog Switches in UCSP
Rev 2; 1/16
MAX4738 MAXIM-MAX4738 Datasheet
225Kb / 15P
   4.5Ω Quad SPST Analog Switches in UCSP
MAX4760 MAXIM-MAX4760 Datasheet
703Kb / 14P
   High-Bandwidth, Quad DPDT Switches
Rev 1; 11/04
MAX4760 MAXIM-MAX4760_09 Datasheet
178Kb / 14P
   High-Bandwidth, Quad DPDT Switches
Rev 5; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com