Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5007 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX5007
Description  150mA USB LDO Regulators with 15kV -15kV TVS and UP Reset
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5007 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX5007 Datasheet HTML 5Page - Maxim Integrated Products MAX5007 Datasheet HTML 6Page - Maxim Integrated Products MAX5007 Datasheet HTML 7Page - Maxim Integrated Products MAX5007 Datasheet HTML 8Page - Maxim Integrated Products MAX5007 Datasheet HTML 9Page - Maxim Integrated Products MAX5007 Datasheet HTML 10Page - Maxim Integrated Products MAX5007 Datasheet HTML 11Page - Maxim Integrated Products MAX5007 Datasheet HTML 12Page - Maxim Integrated Products MAX5007 Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
150mA USB LDO Regulators with ±15kV TVS
and µP Reset
10
______________________________________________________________________________________
TVS
DEVICE
UNDER
TEST
HIGH
VOLTAGE
2
µF
4kV
80
µH
200k
20
0.2
µF
LEAKAGE
RELAY
JENNINGS
RELAY
RF3D-26S
D+/D-
Figure 2. Surge Current Test Circut
10
2
0
4
6
8
12
246
08
10
16
14
18
12
20
VOLTAGE (V)
8/40
µs PULSE WIDTH
COUT = 0
D+ OR D- TO GND
Figure 4. Surge Current I/V Characteristic (COUT = 0)
10
2
0
4
6
8
12
246
08
10
16
14
18
12
VOLTAGE (V)
8/40
µs PULSE WIDTH
COUT = 1
µF
D+ OR D- TO GND
Figure 5. Surge Current I/V Characteristic (COUT = 1µF)
10
2
0
4
6
8
12
246
08
10
16
14
18
12
VOLTAGE (V)
8/40
µs PULSE WIDTH
COUT = 10
µF
D+ OR D- TO GND
Figure 6. Surge Current I/V Characteristic (COUT = 10µF)
IP 100%
50%
t1
8
µs
t2
40
µs
TIME
0
0
AMPERES
Figure 3. Test Circuit Surge Current Waveform (Short-Circuit
Load)


Similar Part No. - MAX5007

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX500 MAXIM-MAX500 Datasheet
127Kb / 12P
   CMOS, Quad, Serial-Interface 8-Bit DAC
Rev 2; 2/96
MAX5003 MAXIM-MAX5003 Datasheet
170Kb / 16P
   High-Voltage PWM Power-Supply Controller
Rev 0; 12/99
MAX5003 MAXIM-MAX5003 Datasheet
119Kb / 5P
   Evaluation Kit
Rev 1; 1/01
MAX5003C/D MAXIM-MAX5003C/D Datasheet
170Kb / 16P
   High-Voltage PWM Power-Supply Controller
Rev 0; 12/99
MAX5003CEE MAXIM-MAX5003CEE Datasheet
170Kb / 16P
   High-Voltage PWM Power-Supply Controller
Rev 0; 12/99
More results

Similar Description - MAX5007

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP4337 LITTELFUSE-SP4337 Datasheet
536Kb / 5P
   0.18pF 15KV Bidirectional TVS
2020 Littelfuse, Inc.
SP1001 LITTELFUSE-SP1001 Datasheet
964Kb / 7P
   8pF 15kV Unidirectional TVS Array
logo
Maxim Integrated Produc...
MAX3450E MAXIM-MAX3450E_08 Datasheet
210Kb / 14P
   ±15kV ESD-Protected USB Transceivers
Rev 2; 10/08
MAX3453E MAXIM-MAX3453E_06 Datasheet
325Kb / 19P
   ±15kV ESD-Protected USB Transceivers
Rev 4; 2/06
logo
Littelfuse
SP1008 LITTELFUSE-SP1008_17 Datasheet
1Mb / 4P
   6pF 15kV Bidirectional Discrete TVS Protection
SP1011-04UTG LITTELFUSE-SP1011-04UTG Datasheet
664Kb / 4P
   SP1011 Series 7pF 15kV Unidirectional TVS Array
logo
Impala Linear Corporati...
ILC7281 IMPALA-ILC7281 Datasheet
74Kb / 9P
   MICROPOWER DUAL 150MA CMOS RF LDO REGULATORS WITH POWER SUPPLY RESET MONITOR
logo
Semtech Corporation
SC1452 SEMTECH-SC1452 Datasheet
116Kb / 7P
   DUAL 150mA LDO REGULATOR WITH PROGRAMMABLE RESET
logo
Littelfuse
SP1001 LITTELFUSE-SP1001_11 Datasheet
298Kb / 6P
   SP1001 Series - 8pF 15kV Unidirectional TVS Array
SP1011 LITTELFUSE-SP1011 Datasheet
266Kb / 5P
   SP1011 Series 7pF 15kV Unidirectional TVS Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com