Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC556 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC556
Description  GaAs MMIC I/Q MIXER 36 - 41 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC556 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC556 Datasheet HTML 1Page - Hittite Microwave Corporation HMC556 Datasheet HTML 2Page - Hittite Microwave Corporation HMC556 Datasheet HTML 3Page - Hittite Microwave Corporation HMC556 Datasheet HTML 4Page - Hittite Microwave Corporation HMC556 Datasheet HTML 5Page - Hittite Microwave Corporation HMC556 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
3 - 194
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Isolations
Amplitude Balance vs. LO Drive
IF Bandwidth*
Phase Balance vs. LO Drive
Quadrature Channel Data Taken Without IF Hybrid
Upconverter Performance Conversion
Gain vs. LO Drive*
Upconverter Performance Sideband
Rejection vs. LO Drive*
* Conversion gain data taken with external IF hybrid
HMC556
GaAs MMIC I/Q MIXER
36 - 41 GHz
v00.0106
-70
-60
-50
-40
-30
-20
-10
0
34
35
36
37
38
39
40
41
42
RF FREQUENCY (GHz)
LO/RF
RF/IF1
LO/IF2
RF/IF2
LO/IF1
0
5
10
15
20
25
34
35
36
37
38
39
40
41
42
LO = +15dBm
LO = +17dBm
LO = +19dBm
RF FREQUENCY (GHz)
-40
-35
-30
-25
-20
-15
-10
-5
0
34
35
36
37
38
39
40
41
42
LO = +15dBm
LO = +17dBm
LO = +19dBm
RF FREQUENCY (GHz)
-20
-15
-10
-5
0
34
35
36
37
38
39
40
41
42
+15dBm
+17dBm
+19dBm
RF FREQUENCY (GHz)
-3
-2
-1
0
1
2
3
34
35
36
37
38
39
40
41
42
LO = +15dBm
LO = +17dBm
LO = +19dBm
RF FREQUENCY (GHz)
-15
-10
-5
0
0.5
1
1.5
2
2.5
3
3.5
RETURN LOSS
CONVERSION GAIN
IF FREQUENCY (GHz)


Similar Part No. - HMC556

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC556 HITTITE-HMC556 Datasheet
239Kb / 6P
   GaAs MMIC I/Q MIXER 36 - 41 GHz
logo
Micross Components
HMC556 MICROSS-HMC556 Datasheet
885Kb / 9P
   Microwave Radio
logo
Hittite Microwave Corpo...
HMC556 HITTITE-HMC556_09 Datasheet
239Kb / 6P
   GaAs MMIC I/Q MIXER 36 - 41 GHz
More results

Similar Description - HMC556

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC556 HITTITE-HMC556_09 Datasheet
239Kb / 6P
   GaAs MMIC I/Q MIXER 36 - 41 GHz
HMC1042LC4 HITTITE-HMC1042LC4 Datasheet
1Mb / 16P
   GaAs MMIC I/Q MIXER
HMC1041LC4 HITTITE-HMC1041LC4 Datasheet
1Mb / 16P
   GaAs MMIC I/Q MIXER
HMC520LC4 HITTITE-HMC520LC4 Datasheet
288Kb / 6P
   GaAs MMIC I/Q MIXER 6 - 10 GHz
HMC521 HITTITE-HMC521 Datasheet
310Kb / 6P
   GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC521LC4 HITTITE-HMC521LC4 Datasheet
289Kb / 6P
   GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC522 HITTITE-HMC522 Datasheet
307Kb / 6P
   GaAs MMIC I/Q MIXER 11 - 16 GHz
HMC555 HITTITE-HMC555 Datasheet
320Kb / 6P
   GaAs MMIC I/Q MIXER 31 - 38 GHz
HMC524 HITTITE-HMC524 Datasheet
305Kb / 6P
   GaAs MMIC I/Q MIXER 22 - 32 GHz
HMC525 HITTITE-HMC525 Datasheet
315Kb / 6P
   GaAs MMIC I/Q MIXER 4.0 - 8.5 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com