Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC559 Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC559
Description  GaAs PHEMT MMIC POWER AMPLIFIER, DC - 20.0 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC559 Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC559 Datasheet HTML 1Page - Hittite Microwave Corporation HMC559 Datasheet HTML 2Page - Hittite Microwave Corporation HMC559 Datasheet HTML 3Page - Hittite Microwave Corporation HMC559 Datasheet HTML 4Page - Hittite Microwave Corporation HMC559 Datasheet HTML 5Page - Hittite Microwave Corporation HMC559 Datasheet HTML 6Page - Hittite Microwave Corporation HMC559 Datasheet HTML 7Page - Hittite Microwave Corporation HMC559 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
1
1 - 185
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC559
GaAs PHEMT MMIC
POWER AMPLIFIER, DC - 20.0 GHz
v01.0406
Pad Number
Function
Description
Interface Schematic
1IN
This pad is DC coupled and matched
to 50 Ohms from DC - 20GHz.
Blocking capacitor is required.
2Vgg2
Gate control 2 for amplifier. Attach bypass
capacitor per application circuit herein. For nominal
operation +4V should be applied to Vgg2.
3ACG2
Low frequency termination. Attach bypass
capacitor per application circuit herein.
4
OUT & Vdd
RF output for amplifier. Connect DC bias (Vdd) network to
provide drain current (Idd). See application circuit herein.
5Vgg1
Gate control 1 for amplifier. Attach bypass
capacitor per application circuit herein. Please
follow “MMIC Amplifier Biasing Procedure”
application note.
6ACG1
Low frequency termination. Attach bypass
capacitor per application circuit herein.
Die Bottom
GND
Die bottom must be connected to RF/DC ground.
Pad Descriptions


Similar Part No. - HMC559

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC559 HITTITE-HMC559 Datasheet
306Kb / 8P
   GaAs PHEMT MMIC POWER AMPLIFIER, DC - 20 GHz
logo
Micross Components
HMC559 MICROSS-HMC559 Datasheet
951Kb / 11P
   Telecom Infrastructure
logo
Analog Devices
HMC559 AD-HMC559 Datasheet
429Kb / 8P
   GaAs PHEMT MMIC POWER AMPLIFIER
HMC559 AD-HMC559 Datasheet
1Mb / 22P
   Active Bias Controller High Current
logo
Hittite Microwave Corpo...
HMC559 HITTITE-HMC559_09 Datasheet
306Kb / 8P
   GaAs PHEMT MMIC POWER AMPLIFIER, DC - 20 GHz
More results

Similar Description - HMC559

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC464LP5 HITTITE-HMC464LP5 Datasheet
281Kb / 6P
   GaAs PHEMT MMIC POWER AMPLIFIER, 2.0 - 20.0 GHz
HMC464 HITTITE-HMC464 Datasheet
237Kb / 6P
   GaAs PHEMT MMIC POWER AMPLIFIER, 2.0 - 20.0 GHz
HMC460 HITTITE-HMC460_06 Datasheet
400Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, DC - 20.0 GHz
HMC460 HITTITE-HMC460 Datasheet
285Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, DC - 20.0 GHz
HMC465 HITTITE-HMC465 Datasheet
292Kb / 8P
   GaAs PHEMT MMIC MODULATOR DRIVER AMPLIFIER, DC - 20.0 GHz
HMC465LP5 HITTITE-HMC465LP5 Datasheet
326Kb / 8P
   GaAs PHEMT MMIC MODULATOR DRIVER AMPLIFIER, DC - 20.0 GHz
HMC463 HITTITE-HMC463 Datasheet
279Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, DC - 20.0 GHz
HMC451 HITTITE-HMC451 Datasheet
373Kb / 8P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 5.0 - 20.0 GHz
HMC462 HITTITE-HMC462 Datasheet
193Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2.0 - 20.0 GHz
HMC619 HITTITE-HMC619 Datasheet
305Kb / 8P
   GaAs PHEMT MMIC POWER AMPLIFIER, DC - 10 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com