Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC575LP4 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC575LP4
Description  SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 6 - 9 GHz OUTPUT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC575LP4 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC575LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC575LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC575LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC575LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC575LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC575LP4 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
7
7 - 84
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Input Return Loss vs. Temperature
Output Return Loss vs. Temperature
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
6
6.5
7
7.5
8
8.5
9
+25C
+85C
-40C
FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
3
3.25
3.5
3.75
4
4.25
4.5
+25C
+85C
-40C
FREQUENCY (GHz)
HMC575LP4 / 575LP4E
v00.0506
SMT GaAs MMIC x2 ACTIVE FREQUENCY
MULTIPLIER, 6 - 9 GHz OUTPUT
Absolute Maximum Ratings
RF Input (Vdd = +5V)
+13 dBm
Supply Voltage (Vdd)
+6.0 Vdc
Channel Temperature
150 °C
Continuous Pdiss (T= 85 °C)
(derate 7.9 mW/°C above 85 °C)
512 mW
Thermal Resistance
(channel to ground paddle)
127 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
Typical Supply Current vs. Vdd
Vdd (Vdc)
Idd (mA)
4.5
89
5.0
90
5.5
91
Note:
Multiplier will operate over full voltage range shown above.
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS


Similar Part No. - HMC575LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC575LP4 HITTITE-HMC575LP4 Datasheet
209Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 6 - 9 GHz OUTPUT
logo
Analog Devices
HMC575LP4 AD-HMC575LP4 Datasheet
314Kb / 6P
   Test Instrumentation
logo
Hittite Microwave Corpo...
HMC575LP4E HITTITE-HMC575LP4E Datasheet
209Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 6 - 9 GHz OUTPUT
logo
Analog Devices
HMC575LP4E AD-HMC575LP4E Datasheet
314Kb / 6P
   Test Instrumentation
logo
Hittite Microwave Corpo...
HMC575LP4 HITTITE-HMC575LP4_08 Datasheet
209Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 6 - 9 GHz OUTPUT
More results

Similar Description - HMC575LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC575LP4 HITTITE-HMC575LP4_08 Datasheet
209Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 6 - 9 GHz OUTPUT
HMC448LC3B HITTITE-HMC448LC3B Datasheet
306Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 20 - 25 GHz OUTPUT
HMC814LC3B HITTITE-HMC814LC3B_10 Datasheet
417Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 13 - 24.6 GHz OUTPUT
HMC578LC3B HITTITE-HMC578LC3B_09 Datasheet
209Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 24 - 33 GHz OUTPUT
HMC448LC3B HITTITE-HMC448LC3B_09 Datasheet
224Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 20 - 25 GHz OUTPUT
HMC576LC3B HITTITE-HMC576LC3B Datasheet
277Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 18 - 29 GHz OUTPUT
HMC449LC3B HITTITE-HMC449LC3B_09 Datasheet
220Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 27 - 31 GHz OUTPUT
HMC573LC3B HITTITE-HMC573LC3B_09 Datasheet
215Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 8 - 22 GHz OUTPUT
HMC573LC3B HITTITE-HMC573LC3B Datasheet
259Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 8 - 22 GHz OUTPUT
HMC577LC4B HITTITE-HMC577LC4B Datasheet
261Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 27 - 31 GHz OUTPUT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com