Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC586LC4B Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC586LC4B
Description  WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 4.0 - 8.0 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC586LC4B Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC586LC4B Datasheet HTML 1Page - Hittite Microwave Corporation HMC586LC4B Datasheet HTML 2Page - Hittite Microwave Corporation HMC586LC4B Datasheet HTML 3Page - Hittite Microwave Corporation HMC586LC4B Datasheet HTML 4Page - Hittite Microwave Corporation HMC586LC4B Datasheet HTML 5Page - Hittite Microwave Corporation HMC586LC4B Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
9
9 - 166
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
WIDEBAND MMIC VCO w/ BUFFER
AMPLIFIER, 4.0 - 8.0 GHz
v00.0206
General Description
Features
Functional Diagram
The HMC586LC4B is a wideband GaAs InGaP
Voltage Controlled Oscillator which incorporates the
resonator, negative resistance device, and varactor
diode. Output power and phase noise performance
are excellent over temperature due to the oscillator’s
monolithic construction. The Vtune port accepts
an analog tuning voltage from 0 to +18V. The
HMC586LC4B VCO operates from a single +5V sup-
ply, consumes only 55 mA of current, and is housed in
a RoHS compliant SMT package. This wideband VCO
uniquely combines the attributes of ultra small size,
low phase noise, low power consumption, and wide
tuning range.
Wide Tuning Bandwidth
Pout: +5 dBm
Low SSB Phase Noise: -100 dBc/Hz @100 kHz
No External Resonator Needed
Single Positive Supply: +5V @ 55 mA
RoHS Compliant 4 x 4 mm SMT Package
Typical Applications
Low Noise wideband MMIC VCO is ideal for:
• Industrial/Medical Equipment
• Test & Measurement Equipment
• Military Radar, EW & ECM
Electrical Specifications, T
A = +25° C, Vcc = +5V
Parameter
Min.
Typ.
Max.
Units
Frequency Range
4.0 - 8.0
GHz
Power Output
25
dBm
SSB Phase Noise @ 100 kHz Offset
-100
dBc/Hz
SSB Phase Noise @ 10 kHz Offset
-75
dBc/Hz
Tune Voltage (Vtune)
0
18
V
Supply Current (Icc) (Vcc = +5.0V)
40
75
mA
Tune Port Leakage Current (Vtune = +15V)
10
μA
Output Return Loss
7dB
2nd Harmonic
-14
dBc
Pulling (into a 2.0:1 VSWR)
4MHz pp
Pushing @ Vtune= +5V
40
MHz/V
Frequency Drift Rate
0.8
MHz/°C
HMC586LC4B


Similar Part No. - HMC586LC4B

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC586LC4B HITTITE-HMC586LC4B Datasheet
159Kb / 4P
   WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 4 - 8 GHz
logo
Analog Devices
HMC586LC4B AD-HMC586LC4B Datasheet
280Kb / 6P
   WIDEBAND MMIC VCO w/ BUFFER
logo
Hittite Microwave Corpo...
HMC586LC4B HITTITE-HMC586LC4B_10 Datasheet
159Kb / 4P
   WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 4 - 8 GHz
More results

Similar Description - HMC586LC4B

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC588LC4B HITTITE-HMC588LC4B Datasheet
261Kb / 6P
   WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 8.0 - 12.5 GHz
HMC-C030 HITTITE-HMC-C030 Datasheet
207Kb / 4P
   WIDEBAND VCO w/ BUFFER AMPLIFIER MODULE, 8.0 - 12.5 GHz
HMC587LC4B HITTITE-HMC587LC4B_10 Datasheet
156Kb / 4P
   WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 5 - 10 GHz
HMC733LC4B HITTITE-HMC733LC4B Datasheet
454Kb / 4P
   WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 10 - 20 GHz
HMC587LC4B HITTITE-HMC587LC4B Datasheet
222Kb / 6P
   WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 5 - 10 GHz
HMC586LC4B HITTITE-HMC586LC4B_10 Datasheet
159Kb / 4P
   WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 4 - 8 GHz
HMC732LC4B HITTITE-HMC732LC4B Datasheet
422Kb / 6P
   WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 6 - 12 GHz
HMC733LC4B HITTITE-HMC733LC4B_11 Datasheet
362Kb / 4P
   WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 10 - 20 GHz
logo
Analog Devices
HMC733LC4B AD-HMC733LC4B Datasheet
318Kb / 6P
   WIDEBAND MMIC VCO w/ BUFFER
HMC586LC4B AD-HMC586LC4B Datasheet
280Kb / 6P
   WIDEBAND MMIC VCO w/ BUFFER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com