Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHCT126D Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74AHCT126D
Description  Quad buffer/line driver; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCT126D Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74AHCT126D Datasheet HTML 5Page - NXP Semiconductors 74AHCT126D Datasheet HTML 6Page - NXP Semiconductors 74AHCT126D Datasheet HTML 7Page - NXP Semiconductors 74AHCT126D Datasheet HTML 8Page - NXP Semiconductors 74AHCT126D Datasheet HTML 9Page - NXP Semiconductors 74AHCT126D Datasheet HTML 10Page - NXP Semiconductors 74AHCT126D Datasheet HTML 11Page - NXP Semiconductors 74AHCT126D Datasheet HTML 12Page - NXP Semiconductors 74AHCT126D Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
1999 Sep 29
9
Philips Semiconductors
Product specification
Quad buffer/line driver; 3-state
74AHC126; 74AHCT126
Fig.6 The 3-state enable and disable times.
FAMILY
VI INPUT
REQUIREMENTS
VM(1)
INPUT
VM(1)
OUTPUT
AHC
GND to VCC
50% VCC
50% VCC
AHCT
GND to 3.0 V
1.5 V
50% VCC
handbook, full pagewidth
MNA238
tPLZ
tPHZ
outputs
disabled
outputs
enabled
VOH −0.3 V
VOL +0.3 V
outputs
enabled
OUTPUT
LOW-to-OFF
OFF-to-LOW
OUTPUT
HIGH-to-OFF
OFF-to-HIGH
nOE INPUT
VI
VCC
VM
(1)
VOL
VOH
GND
GND
tPZL
tPZH
VM
(1)
VM
(1)
Fig.7 Load circuitry for switching times.
TEST
S1
tPLH/tPHL
open
tPLZ/tPZL
VCC
tPHZ/tPZH
GND
handbook, full pagewidth
open
GND
VCC
VCC
VI
VO
MNA239
D.U.T.
CL
RT
1000
PULSE
GENERATOR
S1


Similar Part No. - 74AHCT126D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHCT126D NXP-74AHCT126D Datasheet
99Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 04-12 August 2009
logo
Nexperia B.V. All right...
74AHCT126D NEXPERIA-74AHCT126D Datasheet
251Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 5 - 28 April 2020
74AHCT126D-Q100 NEXPERIA-74AHCT126D-Q100 Datasheet
715Kb / 16P
   Quad buffer/line driver; 3-state
More results

Similar Description - 74AHCT126D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC125 PHILIPS-74AHC125 Datasheet
78Kb / 16P
   Quad buffer/line driver; 3-state
1999 Sep 27
74HC126 PHILIPS-74HC126 Datasheet
40Kb / 6P
   Quad buffer/line driver; 3-state
December 1990
74LV126 PHILIPS-74LV126 Datasheet
112Kb / 12P
   Quad buffer/line driver 3-State
1998 Apr 28
logo
Nexperia B.V. All right...
74AHC125-Q100 NEXPERIA-74AHC125-Q100 Datasheet
822Kb / 17P
   Quad buffer/line driver; 3-state
logo
NXP Semiconductors
74VHC_VHCT125 PHILIPS-74VHC_VHCT125_15 Datasheet
464Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 02-13 October 2009
74VHC_VHCT126 PHILIPS-74VHC_VHCT126_15 Datasheet
98Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 01-13 August 2009
logo
Nexperia B.V. All right...
74ALVC125-Q100 NEXPERIA-74ALVC125-Q100 Datasheet
804Kb / 15P
   Quad buffer/line driver 3-state
74ALVC125 NEXPERIA-74ALVC125 Datasheet
242Kb / 13P
   Quad buffer/line driver; 3-state
Rev. 4 - 30 April 2021
logo
NXP Semiconductors
74LV125 PHILIPS-74LV125 Datasheet
111Kb / 12P
   Quad buffer/line driver 3-State
1998 Apr 28
74HC_HCT125 PHILIPS-74HC_HCT125_15 Datasheet
184Kb / 17P
   Quad buffer/line driver; 3-state
Rev. 5-19 January 2015
74HC125D NXP-74HC125D Datasheet
41Kb / 6P
   Quad buffer/line driver; 3-state
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com