Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC-C008 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC-C008
Description  15 WATT POWER AMPLIFIER MODULE, 1.8 - 2.2 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC-C008 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC-C008 Datasheet HTML 1Page - Hittite Microwave Corporation HMC-C008 Datasheet HTML 2Page - Hittite Microwave Corporation HMC-C008 Datasheet HTML 3Page - Hittite Microwave Corporation HMC-C008 Datasheet HTML 4Page - Hittite Microwave Corporation HMC-C008 Datasheet HTML 5Page - Hittite Microwave Corporation HMC-C008 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
9
9 - 20
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC-C008
15 WATT POWER AMPLIFIER
MODULE, 1.8 - 2.2 GHz
v03.1205
General Description
Features
Functional Diagram
The HMC-C008 is a 15 Watt Power Amplifier Module
suitable for Cellular/3G repeaters, laboratory use
and ATE applications. The unit includes DC power
sequencing, enable and conditioning, as well as an
output circulator for load mismatch protection. Ther-
mal protection/fault circuitry automatically turns off DC
power at base temperatures exceeding +75 °C and
restores power at < +55 °C.
P1dB Output Power: 15 Watts from 1.8 to 2.2 GHz
Gain: 40 dB min
Noise Figure: 6 dB
Thermally Compensated and Protected
Reverse Polarity Protected
TTL DC Power Enable
Unconditionally Stable
Heat Sink/Fan Accessories Available
Typical Applications
Test applications for:
• Cellular/PCS/3G Infrastructure
• Automated Test Equipment (ATE)
• Laboratory Use
Electrical Specifications, T
A = +25° C, VIN = +12V
Parameter
Min.
Typ.
Max.
Units
Frequency Range
1.8 - 2.2
GHz
Gain
40
42
dB
Noise Figure
68
dB
Input Return Loss
12
dB
Output Return Loss
12
dB
Output Power for 1 dB Compression (P1dB)
15
W
Saturated Output Power (Psat)
43
dBm
Output Third Order Intercept (IP3) (Two-tone Input Power = -28 dBm each tone)
52
dBm
Channel Output Power for -50 dBc ACPR (CDMA 2000, 1960 MHz)
36
dBm
Channel Output Power for -50 dBc ACPR (W-CDMA, 2110 MHz)
33
dBm
Second Harmonic at Output P1dB
-55
dBc
Third Harmonic at Output P1dB
-55
dBc
Spurious at Output P1dB
-65
dBc
Supply Current
6.5
7.0
A


Similar Part No. - HMC-C008

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C008 HITTITE-HMC-C008_10 Datasheet
489Kb / 6P
   15 WATT POWER AMPLIFIER MODULE, 1.8 - 2.2 GHz
More results

Similar Description - HMC-C008

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C008 HITTITE-HMC-C008_10 Datasheet
489Kb / 6P
   15 WATT POWER AMPLIFIER MODULE, 1.8 - 2.2 GHz
logo
TriQuint Semiconductor
TQP9111 TRIQUINT-TQP9111 Datasheet
895Kb / 12P
   1.8 ??2.7 GHz 2 Watt Power Amplifier
logo
Qorvo, Inc
TQP9111 QORVO-TQP9111 Datasheet
895Kb / 12P
   1.8 ??2.7 GHz 2 Watt Power Amplifier
logo
Fairchild Semiconductor
RMPA27000 FAIRCHILD-RMPA27000 Datasheet
248Kb / 9P
   27-29 GHZ 1.8 Watt Power Amplifier MMIC
logo
Hittite Microwave Corpo...
HMC452ST89 HITTITE-HMC452ST89 Datasheet
1Mb / 22P
   InGaP HBT 1 WATT POWER AMPLIFIER, 0.4 - 2.2 GHz
HMC452QS16G HITTITE-HMC452QS16G_09 Datasheet
742Kb / 22P
   InGaP HBT 1 WATT POWER AMPLIFIER, 0.4 - 2.2 GHz
HMC453ST89 HITTITE-HMC453ST89_10 Datasheet
752Kb / 22P
   InGaP HBT 1.6 WATT POWER AMPLIFIER, 0.4 - 2.2 GHz
HMC457QS16G HITTITE-HMC457QS16G_09 Datasheet
365Kb / 10P
   InGaP HBT 1 WATT POWER AMPLIFIER, 1.7 - 2.2 GHz
HMC453ST89 HITTITE-HMC453ST89 Datasheet
1Mb / 22P
   InGaP HBT 1.6 WATT POWER AMPLIFIER, 0.4 - 2.2 GHz
HMC452QS16G HITTITE-HMC452QS16G_06 Datasheet
1Mb / 22P
   InGaP HBT 1 WATT POWER AMPLIFIER, 0.4 - 2.2 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com