Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC-C023 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC-C023
Description  WIDEBAND POWER AMPLIFIER MODULE, 2 - 20 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC-C023 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC-C023 Datasheet HTML 1Page - Hittite Microwave Corporation HMC-C023 Datasheet HTML 2Page - Hittite Microwave Corporation HMC-C023 Datasheet HTML 3Page - Hittite Microwave Corporation HMC-C023 Datasheet HTML 4Page - Hittite Microwave Corporation HMC-C023 Datasheet HTML 5Page - Hittite Microwave Corporation HMC-C023 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
9
9 - 59
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
v00.1005
Pin Number
Function
Description
Interface Schematic
1
RFIN &
RF Ground
RF input connector, SMA female, field replaceable.
This pin is AC coupled and matched to 50 Ohms
from 2 - 20 GHz.
2
+VDC
Positive power supply voltage for the amplifier.
3
RFOUT &
RF Ground
RF output connector, SMA female. This pin is AC coupled
and matched to 50 Ohms from 2 - 20 GHz.
4
-VDC
Negative power supply votage for the amplifier
5
GND
Power supply ground.
Pin Descriptions
HMC-C023
WIDEBAND POWER AMPLIFIER
MODULE, 2 - 20 GHz


Similar Part No. - HMC-C023

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C020 HITTITE-HMC-C020 Datasheet
266Kb / 6P
   WIDEBAND POWER AMPLIFIER MODULE, 17 - 24 GHz
HMC-C021 HITTITE-HMC-C021 Datasheet
279Kb / 6P
   WIDEBAND POWER AMPLIFIER MODULE, 21 - 31 GHz
HMC-C022 HITTITE-HMC-C022 Datasheet
437Kb / 6P
   WIDEBAND LNA MODULE, 2 - 20 GHz
HMC-C024 HITTITE-HMC-C024 Datasheet
874Kb / 6P
   WIDEBAND DRIVER AMPLIFIER MODULE, 10 MHz - 20 GHz
HMC-C024 HITTITE-HMC-C024 Datasheet
295Kb / 6P
   WIDEBAND DRIVER AMPLIFIER MODULE, 10 MHz - 20 GHz
More results

Similar Description - HMC-C023

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C003 HITTITE-HMC-C003 Datasheet
500Kb / 4P
   WIDEBAND POWER AMPLIFIER MODULE, 2 - 20 GHz
HMC-C026 HITTITE-HMC-C026 Datasheet
509Kb / 6P
   WIDEBAND HIGH GAIN POWER AMPLIFIER MODULE, 2 - 20 GHz
HMC-C057 HITTITE-HMC-C057 Datasheet
250Kb / 6P
   WIDEBAND POWER AMPLIFIER MODULE, 0.01 - 20 GHz
logo
Analog Devices
HMC6980 AD-HMC6980 Datasheet
345Kb / 6P
   WIDEBAND POWER AMPLIFIER MODULE, 0.01 - 20 GHZ
logo
Hittite Microwave Corpo...
HMC-C057 HITTITE-HMC-C057_10 Datasheet
281Kb / 6P
   WIDEBAND POWER AMPLIFIER MODULE, 0.01 - 20 GHz
logo
TriQuint Semiconductor
TGA1342-SCC TRIQUINT-TGA1342-SCC Datasheet
185Kb / 7P
   2-20 GHz Wideband AGC Amplifier
TGA1342-SCC TRIQUINT-TGA1342-SCC_15 Datasheet
119Kb / 7P
   2 20 GHz Wideband AGC Amplifier
TGA1342 TRIQUINT-TGA1342 Datasheet
124Kb / 4P
   2 -20 GHz Wideband AGC Amplifier
logo
Hittite Microwave Corpo...
HMC-C022 HITTITE-HMC-C022 Datasheet
437Kb / 6P
   WIDEBAND LNA MODULE, 2 - 20 GHz
HMC-C001 HITTITE-HMC-C001 Datasheet
421Kb / 4P
   WIDEBAND LNA MODULE, 2 - 20 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com