Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4624-6001 Datasheet(PDF) 3 Page - 3M Electronics

Part # 4624-6001
Description  100 X 100, Plug
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

4624-6001 Datasheet(HTML) 3 Page - 3M Electronics

  4624-6001 Datasheet HTML 1Page - 3M Electronics 4624-6001 Datasheet HTML 2Page - 3M Electronics 4624-6001 Datasheet HTML 3Page - 3M Electronics 4624-6001 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3M Interconnect Solutions Division
6801 River Place Blvd.
Austin, TX 78726-9000
For technical, sales or ordering information call
800-225-5373
.100
″  .100″ Plug
4600 Series
Table 1
Contact
Dimensions
Polarizing Notches
Contact
Quantity
A
A’
B
C
D
E
Polarizing Notches
Provided
10
1.50 [ 38.1 ]
0.90 [ 22.9 ]
0.71 [ 18.0 ]
1.20 [ 30.5 ]
0.77 [ 19.6 ]
0.85 [ 21.7 ]
B or C (See Note 1)
14
1.70 [ 43.2 ]
1.10 [ 27.9 ]
0.91 [ 23.1 ]
1.40 [ 35.6 ]
0.97 [ 24.6 ]
1.05 [ 26.8 ]
BC
16
1.80 [ 45.7 ]
1.20 [ 30.5 ]
1.01 [ 25.7 ]
1.50 [ 38.1 ]
1.07 [ 27.2 ]
1.15 [ 29.3 ]
ABC
20
2.00 [ 50.8 ]
1.40 [ 35.5 ]
1.21 [ 30.7 ]
1.70 [ 43.2 ]
1.27 [ 32.3 ]
1.35 [ 34.4 ]
ABC
24
2.20 [ 55.9 ]
1.60 [ 40.6 ]
1.41 [ 35.8 ]
1.90 [ 48.3 ]
1.47 [ 37.3 ]
1.55 [ 39.5 ]
ABC
26
2.30 [ 58.4 ]
1.70 [ 43.2 ]
1.51 [ 38.4 ]
2.00 [ 50.8 ]
1.57 [ 39.9 ]
1.65 [ 42.0 ]
ABC
30
2.50 [ 63.5 ]
1.90 [ 48.3 ]
1.71 [ 43.4 ]
2.20 [ 55.9 ]
1.77 [ 45.0 ]
1.85 [ 47.1 ]
ABC
34
2.70 [ 68.6 ]
2.10 [ 53.3 ]
1.91 [ 48.5 ]
2.40 [ 61.0 ]
1.97 [ 50.0 ]
2.05 [ 52.2 ]
ABC
36
2.80 [ 71.1 ]
2.20 [ 55.9 ]
2.01 [ 51.1 ]
2.50 [ 63.5 ]
2.07 [ 52.6 ]
2.15 [ 54.7 ]
ABC
40
3.00 [ 76.2 ]
2.40 [ 61.0 ]
2.21 [ 56.1 ]
2.70 [ 68.6 ]
2.27 [ 57.7 ]
2.35 [ 59.8 ]
ABC
50
3.50 [ 88.9 ]
2.90 [ 73.7 ]
2.71 [ 68.8 ]
3.20 [ 81.3 ]
2.77 [ 70.4 ]
2.85 [ 72.5 ]
ABC
60
4.00 [ 101.6 ]
3.40 [ 86.4 ]
3.21 [ 81.5 ]
3.70 [ 94.0 ]
3.27 [ 83.1 ]
3.35 [ 85.1 ]
ABC
64
4.20 [ 106.7 ]
3.60 [ 91.4 ]
3.41 [ 86.6 ]
3.90 [ 99.1 ]
3.47 [ 88.1 ]
3.55 [ 90.2 ]
ABC
Table 2
Ejector/Latch
Part
Dimensions
Ejector/Latch
Option
Part
Number
F
G
H
I
Short
3505-16
.335 [ 8.51 ]
.726 [ 18.44 ]
0.92 [ 23.4 ]
.41 [ 10.4 ]
Long
3505-17
.484 [ 12.29 ]
.875 [ 22.23 ]
1.07 [ 27.2 ]
.56 [ 14.2 ]
Universal
3505-21
.484 [ 12.29 ]
.809 [ 20.55 ]
1.01 [ 25.65 ]
.56 [ 14.2 ]
‘‘F’’
Strain Relief
Material .012
″ [ 0.31 ] Thick
Stainless Steel
Note:
The distance from the strain relief to the connector is equal to .04 [ 1.0 ] plus the cable thickness.
.27
[ 6.9 ]
.24
[ 6.1 ]
.043
[ 1.09 ]
.115
[ 2.92 ]
Ejector/Latch
Material: Gray Glass Filled Polyester
.162
[ 4.11 ]
G
.177
[ 4.50 ]
Polarizing Key
(Order Separately)
Material: Gray Glass Filled Polyester
.200
[ 5.08 ]
Breakaway Tab
3518
.34 Ref
[ 8.6 ]
.15
[ 3.8 ]
3M Part No 3518
.02
[ 0.5 ]
.09
[ 2.3 ]
E
.04
[ 1.0 ]
(See Note)
TS-0086-12
Sheet 3 of 4
.043
[ 1.09 ]
.115
[ 2.92 ]
.200
[ 5.08 ]
.100
[ 2.54 ]
3505-16
3505-17
3505-21


Similar Part No. - 4624-6001

ManufacturerPart #DatasheetDescription
logo
RAF ELECTRONIC HARDWARE
4624-1032-S RAF-4624-1032-S Datasheet
103Kb / 1P
   3/8 HEX MALE FEMALE STANDOFFS
logo
Bourns Electronic Solut...
4624-RC BOURNS-4624-RC Datasheet
108Kb / 1P
   Varnished Chokes
4624-RC BOURNS-4624-RC Datasheet
108Kb / 1P
   High Q, high self-resonant frequency
More results

Similar Description - 4624-6001

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-111382-0 MACOM-2-111382-0 Datasheet
116Kb / 1P
   KIT, DIP PLUG, PREASSEMBLED, .100 X .100 CENTERLINE, AMP-LATCH
logo
Adam Technologies, Inc.
FCS50SG ADAM-TECH-FCS50SG Datasheet
131Kb / 1P
   .100 IDC SOCKET .100 X .100 [2.54 X 2.54] CENTERLINE
MHF34SGL ADAM-TECH-MHF34SGL Datasheet
127Kb / 1P
   .100 IDC LATCH HEADER .100 X .100 [2.54 X 2.54]
MHR ADAM-TECH-MHR Datasheet
97Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
BHR50VU ADAM-TECH-BHR50VU Datasheet
122Kb / 1P
   .100 BOX HEADERS .100 X .100 [2.54 X 2.54] CENTERLINE
MHR40VUAL ADAM-TECH-MHR40VUAL Datasheet
130Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
logo
List of Unclassifed Man...
FFB1012EHE ETC2-FFB1012EHE Datasheet
399Kb / 1P
   100 x 100 x 38 MM SERIES
logo
Adam Technologies, Inc.
MHF-34-SGL ADAM-TECH-MHF-34-SGL Datasheet
105Kb / 1P
   .100 IDC LATCH HEADER .100 X .100 [2.54 X 2.54]
BHR-10-VSGA ADAM-TECH-BHR-10-VSGA Datasheet
489Kb / 3P
   100 BOX HEADERS 100 x .100 2.54 x 2.54 CENTERLINE
logo
3M Electronics
3448-3050 3M-3448-3050 Datasheet
392Kb / 4P
   .100 x .100 Wiremount Socket
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com