Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

152226-0003GB Datasheet(PDF) 2 Page - 3M Electronics

Part # 152226-0003GB
Description  2mm X 2mm Wiremount Socket
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

152226-0003GB Datasheet(HTML) 2 Page - 3M Electronics

  152226-0003GB Datasheet HTML 1Page - 3M Electronics 152226-0003GB Datasheet HTML 2Page - 3M Electronics 152226-0003GB Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3M Interconnect Solutions Division
6801 River Place Blvd.
Austin, TX 78726-9000
For technical, sales or ordering information call
800-225-5373
2mm
 2mm Wiremount Socket
1mm Pitch Cable
1522 Series
1522XX-0XXXXX
0 = No Strain Relief
3 = With Strain Relief
Contact Quantity
(See Table 1)
0 = Preassembled Closed
Cover, on even row side
1 = Preassembled Open
Cover
2 = Preassembled Closed
Cover, on odd row side
0 = No Polarization
1 = Center Bump
Plating
GB = 30
µ″ [ 0.76 µm ] Avg Gold
GG = 15
µ″ [ 0.38 µm ] Avg Gold
.16 [ 4.1 ]
.18 [ 4.6 ]
.04 [ 1.0 ] Typ
“B”
.37 [ 9.4 ]
.29
[ 7.4 ]
Assembled Height
with Strain Relief
“A”
.11 [ 2.8 ]
Delta Indicates
Position No. 1
Optional Center Bump
Polarity Feature
.04 [ 1.0 ]
.03 [ 0.8 ]
.29 [ 7.4 ]
.079 [ 2.0 ]
.079 [ 2.0 ]
.16 [ 4.1 ]
Assembled Height
without Strain Relief
Breakaway Tab
3435-152200
Inch
[mm]
± .005
± .1 ± .01
Tolerance Unless Noted
.0
.00
.000
Inch
[ ] Dimensions for
Reference only
Keying Plug
(Optional, Order Separately)
Ordering Information
TS-0523-08
Sheet 2 of 3
Strain Relief
3448-1522XX
Socket
Contact Quantity
(See Table 1)
®
®


Similar Part No. - 152226-0003GB

ManufacturerPart #DatasheetDescription
logo
3M Electronics
152226-0003GB 3M-152226-0003GB Datasheet
1Mb / 4P
   Pak 20 Wiremount Socket - 2 mm 횞 2 mm for 1 mm Pitch Cable
More results

Similar Description - 152226-0003GB

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
LS2-105-01-F-D-RA2 SAMTEC-LS2-105-01-F-D-RA2 Datasheet
291Kb / 4P
   2mm TERMINAL/SOCKET COMBO
logo
Micrel Semiconductor
MIC5310 MICREL-MIC5310 Datasheet
282Kb / 10P
   Dual, 150mA uCap LDO in 2mm x 2mm MLF
logo
3M Electronics
3448-3050 3M-3448-3050 Datasheet
392Kb / 4P
   .100 x .100 Wiremount Socket
logo
MMD Components
TF206 MMD-TF206 Datasheet
69Kb / 2P
   2mm X 6mm Cylindrical
logo
LUMEX INC.
SSL-LX2573ID-WS LUMEX-SSL-LX2573ID-WS Datasheet
52Kb / 1P
   2mm X 5mm RECTANGULAR
SSL-LX2573PGD LUMEX-SSL-LX2573PGD Datasheet
51Kb / 1P
   2mm X 5mm RECTANGULAR
logo
Micrel Semiconductor
MIC5330 MICREL-MIC5330_11 Datasheet
385Kb / 10P
   Dual 300mA 關Cap LDO in 2mm x 2mm MLF짰
MIC5330 MICREL-MIC5330 Datasheet
284Kb / 10P
   Dual, 300mA UCap LDO in 2mm x 2mm MLF
logo
3M Electronics
3490-5 3M-3490-5 Datasheet
20Kb / 1P
   100 X 100, Wiremount Socket
logo
Micrel Semiconductor
MIC5310 MICREL-MIC5310_11 Datasheet
372Kb / 11P
   Dual 150mA 關Cap LDO in 2mm x 2mm MLF짰
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com