Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHC1G02GW Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74AHC1G02GW
Description  2-input NOR gate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC1G02GW Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74AHC1G02GW Datasheet HTML 2Page - NXP Semiconductors 74AHC1G02GW Datasheet HTML 3Page - NXP Semiconductors 74AHC1G02GW Datasheet HTML 4Page - NXP Semiconductors 74AHC1G02GW Datasheet HTML 5Page - NXP Semiconductors 74AHC1G02GW Datasheet HTML 6Page - NXP Semiconductors 74AHC1G02GW Datasheet HTML 7Page - NXP Semiconductors 74AHC1G02GW Datasheet HTML 8Page - NXP Semiconductors 74AHC1G02GW Datasheet HTML 9Page - NXP Semiconductors 74AHC1G02GW Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
2002 May 27
6
Philips Semiconductors
Product specification
2-input NOR gate
74AHC1G02; 74AHCT1G02
Family 74AHCT1G
At recommended operating conditions; voltages are referenced to GND (ground=0V).
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
OTHER
VCC (V)
25
−40 to +85
−40 to +125
MIN.
TYP.
MAX.
MIN.
MAX.
MIN.
MAX.
VIH
HIGH-level
input voltage
4.5 to 5.5 2.0
−−
2.0
2.0
V
VIL
LOW-level
input voltage
4.5 to 5.5
−−
0.8
0.8
0.8
V
VOH
HIGH-level
output voltage
VI =VIH or VIL;
IO = −50 µA
4.5
4.4
4.5
4.4
4.4
V
VI =VIH or VIL;
IO = −8.0 mA
4.5
3.94
−−
3.8
3.70
V
VOL
LOW-level
output voltage
VI =VIH or VIL;
IO =50 µA
4.5
0
0.1
0.1
0.1
V
VI =VIH or VIL;
IO = 8.0 mA
4.5
−−
0.36
0.44
0.55
V
ILI
input leakage
current
VI =VIH or VIL
5.5
−−
0.1
1.0
2.0
µA
ICC
quiescent
supply current
VI =VCC or GND;
IO =0
5.5
−−
1.0
10
40
µA
∆ICC
additional
quiescent
supply current
per input pin
VI = 3.4 V;
other inputs at
VCC or GND;
IO =0
5.5
−−
1.35
1.5
1.5
mA
CI
input
capacitance
1.5
10
10
10
pF


Similar Part No. - 74AHC1G02GW

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AHC1G02GW NEXPERIA-74AHC1G02GW Datasheet
210Kb / 11P
   2-input NOR gate
Rev. 8 - 11 January 2022
74AHC1G02GW-Q100 NEXPERIA-74AHC1G02GW-Q100 Datasheet
680Kb / 12P
   2-input NOR gate
74AHC1G02GW-Q100 NEXPERIA-74AHC1G02GW-Q100 Datasheet
209Kb / 11P
   2-input NOR gate
Rev. 2 - 11 January 2022
More results

Similar Description - 74AHC1G02GW

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SG02FE TOSHIBA-TC7SG02FE Datasheet
166Kb / 6P
   2 Input NOR Gate
logo
Renesas Technology Corp
HD74LV1G02A RENESAS-HD74LV1G02A_08 Datasheet
106Kb / 8P
   2-input NOR Gate
HD74ALVC1G02 RENESAS-HD74ALVC1G02 Datasheet
78Kb / 10P
   2-input NOR Gate
HD74UH02 RENESAS-HD74UH02 Datasheet
142Kb / 7P
   2-input NOR Gate
logo
Unisonic Technologies
U74HC2G02 UTC-U74HC2G02 Datasheet
96Kb / 5P
   2-INPUT NOR GATE
logo
Toshiba Semiconductor
TC7SET02F TOSHIBA-TC7SET02F Datasheet
165Kb / 5P
   2-INPUT NOR GATE
logo
Unisonic Technologies
U74HC2G02 UTC-U74HC2G02_15 Datasheet
151Kb / 5P
   2-INPUT NOR GATE
logo
Nexperia B.V. All right...
74AHC1G02-Q100 NEXPERIA-74AHC1G02-Q100 Datasheet
680Kb / 12P
   2-input NOR gate
XC7SH02 NEXPERIA-XC7SH02 Datasheet
202Kb / 11P
   2-input NOR gate
Rev. 2 - 12 January 2022
logo
Toshiba Semiconductor
TC7S02F TOSHIBA-TC7S02F Datasheet
212Kb / 5P
   2-INPUT NOR GATE
TC7SH02F TOSHIBA-TC7SH02F Datasheet
197Kb / 5P
   2-INPUT NOR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com