Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHC1G06GW Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74AHC1G06GW
Description  Inverter with open-drain output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC1G06GW Datasheet(HTML) 3 Page - NXP Semiconductors

  74AHC1G06GW Datasheet HTML 1Page - NXP Semiconductors 74AHC1G06GW Datasheet HTML 2Page - NXP Semiconductors 74AHC1G06GW Datasheet HTML 3Page - NXP Semiconductors 74AHC1G06GW Datasheet HTML 4Page - NXP Semiconductors 74AHC1G06GW Datasheet HTML 5Page - NXP Semiconductors 74AHC1G06GW Datasheet HTML 6Page - NXP Semiconductors 74AHC1G06GW Datasheet HTML 7Page - NXP Semiconductors 74AHC1G06GW Datasheet HTML 8Page - NXP Semiconductors 74AHC1G06GW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
2000 May 01
3
Philips Semiconductors
Product specification
Inverter with open-drain output
74AHC1G06;
74AHCT1G06
ORDERING AND PACKAGE INFORMATION
TYPE NUMBER
PACKAGES
TEMPERATURE
RANGE
PINS
PACKAGE
MATERIAL
CODE
MARKING
74AHC1G06GW
−40 to +125 °C
5
SC-88A
plastic
SOT353
AR
74AHCT1G06GW
5
SC-88A
plastic
SOT353
CR
PINNING
PIN
SYMBOL
DESCRIPTION
1
n.c.
not connected
2
inA
data input
3
GND
ground (0 V)
4
outY
data output
5VCC
DC supply voltage
handbook, halfpage
1
2
3
5
4
MNA583
06
VCC
inA
outY
GND
n.c.
Fig.1 Pin configuration.
handbook, halfpage
MNA584
inA
outY
2
4
Fig.2 Logic symbol.


Similar Part No. - 74AHC1G06GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC1G06GW NXP-74AHC1G06GW Datasheet
78Kb / 11P
   Inverter with open-drain output
Rev. 06-7 June 2007
More results

Similar Description - 74AHC1G06GW

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MC74VHC1G05 LRC-MC74VHC1G05 Datasheet
153Kb / 4P
   Inverter with Open Drain Output
logo
NXP Semiconductors
74LVC1G06 NXP-74LVC1G06 Datasheet
87Kb / 14P
   Inverter with open-drain output
Rev. 07-12 July 2007
logo
E-Tech Electronics LTD
MC74VHC1G05 ETL-MC74VHC1G05 Datasheet
578Kb / 4P
   Inverter with Open Drain Output
logo
NXP Semiconductors
74AHC1G06 NXP-74AHC1G06_07 Datasheet
78Kb / 11P
   Inverter with open-drain output
Rev. 06-7 June 2007
74LVC1G06GV.125 NXP-74LVC1G06GV.125 Datasheet
352Kb / 18P
   Inverter with open-drain output
Rev. 10-29 June 2012
logo
Unisonic Technologies
U74AHCT3G06 UTC-U74AHCT3G06_15 Datasheet
146Kb / 5P
   INVERTER WITH OPEN-DRAIN OUTPUT
logo
NXP Semiconductors
74LVC1G06 PHILIPS-74LVC1G06 Datasheet
89Kb / 14P
   Inverter with open-drain output
2004 Sep 07
logo
Leshan Radio Company
L74VHC1G05 LRC-L74VHC1G05 Datasheet
242Kb / 6P
   Inverter with Open Drain Output
logo
Unisonic Technologies
U74AHC1G06 UTC-U74AHC1G06 Datasheet
145Kb / 5P
   INVERTER WITH OPEN-DRAIN OUTPUT
logo
Nexperia B.V. All right...
74LVC1G06-Q100 NEXPERIA-74LVC1G06-Q100 Datasheet
187Kb / 13P
   Inverter with open-drain output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com