Selected language     English  ▼


E-326 Datasheet(PDF) 1 Page - Tyco Electronics

Part No. E-326
Description  Phase Rotation Sensor 1 Amp, 115 VAC
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 1 page
background image
CONTACTOR CONFIGURATION
Phase Rotation Sensor
E-326 1 Amp, 115 VAC
PRODUCT SPECIFICATIONS
Construction
Epoxy Encapsulated
Operating Voltage and Frequency
Continuous Duty, 115V, 3 Phase, L to N, 400 Hz
Max. Input Voltage Range for Normal Operation
115
±20V
Operation
The phase rotation sensor will apply a DC potential of
+28V to any external relay coil or load when the phase
rotation is A-B-C and shall remove the +28V signal
when phase rotation is other than A-B-C.
Normal Load
1 Amp Continuous
5 Amps Intermittent (.020 Second Maximum)
Environmental:
Temperature Operating
-55
°C to +71°C
Vibration
.060 DA 5 to 55 Hz
Acceleration
55 - 200 Hz Log Constant
Weight
4.5 Oz.
Features:
• Controls External Relay
• Epoxy Encapsulated
• 115 VAC, 400 Hz, 3Ø Operation
• 1 Amp
• High Reliability
• Meets many requirements of MIL-R-6106
• Light Weight Construction
Notes:
Catalog (web doc only)
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 5-04
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
HARTMAN Aerospace Power Products
Dimensions for this product are expressed in inches.
Multiply values by 25.4 for millimeters.
For factory-direct application assistance, contact the HARTMAN
product team at (419) 521-9500, Fax (419) 526-2749.
© 2004 by Tyco Electronics Corporation. All Rights Reserved.
HARTMAN and TYCO are trademarks.




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BR605SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS 1 2 Formosa MS
MB8058 Amp Single Phase Bridge Rectifier 50 to 1000 Volts 1 2 Micro Commercial Components
RDF0051.0 Amp FAST RECOVERY SINGLE PHASE SILICON BRIDGE 1 2 List of Unclassifed Manufacturers
QRE24120013 Phase Diode Bridge Module 120 Amp/Phase Up to 2400 Volts 1 2 3 4 Powerex Power Semiconductors
BR805SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS 1 2 Formosa MS
KBPC2500S25 Amp Single Phase Bridge Rectifier 50 to 1000 Volts 1 2 Micro Commercial Components
SL120Single output 115/230 VAC input Floating output 1 2 Artesyn Technologies
NTE1779Integrated Circuit TV VIF Amp Phase Lock Loop PLL 1 2 NTE Electronics
NTE5309Single Phase Bridge Rectifier 4 Amp 1 2 NTE Electronics
1W005SINGLE PHASE 1.0 AMP SILICON BRIDGE RECTIFIERS 1 2 Jinan Gude Electronic Device

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl