Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF640NL Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # IRF640NL
Description  N-Channel Power MOSFETs 200V, 18A, 0.15ohm
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

IRF640NL Datasheet(HTML) 4 Page - Fairchild Semiconductor

  IRF640NL Datasheet HTML 1Page - Fairchild Semiconductor IRF640NL Datasheet HTML 2Page - Fairchild Semiconductor IRF640NL Datasheet HTML 3Page - Fairchild Semiconductor IRF640NL Datasheet HTML 4Page - Fairchild Semiconductor IRF640NL Datasheet HTML 5Page - Fairchild Semiconductor IRF640NL Datasheet HTML 6Page - Fairchild Semiconductor IRF640NL Datasheet HTML 7Page - Fairchild Semiconductor IRF640NL Datasheet HTML 8Page - Fairchild Semiconductor IRF640NL Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. B
Figure 5. Forward Bias Safe Operating Area
Figure 6. Unclamped Inductive Switching
Capability
Figure 7. Transfer Charicteristics
Figure 8. Saturation Charactoristics
Figure 9. Normalized Drain To Source On
Resistance vs Junction Temperature
Figure 10. Normalized Gate Threshold Voltage vs
Junction Temperature
Typical Characteristic (Continued)
0.1
1
10
100
1
10
100
VDS, DRAIN TO SOURCE VOLTAGE (V)
TJ = MAX RATED
TC = 25
oC
SINGLE PULSE
100
µs
10ms
1ms
LIMITED BY rDS(ON)
AREA MAY BE
OPERATION IN THIS
300
200
1
10
100
0.001
0.01
0.1
1
10
tAV, TIME IN AVALANCHE (ms)
tAV = (L)(IAS)/(1.3*RATED BVDSS - VDD)
If R = 0
If R
≠ 0
tAV = (L/R)ln[(IAS*R)/(1.3*RATED BVDSS - VDD) +1]
STARTING TJ = 25
oC
STARTING TJ = 150
oC
0
10
20
30
40
2
3
4
6
VGS, GATE TO SOURCE VOLTAGE (V)
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VDD = 15V
TJ = 175
oC
TJ = 25
oC
TJ = -55
oC
5
0
10
20
30
40
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS =4.5V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
TC = 25
oC
VGS = 10V
VGS = 5V
0
2345
6
1
TJ, JUNCTION TEMPERATURE (
oC)
VGS = 10V, ID = 22A
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
-80
-40
0
40
80
120
160
200
-80
-40
0
40
80
120
200
TJ, JUNCTION TEMPERATURE (
oC)
VGS = VDS, ID = 250µA
160
0.6
0.8
1.0
1.2


Similar Part No. - IRF640NL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF640NL IRF-IRF640NL Datasheet
155Kb / 11P
   Power MOSFET(Vdss=200V, Rds(on)=0.15ohm, Id=18A)
IRF640NL IRF-IRF640NL Datasheet
240Kb / 11P
   HEXFET Power MOSFET
IRF640NL IRF-IRF640NL Datasheet
248Kb / 12P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NL KERSEMI-IRF640NL Datasheet
1Mb / 11P
   Advanced Process Technology
logo
Inchange Semiconductor ...
IRF640NL ISC-IRF640NL Datasheet
288Kb / 2P
   Isc N-Channel MOSFET Transistor
More results

Similar Description - IRF640NL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
IRF240-243 FAIRCHILD-IRF240-243 Datasheet
140Kb / 5P
   N-Channel Power MOSFETs, 18A, 150-200V
IRF640 FAIRCHILD-IRF640 Datasheet
132Kb / 7P
   18A, 200V, 0.180 Ohm, N-Channel Power MOSFETs
logo
International Rectifier
IRF640N IRF-IRF640N Datasheet
155Kb / 11P
   Power MOSFET(Vdss=200V, Rds(on)=0.15ohm, Id=18A)
logo
First Components Intern...
IRF640 FCI-IRF640 Datasheet
158Kb / 5P
   18A 200V N CHANNEL POWER MOSFET
IRF640FP FCI-IRF640FP Datasheet
231Kb / 5P
   IRF640FP 18A 200V N CHANNEL POWER MOSFET
logo
Shindengen Electric Mfg...
P18LF6QNK SHINDENGEN-P18LF6QNK Datasheet
470Kb / 4P
   Power MOSFETs 60V, 18A, N-channel
logo
Unisonic Technologies
UF640V UTC-UF640V Datasheet
214Kb / 5P
   18A, 200V, 0.18OHM N-CHANNEL POWER MOSFET
logo
Shindengen Electric Mfg...
P18LF6QLK SHINDENGEN-P18LF6QLK Datasheet
470Kb / 4P
   Power MOSFETs 60V, 18A, N-channel
P18LA12SL SHINDENGEN-P18LA12SL Datasheet
1Mb / 7P
   Power MOSFETs 120V, 18A, N-channel
logo
Bruckewell Technology L...
MSL03N20 BWTECH-MSL03N20 Datasheet
584Kb / 6P
   200V N-Channel MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com