Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3950 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3950
Description  3.3V, 10.7Gbps 1:16 Deserializer with LVDS Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3950 Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX3950 Datasheet HTML 1Page - Maxim Integrated Products MAX3950 Datasheet HTML 2Page - Maxim Integrated Products MAX3950 Datasheet HTML 3Page - Maxim Integrated Products MAX3950 Datasheet HTML 4Page - Maxim Integrated Products MAX3950 Datasheet HTML 5Page - Maxim Integrated Products MAX3950 Datasheet HTML 6Page - Maxim Integrated Products MAX3950 Datasheet HTML 7Page - Maxim Integrated Products MAX3950 Datasheet HTML 8Page - Maxim Integrated Products MAX3950 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
+3.3V, 10.7Gbps 1:16 Deserializer
with LVDS Outputs
6
_______________________________________________________________________________________
Detailed Description
The MAX3950 deserializer implements a shift-register-
based demultiplexer to convert 9.953Gbps serial data
to 16-bit-wide, 622.08Mbps parallel data (Figure 4).
The allocation of the serial input bits to the parallel
LVDS outputs is displayed in Figure 5.
Applications Information
Low-Voltage Differential-Signal
Outputs
The MAX3950 features LVDS outputs for interfacing
with high-speed digital circuitry. This LVDS implementa-
tion is based on the IEEE 1596.3 LVDS reduced-range
link specification and is compatible with OIF 1999.102.
Note that the PCLK polarity on the MAX3950 is inverted
relative to OIF 1999.102, so that PCLK+ is equivalent to
RXCLK_N and PCLK- is equivalent to RXCLK_P.
The MAX3950 uses 300mVP-P to 500mVP-P differential
low-voltage swings to achieve fast transition times, min-
imize power dissipation, and improve noise immunity.
The parallel clock and data LVDS outputs (PCLK+,
PCLK-, PD_+, PD_-) require 100
Ω differential DC termi-
nation between the inverting and noninverting outputs
for proper operation. Do not terminate these outputs to
ground. For more information on interfacing with the
LVDS outputs, refer to Maxim Application Note HFAN-
1.0: Interfacing Between CML, PECL, and LVDS.
PIN
NAME
FUNCTION
15
PCLK+
Positive Parallel Clock Output, 622.08MHz, LVDS.
19, 21, 23, 27, 29, 38,
40, 44, 46, 48, 56, 58,
62, 64, 66, 3
PD0- to
PD15-
Negative Parallel Data Output, 622.08Mbps, LVDS.
20, 22, 24, 28, 30, 39,
41, 45, 47, 49, 57, 59,
63, 65, 67, 4
PD0+ to
PD15+
Positive Parallel Data Output, 622.08Mbps, LVDS.
EP
Exposed
Pad
Ground. This must be soldered to the circuit board ground for proper thermal and
electrical operation. See Layout Considerations.
CP
Corner
Pins
N.C. Not Connected. Ensure that the solder mask is located below them so that
unintentional connections do not occur.
Pin Description (continued)
CML INPUT
CML INPUT
D FLIP-FLOP
DELAY
DIVIDE BY 4
CLK
DATA
4-BIT SHIFT
REGISTER
4-BIT SHIFT
REGISTER
4-BIT SHIFT
REGISTER
4-BIT SHIFT
REGISTER
CLK
DIVIDE BY 4
DATA
MAX3950
Figure 4. Functional Block Diagram


Similar Part No. - MAX3950

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3950EGK MAXIM-MAX3950EGK Datasheet
163Kb / 7P
   PLASTIC ENCAPSULATED DEVICES
Rev. A October 14, 2003
More results

Similar Description - MAX3950

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3885 MAXIM-MAX3885 Datasheet
125Kb / 8P
   3.3V, 2.488Gbps, SDH/SONET 1:16 Deserializer with LVDS Outputs
Rev 2; 1/99
MAX3681 MAXIM-MAX3681 Datasheet
63Kb / 8P
   3.3V, 622Mbps, SDH/SONET 1:4 Deserializer with LVDS Outputs
19-1091; Rev 0; 6/96
MAX3680 MAXIM-MAX3680 Datasheet
78Kb / 8P
   3.3V, 622Mbps, SDH/SONET 1:8 Deserializer with TTL Outputs
19-1210; Rev 0; 3/97
MAX3680 MAXIM-MAX3680_V01 Datasheet
123Kb / 8P
   3.3V, 622Mbps, SDH/SONET 1:8 Deserializer with TTL Outputs
2007
MAX3880 MAXIM-MAX3880 Datasheet
194Kb / 12P
   3.3V, 2.488Gbps, SDH/SONET 1:16 Deserializer with Clock Recovery
Rev 1; 12/99
MAX3881 MAXIM-MAX3881 Datasheet
193Kb / 11P
   3.3V, 2.488Gbps, SDH/SONET 1:16 Deserializer with Clock Recovery
Rev 1; 12/01
MAX3971A MAXIM-MAX3971A Datasheet
1Mb / 10P
   3.3V, 10.7Gbps Limiting Amplifier
Rev 0; 4/02
MAX3971A MAXIM-MAX3971A_V01 Datasheet
454Kb / 9P
   3.3V, 10.7Gbps Limiting Amplifier
19-2391; Rev 2; 2/07
logo
National Semiconductor ...
DS92LV16 NSC-DS92LV16 Datasheet
397Kb / 19P
   16-Bit Bus LVDS Serializer/Deserializer - 25 - 80 MHz
logo
Maxim Integrated Produc...
MAX3890 MAXIM-MAX3890 Datasheet
155Kb / 12P
   3.3V, 2.5Gbps, SDH/SONET 16:1 Serializer with Clock Synthesis and LVDS Inputs
Rev 0; 6/99
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com