Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S82H-10012 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # S82H-10012
Description  Industrial Power Supply with Power Factor Correction
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S82H-10012 Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button S82H-10012 Datasheet HTML 2Page - Omron Electronics LLC S82H-10012 Datasheet HTML 3Page - Omron Electronics LLC S82H-10012 Datasheet HTML 4Page - Omron Electronics LLC S82H-10012 Datasheet HTML 5Page - Omron Electronics LLC S82H-10012 Datasheet HTML 6Page - Omron Electronics LLC S82H-10012 Datasheet HTML 7Page - Omron Electronics LLC S82H-10012 Datasheet HTML 8Page - Omron Electronics LLC S82H-10012 Datasheet HTML 9Page - Omron Electronics LLC S82H-10012 Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
S82H
S82H
6
Operation
Remote Sensing Function
The remote sensing function makes it possible to compensate for
voltage drops caused by load lines. To use this function, remove the
short bar from the remote sensing terminals and wire the Power
Supply and load as shown in the following illustration. The remote
sensing terminals are short-circuited with the short bar before ship-
ping.
(100-/150-W Models)
Load connection lines
Remote sensing connection
(2-conductor shielded wire)
Remove
short bars.
(300-/600-W Models)
Remote sensing connection
(2-conductor shielded wire)
Load connection lines
Remove short bars.
Note:
1. When the voltage drop in the load wiring is large, the
overvoltage protection function might engage just from
the increase in voltage to correct the voltage drop, so be
sure to use high capacity wiring.
2. If the remote sensing terminals are left unconnected, the
high voltage protection function will engage and the out-
put voltage will be cut off. Be sure to firmly tighten the ter-
minal screws.
Remote Control Function
The remote control function enables external signals to turn the out-
put of the Power Supply ON and OFF. To use this function, remove
the short bar from the remote control terminals and connect a switch
or transistor to the Power Supply as shown in the following illustra-
tion. The remote control terminals are short-circuited with the short
bar before shipping.
*Use a transistor with VCE > 20 V and IC > 5 mA.
Remove
short bars.
Tr*
Tr*
Level
Output voltage
L (0.8 V max.)
ON
H (2 V min.)
OFF
Note:
No output will be produced if the terminals are left uncon-
nected. Be sure to firmly tighten the terminal screws.
Fan Alarm Function
(300- and 600-W Models Only)
When the speed of the internal fan drops, the fan alarm output
(SPST-NO) will turn ON (shorted) and after 5 seconds, the output
voltage will be turned off.
The relay contacts must be used with 1 A at 30 V or 1 A (125 VA) at
250 VAC.
FAN
ALM
Normal condition
FAN
ALM
Alarm condition


Similar Part No. - S82H-10012

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
S8200 KODENSHI-S8200 Datasheet
186Kb / 10P
   Linear LED Driver IC
logo
Seiko Instruments Inc
S8200A SII-S8200A Datasheet
709Kb / 36P
   BATTERY PROTECTION IC FOR 1-CELL PACK
logo
Polyfet RF Devices
S8201 POLYFET-S8201 Datasheet
37Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
logo
Satco Products, Inc.
S8201 SATCO-S8201 Datasheet
124Kb / 1P
   9 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; GU24 base; 120 volts
logo
Harwin Plc
S8201-46R HARWIN-S8201-46R Datasheet
129Kb / 1P
   COIN CELL RETAINER (12mm) (TAPE REELED)
More results

Similar Description - S82H-10012

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LPT80 EMERSON-NETWORKPOWER-LPT80 Datasheet
281Kb / 3P
   Power Factor Correction
logo
EPCOS
B25667B4287A375 EPCOS-B25667B4287A375 Datasheet
136Kb / 3P
   Power Factor Correction
B25667B4497A375 EPCOS-B25667B4497A375 Datasheet
125Kb / 3P
   Power Factor Correction
B25667B5197A375 EPCOS-B25667B5197A375 Datasheet
100Kb / 3P
   Power Factor Correction
B25667B5217A175 EPCOS-B25667B5217A175 Datasheet
131Kb / 3P
   Power Factor Correction
B25667B3497A375 EPCOS-B25667B3497A375_05 Datasheet
103Kb / 3P
   Power Factor Correction
B25667B2457A175 EPCOS-B25667B2457A175 Datasheet
132Kb / 3P
   Power Factor Correction
B25667B2627A375 EPCOS-B25667B2627A375 Datasheet
129Kb / 3P
   Power Factor Correction
B25667B4207A175 EPCOS-B25667B4207A175 Datasheet
135Kb / 3P
   Power Factor Correction
logo
Interpion semiconductor
IP3002 INTERPION-IP3002 Datasheet
227Kb / 11P
   Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com