Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

563002T00000 Datasheet(PDF) 1 Page - Aavid, Thermal Division of Boyd Corporation

Part # 563002T00000
Description  For use with TO-220 packages
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

563002T00000 Datasheet(HTML) 1 Page - Aavid, Thermal Division of Boyd Corporation

  563002T00000 Datasheet HTML 1Page - Aavid, Thermal Division of Boyd Corporation 563002T00000 Datasheet HTML 2Page - Aavid, Thermal Division of Boyd Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
For use with TO-220 packages
563002t00000
VIS#002087
Mechanical Outline Drawing
H Dim 30.0 (1.18)
Thermal resistance value is
based on a 75°C rise in natural
convection
Thermal
Resistance
13.0
Page 1 of 2
Standard Products Found
2/25/2003
http://www.aavidthermalloy.com/bin/stdisp_print.pl?Pnum=563002t00000


Similar Part No. - 563002T00000

ManufacturerPart #DatasheetDescription
logo
Aavid, Thermal Division...
563002B00000 AAVID-563002B00000 Datasheet
80Kb / 2P
   For use with TO-220 packages
563002B00000G AAVID-563002B00000G Datasheet
8Mb / 116P
   Channel style heat sink with folded back fins
563002D00000G AAVID-563002D00000G Datasheet
8Mb / 116P
   Channel style heat sink with folded back fins
More results

Similar Description - 563002T00000

ManufacturerPart #DatasheetDescription
logo
Aavid, Thermal Division...
513102B02500 AAVID-513102B02500 Datasheet
82Kb / 2P
   For use with TO-220 packages
530613B00000 AAVID-530613B00000 Datasheet
78Kb / 2P
   For use with TO-220 packages
534202B33453 AAVID-534202B33453 Datasheet
81Kb / 2P
   For use with TO-220 packages
563002B00000 AAVID-563002B00000 Datasheet
80Kb / 2P
   For use with TO-220 packages
574102B03300 AAVID-574102B03300 Datasheet
83Kb / 2P
   For use with TO-220 packages
575002B00000 AAVID-575002B00000 Datasheet
80Kb / 2P
   For use with TO-220 packages
529902B02500 AAVID-529902B02500 Datasheet
82Kb / 2P
   For use with TO-220 packages
574502B00000 AAVID-574502B00000 Datasheet
82Kb / 2P
   For use with TO-220 packages
576802B04100 AAVID-576802B04100 Datasheet
88Kb / 2P
   For use with TO-220 packages
593202B03500 AAVID-593202B03500 Datasheet
90Kb / 2P
   For use with TO-220 packages
531202B00000 AAVID-531202B00000 Datasheet
83Kb / 2P
   For use with TO-220 packages
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com