Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

152212-0103GG Datasheet(PDF) 3 Page - 3M Electronics

Part # 152212-0103GG
Description  2mm X 2mm Wiremount Socket
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

152212-0103GG Datasheet(HTML) 3 Page - 3M Electronics

  152212-0103GG Datasheet HTML 1Page - 3M Electronics 152212-0103GG Datasheet HTML 2Page - 3M Electronics 152212-0103GG Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3M Interconnect Solutions Division
6801 River Place Blvd.
Austin, TX 78726-9000
For technical, sales or ordering information call
800-225-5373
2mm
 2mm Wiremount Socket
1mm Pitch Cable
1522 Series
Table 1
Contact
Dimensions
Contact
Quantity
A
B
10
.45 [ 11.4 ]
.59 [ 15.0 ]
12
.53 [ 13.4 ]
.67 [ 17.0 ]
20
.84 [ 21.3 ]
.99 [ 25.1 ]
26
1.08 [ 27.4 ]
1.22 [ 31.0 ]
40
1.63 [ 41.4 ]
1.77 [ 45.0 ]
44
1.79 [ 45.5 ]
1.93 [ 49.0 ]
50
2.03 [ 51.3 ]
2.17 [ 55.0 ]
.020
± .001 Typ
[ 0.50 ]
Square or Round
(See Note 1)
.079
± .002
[ 2.00 ]
.079
± .002
[ 2.00 ]
Inch
[mm]
± .005
± .1 ± .01
Tolerance Unless Noted
.0
.00
.000
Inch
[ ] Dimensions for
Reference only
.31 Min
[ 7.9 ]
Space Occupied
by Socket
.19 Min
[ 4.8 ]
Space for
Cable Exit
.14
[ 3.6 ]
.16 Min
[ 4.1 ]
.080 Min
[ 2.0 ]
.018 Min
[ 0.5 ]
See Note 2
Notes:
1. Measured at tip.
2. Tapered pin tip configuration recommended.
TS-0523-08
Sheet 3 of 3
Mating Pin Detail


Similar Part No. - 152212-0103GG

ManufacturerPart #DatasheetDescription
logo
3M Electronics
152212-0103GG 3M-152212-0103GG Datasheet
1Mb / 4P
   Pak 20 Wiremount Socket - 2 mm 횞 2 mm for 1 mm Pitch Cable
More results

Similar Description - 152212-0103GG

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
LS2-105-01-F-D-RA2 SAMTEC-LS2-105-01-F-D-RA2 Datasheet
291Kb / 4P
   2mm TERMINAL/SOCKET COMBO
logo
Micrel Semiconductor
MIC5310 MICREL-MIC5310 Datasheet
282Kb / 10P
   Dual, 150mA uCap LDO in 2mm x 2mm MLF
logo
3M Electronics
3448-3050 3M-3448-3050 Datasheet
392Kb / 4P
   .100 x .100 Wiremount Socket
logo
MMD Components
TF206 MMD-TF206 Datasheet
69Kb / 2P
   2mm X 6mm Cylindrical
logo
LUMEX INC.
SSL-LX2573ID-WS LUMEX-SSL-LX2573ID-WS Datasheet
52Kb / 1P
   2mm X 5mm RECTANGULAR
SSL-LX2573PGD LUMEX-SSL-LX2573PGD Datasheet
51Kb / 1P
   2mm X 5mm RECTANGULAR
logo
Micrel Semiconductor
MIC5330 MICREL-MIC5330_11 Datasheet
385Kb / 10P
   Dual 300mA 關Cap LDO in 2mm x 2mm MLF짰
MIC5330 MICREL-MIC5330 Datasheet
284Kb / 10P
   Dual, 300mA UCap LDO in 2mm x 2mm MLF
logo
3M Electronics
3490-5 3M-3490-5 Datasheet
20Kb / 1P
   100 X 100, Wiremount Socket
logo
Micrel Semiconductor
MIC5310 MICREL-MIC5310_11 Datasheet
372Kb / 11P
   Dual 150mA 關Cap LDO in 2mm x 2mm MLF짰
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com