Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M55342K02U10E0T Datasheet(PDF) 1 Page - Vishay Siliconix

Part # M55342K02U10E0T
Description  Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

M55342K02U10E0T Datasheet(HTML) 1 Page - Vishay Siliconix

  M55342K02U10E0T Datasheet HTML 1Page - Vishay Siliconix M55342K02U10E0T Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Document Number: 31010
Revision 11-Mar-03
www.vishay.com
54
RCWPM, RCWM, RCM
Vishay Dale
For Technical Questions, contact: ff2bresistors@vishay.com
Thick Film Chip Resistors, Military/Established Reliability
MIL-PRF-55342 Qualified, Type RM
FEATURES
• Allows wide design flexibility for use with hybrid circuitry
• Meets requirements of MIL-PRF-55342
• Established reliability - Verified failure rate
• Operating temperature range is - 55
°C to + 150°C
• 100% screen tested per Group A, Subgroup 1-4, MIL-PRF-
55342
• Variety of termination material and One-surface or wrap-
around termination styles
VISHAY DALE
MODEL
RCWPM, RCWM,
RCM,-550
RCWPM, RCWM,
RCM,-5100
RCWPM, RCWM,
RCM,-5150
RCWPM, RCWM,
RCM,-7225
RCWPM, RCWM,
RCM,-575
RCWPM, RCWM,
RCM,-1206
RCWPM, RCWM,
RCM,-2010
RCWPM, RCWM,
RCM-2512
RCWPM, RCWM
RCM-1100
RCWPM-0603-60
POWER
RATING
P70°C
55 mW
100 mW
150 mW
225 mW
100 mW
250 mW
800 mW
1000 mW
500 mW
70 mW
MIL-PRF-55342
STYLE
RM0505
RM1005
RM1505
RM2208
RM0705
RM1206
RM2010
RM2512
RM1010
RM0603
MIL.
SHEET
NO.
02
03
04
05
06
07
08
09
10
12
TERMINATIONS
B, C, T, U,
B, C, T, U,
B, C, T, U,
B, C, T
B, C, T, U,
B, C, T, U,
B, C, T, U,
B, C, T, U,
B, C, T, U,
B
CHAR.
M
K, M
K, M
M
K, M
M
M
K, M
M
M
K, M
M
K,M
M
M
K
M
M
M
K, M
M
M
M
K, M
M
K, M
M
M
K
RESISTANCE
RANGE
(Ohms)
5.6 - 470k
10 - 470k
10 - 464k
5.6 - 1M
10 - 1M
5.6 - 4.7M
10 - 4.7M
10 - 1M
5.6 - 15M
10 - 15M
10 - 2M
5.6 - 1M
10 - 1M
5.6 - 1M
10 - 5.62M
10 - 1M
5.6 - 15M
10 - 15M
10 - 7.5M
10 - 1M
5.6 - 15M
10 - 15M
10 - 7.5M
10 - 1M
5.49 - 5.62M
10 - 499k
5.6 - 1M
10 - 1M
10 - 1M
TOLERANCE
%
± 10
± 2 - ± 10
± 1
± 10
± 1 - ± 10
± 10
± 2 - ± 5
± 1 - ± 10
± 10
± 2 - ± 5
± 1 - ± 10
± 10
± 1 - ± 10
± 10
± 1 - ± 5
± 1 - ± 10
± 10
± 2 - ± 5
± 1
± 1 - ± 10
± 10
± 2 - ± 5
± 1
± 1 - ± 10
± 1 - ± 10
± 1% - ± 10
± 10
± 1, ± 2, ± 5
± 1, ± 2, ± 5, ± 10
MAXIMUM
OPERATING
VOLTAGE
40
40
40
40
50
100
150
200
75
50
STANDARD ELECTRICAL SPECIFICATIONS
ORDERING INFORMATION – MILITARY PART NUMBER
R
PRODUCT LEVEL
(LIFE FAILURE RATE)
C = Non-ERL
M = 1.0%/1000 hours
P = 0.1%/1000 hours
R = 0.01%/1000 hours
S = 0.001%/1000 hours
T = Space level
D55342 applies to
Style 07 (RM1206) only.
M55342 applies to all
other styles.
M55342
MIL. SPEC. NO.
INDICATING
MIL-PRF-55342
10E0
RESISTANCE
AND
TOLERANCE
See
Code
Letters
B
TERMINATION MATERIAL
B = Pre-tinned Nickel Barrier,
wraparound (RCWPM)
(“B” code is stocked)
C =
Untinned Palladium Silver,
wraparound (RCWM-XXXX-8)
T =
Untinned Platinum-Gold,
one-surface (RCM)
U =
Untinned Platinum-Gold,
wraparound (RCWM)
02
MIL. SPEC.
SHEET NO.
M =
± 300PPM/°C
K =
± 100PPM/°C
M
CHARACTERISTIC


Similar Part No. - M55342K02U10E0T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M55342K02B10E0CS2T VISHAY-M55342K02B10E0CS2T Datasheet
106Kb / 4P
   Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
Revision: 25-Jul-08
M55342K02B10E0CS3T VISHAY-M55342K02B10E0CS3T Datasheet
106Kb / 4P
   Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
Revision: 25-Jul-08
M55342K02B10E0CS6T VISHAY-M55342K02B10E0CS6T Datasheet
106Kb / 4P
   Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
Revision: 25-Jul-08
M55342K02B10E0CTPT VISHAY-M55342K02B10E0CTPT Datasheet
106Kb / 4P
   Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
Revision: 25-Jul-08
M55342K02B10E0CULT VISHAY-M55342K02B10E0CULT Datasheet
106Kb / 4P
   Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
Revision: 25-Jul-08
More results

Similar Description - M55342K02U10E0T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RCWPM VISHAY-RCWPM_15 Datasheet
372Kb / 5P
   Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
Revision: 15-Oct-15
M55342K06B15E0RS3 VISHAY-M55342K06B15E0RS3 Datasheet
109Kb / 4P
   Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
Revision: 22-Nov-12
RCWPM-07 VISHAY-RCWPM-07 Datasheet
59Kb / 3P
   Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
Revision: 30-Aug-06
RCWPM VISHAY-RCWPM_08 Datasheet
106Kb / 4P
   Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
Revision: 25-Jul-08
RNC55H1502FSB14 VISHAY-RNC55H1502FSB14 Datasheet
152Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-55182 Qualified
Revision: 21-Sep-12
RLR07C1500GR VISHAY-RLR07C1500GR Datasheet
151Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
Revision: 19-Nov-12
ERL VISHAY-ERL_15 Datasheet
146Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
Revision: 25-Aug-15
RLR05C475 VISHAY-RLR05C475 Datasheet
152Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
Revision: 11-Nov-13
RLR07C2001FM VISHAY-RLR07C2001FM Datasheet
151Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
Revision: 19-Nov-12
ERL VISHAY-ERL Datasheet
151Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
Revision: 19-Nov-12
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com