Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

580700B00000 Datasheet(PDF) 1 Page - Aavid, Thermal Division of Boyd Corporation

Part # 580700B00000
Description  For use with 40 PIN PLASTIC DIP packages
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

580700B00000 Datasheet(HTML) 1 Page - Aavid, Thermal Division of Boyd Corporation

  580700B00000 Datasheet HTML 1Page - Aavid, Thermal Division of Boyd Corporation 580700B00000 Datasheet HTML 2Page - Aavid, Thermal Division of Boyd Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
For use with 40 PIN PLASTIC DIP packages
580700b00000
VIS#002695
Mechanical Outline Drawing
Thermal resistance value is based on
a 75°C rise in natural convection
Thermal
Resistance
22.0
Page 1 of 2
Standard Products Found
2/26/2003
http://www.aavidthermalloy.com/bin/stdisp_print.pl?Pnum=580700b00000


Similar Part No. - 580700B00000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
58074-1 MACOM-58074-1 Datasheet
662Kb / 6P
   AMP CT Connector Series
58074-1 MACOM-58074-1 Datasheet
297Kb / 6P
   The head must be installed in Pistol Grip Manual Handle Assembly
58074-1 MACOM-58074-1 Datasheet
296Kb / 6P
   The head must be installed in Pistol Grip Manual Handle Assembly
logo
TE Connectivity Ltd
58075-1 TEC-58075-1 Datasheet
268Kb / 5P
   Pistol Grip Pneumatic Handle Assembly
logo
Tyco Electronics
58075-1 MACOM-58075-1 Datasheet
297Kb / 6P
   The head must be installed in Pistol Grip Manual Handle Assembly
More results

Similar Description - 580700B00000

ManufacturerPart #DatasheetDescription
logo
Aavid, Thermal Division...
580500B00000 AAVID-580500B00000 Datasheet
92Kb / 2P
   For use with 24 PIN DIP packages
580300B00000 AAVID-580300B00000 Datasheet
91Kb / 2P
   For use with 18 PIN DIP packages
508500B00000 AAVID-508500B00000 Datasheet
73Kb / 2P
   For use with 24 PIN DIP packages
580400B00000 AAVID-580400B00000 Datasheet
91Kb / 2P
   For use with 20 PIN DIP packages
501200B00000 AAVID-501200B00000 Datasheet
74Kb / 2P
   For use with 14 or 16 Pin dip packages
580200B00000 AAVID-580200B00000 Datasheet
88Kb / 2P
   For use with 14 or 16 PIN DIP packages
501503B00100 AAVID-501503B00100 Datasheet
87Kb / 2P
   For use with TO-3 packages
513102B02500 AAVID-513102B02500 Datasheet
82Kb / 2P
   For use with TO-220 packages
530001B02500 AAVID-530001B02500 Datasheet
84Kb / 2P
   For use with TO-218 packages
530613B00000 AAVID-530613B00000 Datasheet
78Kb / 2P
   For use with TO-220 packages
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com