Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4620-6255 Datasheet(PDF) 1 Page - 3M Electronics

Part # 4620-6255
Description  100 X 100, Plug
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

4620-6255 Datasheet(HTML) 1 Page - 3M Electronics

  4620-6255 Datasheet HTML 1Page - 3M Electronics 4620-6255 Datasheet HTML 2Page - 3M Electronics 4620-6255 Datasheet HTML 3Page - 3M Electronics 4620-6255 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3M Interconnect Solutions Division
6801 River Place Blvd.
Austin, TX 78726-9000
For technical, sales or ordering information call
800-225-5373
.100
″  .100″ Plug
4600 Series
36
S Shrouded to protect against physical and
chemical pin damage
S Open or closed end covers available
S Optional ejector latches
S Accepts flat cable or discrete wire
S Military (with 3518 polarizing key) and
centerbump polarization available
S Optional mounting flanges
TS-0086-12
Sheet 1 of 4
Date Modified: February 19, 1999
Physical
Insulation
Material: Glass Filled Polyester (PBT)
Flammability: UL 94V-0
Color: Gray
Contact
Material: Copper Alloy
Plating
Underplate & U-Slot: 100
µ″ (2.54 µm) Nickel — QQ-N-290, Class 2
Wiping Area: 30
µ″ (0.76 µm) Gold — MIL-G-45204, Type II, Grade C
Wire Accommodation: 26 & 28 AWG Solid or Stranded
Marking: 3M Logo, Part Identification Number, and Contact Position Numbers
Electrical
Current Rating: 1 A
Insulation Resistance: > 1
× 109 Ω at 500 Vdc
Withstanding Voltage: 1000 Vrms at Sea Level
Environmental
Temperature Rating: – 55
°C to + 105°C
UL File No.: E68080


Similar Part No. - 4620-6255

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
462006-2 TEC-462006-2 Datasheet
1Mb / 1P
   IT IS SUBJECT TO CHANGE AND THE CONTROLLING ENGINEERING ORGANIZATION
462006-6 TEC-462006-6 Datasheet
4Mb / 4P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
462006-6 TEC-462006-6 Datasheet
4Mb / 4P
   SHOULD BE CONTACTED FOR THE LATEST REVISION.
462006-6 TEC-462006-6 Datasheet
4Mb / 4P
   IT IS SUBJECT TO CHANGE AND THE CONTROLLING ENGINEERING ORGANIZATION
462006-6 TEC-462006-6 Datasheet
5Mb / 4P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
More results

Similar Description - 4620-6255

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-111382-0 MACOM-2-111382-0 Datasheet
116Kb / 1P
   KIT, DIP PLUG, PREASSEMBLED, .100 X .100 CENTERLINE, AMP-LATCH
logo
Adam Technologies, Inc.
FCS50SG ADAM-TECH-FCS50SG Datasheet
131Kb / 1P
   .100 IDC SOCKET .100 X .100 [2.54 X 2.54] CENTERLINE
MHF34SGL ADAM-TECH-MHF34SGL Datasheet
127Kb / 1P
   .100 IDC LATCH HEADER .100 X .100 [2.54 X 2.54]
MHR ADAM-TECH-MHR Datasheet
97Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
BHR50VU ADAM-TECH-BHR50VU Datasheet
122Kb / 1P
   .100 BOX HEADERS .100 X .100 [2.54 X 2.54] CENTERLINE
MHR40VUAL ADAM-TECH-MHR40VUAL Datasheet
130Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
logo
List of Unclassifed Man...
FFB1012EHE ETC2-FFB1012EHE Datasheet
399Kb / 1P
   100 x 100 x 38 MM SERIES
logo
Adam Technologies, Inc.
MHF-34-SGL ADAM-TECH-MHF-34-SGL Datasheet
105Kb / 1P
   .100 IDC LATCH HEADER .100 X .100 [2.54 X 2.54]
BHR-10-VSGA ADAM-TECH-BHR-10-VSGA Datasheet
489Kb / 3P
   100 BOX HEADERS 100 x .100 2.54 x 2.54 CENTERLINE
logo
3M Electronics
3448-3050 3M-3448-3050 Datasheet
392Kb / 4P
   .100 x .100 Wiremount Socket
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com