Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHCT245PW Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74AHCT245PW
Description  Octal bus transceiver; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCT245PW Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74AHCT245PW Datasheet HTML 7Page - NXP Semiconductors 74AHCT245PW Datasheet HTML 8Page - NXP Semiconductors 74AHCT245PW Datasheet HTML 9Page - NXP Semiconductors 74AHCT245PW Datasheet HTML 10Page - NXP Semiconductors 74AHCT245PW Datasheet HTML 11Page - NXP Semiconductors 74AHCT245PW Datasheet HTML 12Page - NXP Semiconductors 74AHCT245PW Datasheet HTML 13Page - NXP Semiconductors 74AHCT245PW Datasheet HTML 14Page - NXP Semiconductors 74AHCT245PW Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
1999 Sep 28
11
Philips Semiconductors
Product specification
Octal bus transceiver; 3-state
74AHC245; 74AHCT245
AC WAVEFORMS
Fig.4 The input (An,Bn) to output (Bn,An) propagation delays.
handbook, halfpage
MNA176
An, Bn INPUT
Bn, An OUTPUT
tPLH
tPHL
GND
VI
VM
VM
VM
VM
VOH
VOL
FAMILY
VI INPUT
REQUIREMENTS
VM
INPUT
VM
OUTPUT
AHC
GND to VCC
50% VCC
50% VCC
AHCT
GND to 3.0 V
1.5 V
50% VCC
Fig.5 The 3-state output enable and disable times.
handbook, full pagewidth
MNA177
tPLZ
tPHZ
outputs
disabled
outputs
enabled
VOH − 0.3 V
VOL + 0.3 V
outputs
enabled
OUTPUT
LOW-to-OFF
OFF-to-LOW
OUTPUT
HIGH-to-OFF
OFF-to-HIGH
OEn INPUT
VI
VCC
VM
VOL
VOH
GND
GND
tPZL
tPZH
VM
VM
FAMILY
VI INPUT
REQUIREMENTS
VM
INPUT
VM
OUTPUT
AHC
GND to VCC
50% VCC
50% VCC
AHCT
GND to 3.0 V
1.5 V
50% VCC


Similar Part No. - 74AHCT245PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHCT245PW NXP-74AHCT245PW Datasheet
424Kb / 16P
   Octal bus transceiver 3-state
Rev. 03-25 September 2007
logo
Nexperia B.V. All right...
74AHCT245PW NEXPERIA-74AHCT245PW Datasheet
265Kb / 16P
   Octal bus transceiver; 3-state
Rev. 6 - 3 July 2020
74AHCT245PW-Q100 NEXPERIA-74AHCT245PW-Q100 Datasheet
719Kb / 17P
   Octal bus transceiver; 3-state
More results

Similar Description - 74AHCT245PW

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74ALS245A FAIRCHILD-DM74ALS245A Datasheet
73Kb / 6P
   Octal 3-STATE Bus Transceiver
logo
STMicroelectronics
74VHCT245A STMICROELECTRONICS-74VHCT245A Datasheet
68Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
74ACT245 STMICROELECTRONICS-74ACT245 Datasheet
70Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
April 2001
logo
NXP Semiconductors
74ALVC245 PHILIPS-74ALVC245_15 Datasheet
100Kb / 14P
   Octal bus transceiver; 3-state
Rev. 02-7 January 2008
logo
Toshiba Semiconductor
TC74HCT245AP TOSHIBA-TC74HCT245AP_07 Datasheet
236Kb / 7P
   Octal Bus Transceiver (3-state)
logo
Integral Corp.
IN74ACT643 INTEGRAL-IN74ACT643 Datasheet
195Kb / 5P
   OCTAL 3-STATE BUS TRANSCEIVER
logo
NXP Semiconductors
74LVC245A NXP-74LVC245A Datasheet
122Kb / 17P
   Octal bus transceiver; 3-state
Rev. 05-25 August 2009
logo
Nexperia B.V. All right...
74LVC245A-Q100 NEXPERIA-74LVC245A-Q100 Datasheet
263Kb / 15P
   Octal bus transceiver; 3-state
Rev. 4 - 5 August 2020
74VHCT245 NEXPERIA-74VHCT245 Datasheet
607Kb / 16P
   Octal bus transceiver; 3-state
Rev. 01 - 25 August 2009
74LVC245A NEXPERIA-74LVC245A Datasheet
289Kb / 16P
   Octal bus transceiver; 3-state
Rev. 12 - 16 September 2021
74ALVC245 NEXPERIA-74ALVC245 Datasheet
252Kb / 14P
   Octal bus transceiver; 3-state
Rev. 3 - 30 April 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com