Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM42-0054 Datasheet(PDF) 4 Page - Tyco Electronics

Part # AM42-0054
Description  1 Watt / 2 Watt L-Band Power Amplifier 1.435 - 1.525 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AM42-0054 Datasheet(HTML) 4 Page - Tyco Electronics

  AM42-0054 Datasheet HTML 1Page - Tyco Electronics AM42-0054 Datasheet HTML 2Page - Tyco Electronics AM42-0054 Datasheet HTML 3Page - Tyco Electronics AM42-0054 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
!
"
!
"
#
$ %&''()) **)) + ,%-.& ()) **))
#
$ %// 0-'& 1./ *'' + ,%// 0-'& 1./ (''
#
$ %&0 // &// &*-) + ,%&0 // &// &*-&
2
!
/
*
<
0
=
5
>
/* ''1/
? 01 8
. D
"
<


Similar Part No. - AM42-0054

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM42-0055 MACOM-AM42-0055 Datasheet
307Kb / 4P
   1 Watt / 2 Watt S-Band Power Amplifier 2.2 - 2.4 GHz
logo
M/A-COM Technology Solu...
AM42-0055 MA-COM-AM42-0055 Datasheet
106Kb / 4P
   1 Watt/2 Watt S-Band Power Amplifier 2.2 - 2.4 GHz
More results

Similar Description - AM42-0054

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AM42-0055 MA-COM-AM42-0055 Datasheet
106Kb / 4P
   1 Watt/2 Watt S-Band Power Amplifier 2.2 - 2.4 GHz
logo
Tyco Electronics
AM42-0055 MACOM-AM42-0055 Datasheet
307Kb / 4P
   1 Watt / 2 Watt S-Band Power Amplifier 2.2 - 2.4 GHz
logo
TriQuint Semiconductor
TGA4539-SM TRIQUINT-TGA4539-SM_15 Datasheet
901Kb / 14P
   Ka Band 1 Watt Power Amplifier
logo
Qorvo, Inc
QPA2610 QORVO-QPA2610 Datasheet
991Kb / 24P
   2 Watt X-Band Power Amplifier
logo
TriQuint Semiconductor
TGA2510-TS TRIQUINT-TGA2510-TS_15 Datasheet
504Kb / 12P
   Ku Band, 2 Watt Power Amplifier
TGA4539-SM TRIQUINT-TGA4539-SM Datasheet
1Mb / 14P
   Ka-Band 1 Watt Power Amplifier
TGA1055 TRIQUINT-TGA1055 Datasheet
482Kb / 3P
   Ka Band 2 Watt Power Amplifier
TGA2510-EPU TRIQUINT-TGA2510-EPU Datasheet
264Kb / 11P
   Ku Band, 2 Watt Power Amplifier
TGA2510 TRIQUINT-TGA2510_15 Datasheet
557Kb / 11P
   Ku Band, 2 Watt Power Amplifier
TGA4514 TRIQUINT-TGA4514_15 Datasheet
480Kb / 13P
   2 Watt Ka-Band Power Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com