Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC823ERD Datasheet(PDF) 5 Page - Motorola, Inc

Part # MPC823ERD
Description  MPC823e Mobile Computing Microprocessor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC823ERD Datasheet(HTML) 5 Page - Motorola, Inc

  MPC823ERD Datasheet HTML 1Page - Motorola, Inc MPC823ERD Datasheet HTML 2Page - Motorola, Inc MPC823ERD Datasheet HTML 3Page - Motorola, Inc MPC823ERD Datasheet HTML 4Page - Motorola, Inc MPC823ERD Datasheet HTML 5Page - Motorola, Inc MPC823ERD Datasheet HTML 6Page - Motorola, Inc MPC823ERD Datasheet HTML 7Page - Motorola, Inc MPC823ERD Datasheet HTML 8Page - Motorola, Inc MPC823ERD Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MOTOROLA
MPC823e Mobile Computing Microprocessor
5
Video/LCD Controller
— Video Controller
– Supports Digital NTSC/PAL Video Encoders and Digital TFT
– Sequential RGB, 4:4:4, and 4:2:2 YCrCb (CCIR 601) Digital Component
Video Formats
– CCIR-656 Compatible 8-Bit Interface Port
– Horizontal Sync, Vertical Sync, Field and Blanking Timing
– Generation with Half-Clock Resolution and Programmable Polarity
– Supports Interlace/Noninterlace Scanning Methods
– Programmable Display Active Area
– Programmable Background Color for Inactive Area
– Glueless Interface for Most Digital Video Encoders
– Hardware Horizontal Scrolling
– Uses Burst Read DMA Cycles for Maximum Bus Performance
– Panel Voltage Control Adjustments for Contrast Set with On-Chip Timers
– End-of-Frame Interrupt Generation
— LCD Controller
– Supports Digital TFT and Passive LCD Panels
– Horizontal Sync, Vertical Sync, Field and Blanking Timing
– Generation with Half-Clock Resolution and Programmable Polarity
– 1-, 2-, or 4-Bit Per Pixel Grayscale Mode Using Advanced Frame Rate Control
Algorithm
– Four or Eight Bits Per Pixel Color Mode
– 4-, 8-, 9-, or 12-Bit Parallel Output to LCD Displays
– Programmable Display Active Area
– Non-Split or Vertically Split Screen Support
– Uses Burst Read DMA Cycles for Maximum Bus Performance
– End-of-Frame Interrupt Generation
– Data for Splits—2+2 or 4+4 Parallel Bits (x+x Refers to x Bits Each for Lower and
Upper Screens in Parallel)
– Built-In Color RAM with 256 12-Bit Entries
– Programmable Wait Time Between Lines and Frames
– Panel Voltage Control Adjustments for Contrast Set with On-Chip Timers
– Programmable Polarity for All LCD Interface Signals
Single-Socket PCMCIA-ATA Interface
— Master Interface, Release 2.1 Compliant
— Single PCMCIA Socket
— Eight Memory or I/O Windows Available
— Eight General-Purpose I/O Pins and Two General-Purpose Output-Only Pins are
Available when the PCMCIA Controller is Not in Operation
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MPC823ERD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC823 MOTOROLA-MPC823 Datasheet
234Kb / 74P
   Communication Processor Module
logo
Freescale Semiconductor...
MPC823 FREESCALE-MPC823 Datasheet
1Mb / 70P
   AC Electrical Specifications
MPC823 FREESCALE-MPC823 Datasheet
422Kb / 70P
   This document contains detailed information on power considerations, DC/AC electrical characteristics, and AC timing specifications for the MPC823.
logo
NXP Semiconductors
MPC823 NXP-MPC823 Datasheet
3Mb / 242P
   Design Specification
Rev 0.1
logo
Motorola, Inc
MPC823UM_REV1_16-CPM7 MOTOROLA-MPC823UM_REV1_16-CPM7 Datasheet
234Kb / 74P
   Communication Processor Module
More results

Similar Description - MPC823ERD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PL-1061 ETC-PL-1061 Datasheet
92Kb / 1P
   Mobile Computing System
logo
Intel Corporation
QG82945GMSL8Z2 INTEL-QG82945GMSL8Z2 Datasheet
39Kb / 1P
   Mobile Intel 945GM Express Chipset for Embedded Computing
915GME INTEL-915GME Datasheet
408Kb / 2P
   Mobile Intel짰 915GME Express Chipset for Embedded Computing
910GMLE INTEL-910GMLE Datasheet
708Kb / 2P
   Mobile Intel짰 910GMLE Express Chipset for Embedded Computing
945GSE INTEL-945GSE Datasheet
208Kb / 2P
   Mobile Intel짰 945GSE Express Chipset for Embedded Computing
945GME INTEL-945GME Datasheet
156Kb / 2P
   Mobile Intel짰 945GME Express Chipset for Embedded Computing
AC82GS45-SLB92 INTEL-AC82GS45-SLB92 Datasheet
223Kb / 4P
   Mobile Intel짰 GM45, GS45, and GL40 Express Chipsets for Embedded Computing
AC82GM45-SLB94 INTEL-AC82GM45-SLB94 Datasheet
223Kb / 4P
   Mobile Intel짰 GM45, GS45, and GL40 Express Chipsets for Embedded Computing
logo
Advantech Co., Ltd.
1700090301 ADVANTECH-1700090301 Datasheet
292Kb / 4P
   Embedded Computing Peripherals
logo
VIA Technologies, Inc.
VAB-820 VIA-VAB-820 Datasheet
750Kb / 2P
   Edge Computing Platforms
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com