Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAL-007673 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MAAL-007673
Description  Low Noise Amplifier 1.7 - 2.0 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAL-007673 Datasheet(HTML) 2 Page - Tyco Electronics

  MAAL-007673 Datasheet HTML 1Page - Tyco Electronics MAAL-007673 Datasheet HTML 2Page - Tyco Electronics MAAL-007673 Datasheet HTML 3Page - Tyco Electronics MAAL-007673 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Low Noise Amplifier
1.7 - 2.0 GHz
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
North America Tel: 800.366.2266 / Fax: 978.366.2266
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
MAAL-007673
V1
2
RoHS
Compliant
Electrical Specifications6: TA = 25°C, VDD = +5 V, Z0 = 50 Ω
Parameter
Test Conditions
Units
Min
Typ
Max
Gain
1.7 - 2.0 GHz, PIN = -30 dBm
dB
18
20
22
Noise Figure
1.7 - 2.0 GHz
dB
1.65
2.00
Input VSWR
1.7 - 2.0 GHz, PIN = -30 dBm
Ratio
1.7:1
Output VSWR
1.7 - 2.0 GHz, PIN = -30 dBm
Ratio
1.7:1
Output 1 dB Compression
1.7 - 2.0 GHz
dBm
7
Input IP3
1.7 - 2.0 GHz, PIN = -30 dBm
dBm
-1
Reverse Isolation
1.7 - 2.0 GHz, PIN = -30 dBm
dB
38
Bias Current
mA
5
8
11
6. See plots for 3-volt performance.
Component List
Part
Value
Case Size
Manufacturer
C1
500 pF
0603
Murata
L1
15 nH
0805
Coilcraft
R1
(Optional)
35 to 40
0603
Panasonic
7.
Pins 1, 4, 5 and 8 must be RF and DC grounded as shown.
8.
Pin 3 is the RF input, pin 6 is the RF output. VDD is
applied on pin 7. This pin must be bypassed with a 500 pF
surface mount MLC capacitor, mounted as close as
possible to pin 7, and RF decoupled with a chip inductor
having a minimum value of 15 nH (as shown in the
Recommended PCB Configuration).
9.
Pin 2 allows use of an external resistor to ground for
optional, higher current bias. For nominal current
operation no resistor is used. For optional 20 mA current
operation, connect a 35 to 40 ohm chip resistor (as show in
the Recommended PCB Configuration).
Recommended PCB Configuration
Application Schematic 7,8,9
L1
C1
VDD
RF IN
RF OUT
R1
(Optional)
See Note 9


Similar Part No. - MAAL-007673

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAL-007673 MA-COM-MAAL-007673 Datasheet
136Kb / 4P
   Low Noise Amplifier 1.7 - 2.0 GHz
MAAL-007673 MA-COM-MAAL-007673 Datasheet
136Kb / 4P
   Low Noise Amplifier
MAAL-007673-000000 MA-COM-MAAL-007673-000000 Datasheet
136Kb / 4P
   Low Noise Amplifier 1.7 - 2.0 GHz
MAAL-007673-000000 MA-COM-MAAL-007673-000000 Datasheet
705Kb / 5P
   Low Noise Amplifier
MAAL-007673-TR1000 MA-COM-MAAL-007673-TR1000 Datasheet
136Kb / 4P
   Low Noise Amplifier 1.7 - 2.0 GHz
More results

Similar Description - MAAL-007673

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAM12031 MACOM-MAAM12031 Datasheet
241Kb / 4P
   Low Noise Amplifier 1.7 - 2.0 GHz
MAAM12032 MACOM-MAAM12032 Datasheet
116Kb / 3P
   Low Noise Amplifier 1.7 - 2.0 GHz
logo
M/A-COM Technology Solu...
MAAM12031 MA-COM-MAAM12031 Datasheet
205Kb / 4P
   Low Noise Amplifier 1.7 - 2.0 GHz
MAAL-007673 MA-COM-MAAL-007673 Datasheet
136Kb / 4P
   Low Noise Amplifier 1.7 - 2.0 GHz
logo
Sony Corporation
CXG1013N SONY-CXG1013N Datasheet
197Kb / 6P
   1.7 to 2.0 GHz Low Noise Amplifier/Down Conversion Mixer
logo
Skyworks Solutions Inc.
SKY65049-360LF SKYWORKS-SKY65049-360LF Datasheet
259Kb / 12P
   1.7 - 2.4 GHz Low Noise Amplifier
logo
HBH Microwave GmbH
HA1002 HBH-HA1002 Datasheet
37Kb / 4P
   1.1 - 1.7 GHz Low Noise Amplifier
logo
Tyco Electronics
MAALSS0024 MACOM-MAALSS0024 Datasheet
260Kb / 4P
   Broadband Low Noise Amplifier 1.7 - 2.1 GHz
MAALSS0049 MACOM-MAALSS0049 Datasheet
294Kb / 6P
   GPS Low Noise Amplifier 1.5 - 1.7 GHz
MAALSS0027 MACOM-MAALSS0027 Datasheet
288Kb / 6P
   GPS Low Noise Amplifier 1.5 - 1.7 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com