Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA-4543-TR1 Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # ADA-4543-TR1
Description  Silicon Bipolar Darlington Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ADA-4543-TR1 Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button ADA-4543-TR1 Datasheet HTML 2Page - Agilent(Hewlett-Packard) ADA-4543-TR1 Datasheet HTML 3Page - Agilent(Hewlett-Packard) ADA-4543-TR1 Datasheet HTML 4Page - Agilent(Hewlett-Packard) ADA-4543-TR1 Datasheet HTML 5Page - Agilent(Hewlett-Packard) ADA-4543-TR1 Datasheet HTML 6Page - Agilent(Hewlett-Packard) ADA-4543-TR1 Datasheet HTML 7Page - Agilent(Hewlett-Packard) ADA-4543-TR1 Datasheet HTML 8Page - Agilent(Hewlett-Packard) ADA-4543-TR1 Datasheet HTML 9Page - Agilent(Hewlett-Packard) ADA-4543-TR1 Datasheet HTML 10Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Device Orientation
Tape Dimensions
For Outline 4T
For product information and a complete list of Agilent
contacts and distributors, please go to our web site.
www.agilent.com/semiconductors
E-mail: SemiconductorSupport@agilent.com
Data subject to change.
Copyright © 2004 Agilent Technologies, Inc.
Obsoletes 5988-9272EN
December 1, 2004
5989-1974EN
USER
FEED
DIRECTION
COVER TAPE
CARRIER
TAPE
REEL
END VIEW
8 mm
4 mm
TOP VIEW
P
P0
P2
F
W
C
D1
D
E
A0
10
° MAX.
t1 (CARRIER TAPE THICKNESS)
Tt (COVER TAPE THICKNESS)
10
° MAX.
B0
K0
DESCRIPTION
SYMBOL
SIZE (mm)
SIZE (INCHES)
LENGTH
WIDTH
DEPTH
PITCH
BOTTOM HOLE DIAMETER
A0
B0
K0
P
D1
2.40
± 0.10
2.40
± 0.10
1.20
± 0.10
4.00
± 0.10
1.00 + 0.25
0.094
± 0.004
0.094
± 0.004
0.047
± 0.004
0.157
± 0.004
0.039 + 0.010
CAVITY
DIAMETER
PITCH
POSITION
D
P0
E
1.50
± 0.10
4.00
± 0.10
1.75
± 0.10
0.061 + 0.002
0.157
± 0.004
0.069
± 0.004
PERFORATION
WIDTH
THICKNESS
W
t1
8.00 + 0.30 - 0.10
0.254
± 0.02
0.315 + 0.012
0.0100
± 0.0008
CARRIER TAPE
CAVITY TO PERFORATION
(WIDTH DIRECTION)
CAVITY TO PERFORATION
(LENGTH DIRECTION)
F
P2
3.50
± 0.05
2.00
± 0.05
0.138
± 0.002
0.079
± 0.002
DISTANCE
WIDTH
TAPE THICKNESS
C
Tt
5.40
± 0.10
0.062
± 0.001
0.205 + 0.004
0.0025
± 0.0004
COVER TAPE


Similar Part No. - ADA-4543-TR1

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADA-4543 AVAGO-ADA-4543 Datasheet
108Kb / 10P
   Silicon Bipolar Darlington Amplifi er
More results

Similar Description - ADA-4543-TR1

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ADA-4743 HP-ADA-4743 Datasheet
107Kb / 9P
   Silicon Bipolar Darlington Amplifier
logo
Broadcom Corporation.
ADA-4789 BOARDCOM-ADA-4789 Datasheet
395Kb / 13P
   Silicon Bipolar Darlington Amplifier
logo
Agilent(Hewlett-Packard...
ADA-4643 HP-ADA-4643 Datasheet
110Kb / 10P
   Silicon Bipolar Darlington Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ADA-4789 AVAGO-ADA-4789_15 Datasheet
395Kb / 13P
   Silicon Bipolar Darlington Amplifier
ADA-4789 AVAGO-ADA-4789 Datasheet
385Kb / 13P
   Silicon Bipolar Darlington Amplifier Small Signal Gain Amplifier
ADA-4543 AVAGO-ADA-4543 Datasheet
108Kb / 10P
   Silicon Bipolar Darlington Amplifi er
ADA-4643 AVAGO-ADA-4643 Datasheet
107Kb / 12P
   Silicon Bipolar Darlington Amplifi er
ADA-4743 AVAGO-ADA-4743 Datasheet
103Kb / 9P
   Silicon Bipolar Darlington Amplifi er
logo
New Jersey Semi-Conduct...
MPSU95 NJSEMI-MPSU95 Datasheet
82Kb / 2P
   PNP SILICON DARLINGTON AMPLIFIER TRANSISTOR
logo
ON Semiconductor
MMBTA13LT1 ONSEMI-MMBTA13LT1 Datasheet
235Kb / 8P
   Darlington Amplifier Transistors(NPN Silicon)
March, 2001 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com