Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAL-007673-TR1000 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MAAL-007673-TR1000
Description  Low Noise Amplifier 1.7 - 2.0 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAL-007673-TR1000 Datasheet(HTML) 1 Page - Tyco Electronics

  MAAL-007673-TR1000 Datasheet HTML 1Page - Tyco Electronics MAAL-007673-TR1000 Datasheet HTML 2Page - Tyco Electronics MAAL-007673-TR1000 Datasheet HTML 3Page - Tyco Electronics MAAL-007673-TR1000 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Low Noise Amplifier
1.7 - 2.0 GHz
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
North America Tel: 800.366.2266 / Fax: 978.366.2266
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
MAAL-007673
V1
1
RoHS
Compliant
Features
• Low Noise Figure: 1.65 dB
• High Gain: 20 dB
• Low Power Consumption: 3 to 5 V, 8 mA
• High Dynamic Range
• DC Decoupled RF Input and Output
• No External RF Tuning Elements Necessary
• Lead-Free Low Cost SOIC-8 Plastic Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of MAAM12031
Description
M/A-COM’s MAAL-007673 is a high performance
GaAs MMIC low noise amplifier in a lead-free SOIC
8-lead surface mount package. The MAAL-007673
employs a fully monolithic design which eliminates
the need for external tuning networks.
It can be
biased using 3 or 5 volt supplies and has an option
for biasing at higher currents for increased dynamic
range.
The MAAL-007673 is ideally suited for use where
low noise figure, high gain, high dynamic range and
low power consumption are required.
Typical
applications include receiver front ends in the
Japanese Personal Handy Phone Service (PHS),
Private Branch Exchange (PBX) and Personal
Communications
and
Networks
(PCS,
PCN)
markets, as well as standard gain blocks, buffer
amps, driver amps and IF amps in both fixed and
portable systems.
M/A-COM’s MAAL-007673 is fabricated using a
mature 0.5-micron gate length GaAs process. The
process features full passivation for increased
performance reliability.
Ordering Information1
Part Number
Package
MAAL-007673-000000
Bulk Packaging
MAAL-007673-TR1000
1000 piece reel
MAAL-007673-TR3000
3000 piece reel
1.
Reference Application Note M513 for reel size information.
Functional Schematic
Pin Configuration
Pin No.
Function
Pin No.
Function
1
Ground
5
Ground
2
R1 (Optional)
6
RF Output
3
RF Input
7
VDD
4
Ground
8
Ground
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
8
7
6
5
1
2
3
4
RF OUT
GND
GND
RF IN
GND
GND
VDD
R1
(optional)
Absolute Maximum Ratings 2,3
Parameter
Absolute Maximum
VDD
+10 VDC
Input Power
+17 dBm
Current
4
30 mA
Channel Temperature
5
+150°C
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
2. Exceeding any one or combination of these limits may cause
permanent damage to this device.
3. M/A-COM does not recommend sustained operation near
these survivability limits.
4. Only if pin 2 is used to increase current (see note 9).
5. Typical thermal resistance (
θjc) = +165°C/W.


Similar Part No. - MAAL-007673-TR1000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAL-007673-TR1000 MA-COM-MAAL-007673-TR1000 Datasheet
136Kb / 4P
   Low Noise Amplifier 1.7 - 2.0 GHz
MAAL-007673-TR1000 MA-COM-MAAL-007673-TR1000 Datasheet
705Kb / 5P
   Low Noise Amplifier
More results

Similar Description - MAAL-007673-TR1000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAM12031 MACOM-MAAM12031 Datasheet
241Kb / 4P
   Low Noise Amplifier 1.7 - 2.0 GHz
MAAM12032 MACOM-MAAM12032 Datasheet
116Kb / 3P
   Low Noise Amplifier 1.7 - 2.0 GHz
logo
M/A-COM Technology Solu...
MAAM12031 MA-COM-MAAM12031 Datasheet
205Kb / 4P
   Low Noise Amplifier 1.7 - 2.0 GHz
MAAL-007673 MA-COM-MAAL-007673 Datasheet
136Kb / 4P
   Low Noise Amplifier 1.7 - 2.0 GHz
logo
Sony Corporation
CXG1013N SONY-CXG1013N Datasheet
197Kb / 6P
   1.7 to 2.0 GHz Low Noise Amplifier/Down Conversion Mixer
logo
Skyworks Solutions Inc.
SKY65049-360LF SKYWORKS-SKY65049-360LF Datasheet
259Kb / 12P
   1.7 - 2.4 GHz Low Noise Amplifier
logo
HBH Microwave GmbH
HA1002 HBH-HA1002 Datasheet
37Kb / 4P
   1.1 - 1.7 GHz Low Noise Amplifier
logo
Tyco Electronics
MAALSS0024 MACOM-MAALSS0024 Datasheet
260Kb / 4P
   Broadband Low Noise Amplifier 1.7 - 2.1 GHz
MAALSS0049 MACOM-MAALSS0049 Datasheet
294Kb / 6P
   GPS Low Noise Amplifier 1.5 - 1.7 GHz
MAALSS0027 MACOM-MAALSS0027 Datasheet
288Kb / 6P
   GPS Low Noise Amplifier 1.5 - 1.7 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com