Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAL-008091 Datasheet(PDF) 5 Page - Tyco Electronics

Part # MAAL-008091
Description  High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAL-008091 Datasheet(HTML) 5 Page - Tyco Electronics

  MAAL-008091 Datasheet HTML 1Page - Tyco Electronics MAAL-008091 Datasheet HTML 2Page - Tyco Electronics MAAL-008091 Datasheet HTML 3Page - Tyco Electronics MAAL-008091 Datasheet HTML 4Page - Tyco Electronics MAAL-008091 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
High Dynamic Range Low Noise Amplifier
800 - 1000 MHz
MAAL-008091
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
North America Tel: 800.366.2266 / Fax: 978.366.2266
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1
5
RoHS
Compliant
Recommended PCB Configuration
Functional Schematic
External Component List 7
Part
Value
Case
Size
Manufacturer
Purpose
C1
47 pF
0603
Murata
DC Block
C2
470 pF
0603
Murata
By-Pass
L1
12 nH
0603
Coilcraft
Tuning
L2
12 nH
0603
Coilcraft
RF Choke
R1
5.1 K
0603
Panasonic
DC Return
R2
See
Note 8
0603
Panasonic
Optional current
control
7. All external components are readily available, low cost
surface mount components.
8. Pin 2 allows use of an external resistor to ground for
optional, higher current. For 20 mA operation, no resistor is
used.
For IDD ~ 40 mA, R2 = 43 ohms;
IDD ~ 60 mA, R2 = 15 ohms;
IDD ~ 80 mA, R2 = 10 ohms.
Cross Section View
The PCB dielectric between RF traces and RF ground layers
should be chosen to reduce RF discontinuities between 50
lines and package pins.
M/A-COM recommends an FR-4
dielectric thickness of 0.008” (0.20 mm) yielding a 50
Ω line
width of 0.015” (0.38 mm). The recommended RF metalization
is 1 ounce copper.


Similar Part No. - MAAL-008091

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAL-008091 MA-COM-MAAL-008091 Datasheet
169Kb / 5P
   High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
MAAL-008091 MA-COM-MAAL-008091 Datasheet
169Kb / 5P
   High Dynamic Range Low Noise Amplifier
MAAL-008091-000000 MA-COM-MAAL-008091-000000 Datasheet
169Kb / 5P
   High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
MAAL-008091-000000 MA-COM-MAAL-008091-000000 Datasheet
775Kb / 6P
   High Dynamic Range Low Noise Amplifier
MAAL-008091-TR3000 MA-COM-MAAL-008091-TR3000 Datasheet
169Kb / 5P
   High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
More results

Similar Description - MAAL-008091

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AM50-0003 MA-COM-AM50-0003 Datasheet
211Kb / 5P
   High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
logo
Tyco Electronics
AM50-0003 MACOM-AM50-0003 Datasheet
318Kb / 4P
   High Dynamic Range Low Noise Amplifier 800-1000 MHz
logo
M/A-COM Technology Solu...
MAAL-008091 MA-COM-MAAL-008091 Datasheet
169Kb / 5P
   High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
logo
Tyco Electronics
PA1215 MACOM-PA1215 Datasheet
50Kb / 2P
   800-1000 MHz. Low Noise High Dynamic Range Linear Amplifier
PA1217 MACOM-PA1217 Datasheet
46Kb / 2P
   800-1000 MHz. Low Noise High Dynamic Range Linear Amplifier
PA1220 MACOM-PA1220 Datasheet
49Kb / 2P
   800-1000 MHz. Low Noise High Dynamic Range Linear Amplifier
AM50-0011 MACOM-AM50-0011 Datasheet
112Kb / 4P
   High Dynamic Range LNA 800 - 1000 MHz
AM50-0011 MACOM-AM50-0011_1 Datasheet
101Kb / 4P
   High Dynamic Range LNA, 800-1000 MHz
MAALSS0040 MACOM-MAALSS0040 Datasheet
184Kb / 3P
   High Dynamic Range LNA 800 - 1000 MHz
logo
Mimix Broadband
CMM2308-AJ MIMIX-CMM2308-AJ Datasheet
162Kb / 5P
   800-2700 MHz High Dynamic Range Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com