Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAL-008091-TR3000 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MAAL-008091-TR3000
Description  High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAL-008091-TR3000 Datasheet(HTML) 1 Page - Tyco Electronics

  MAAL-008091-TR3000 Datasheet HTML 1Page - Tyco Electronics MAAL-008091-TR3000 Datasheet HTML 2Page - Tyco Electronics MAAL-008091-TR3000 Datasheet HTML 3Page - Tyco Electronics MAAL-008091-TR3000 Datasheet HTML 4Page - Tyco Electronics MAAL-008091-TR3000 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
High Dynamic Range Low Noise Amplifier
800 - 1000 MHz
MAAL-008091
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
North America Tel: 800.366.2266 / Fax: 978.366.2266
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1
1
RoHS
Compliant
Features
• Low Noise Figure: 1.2 dB
• High Input IP3: +18 dBm at 8 V, 60 mA bias
+6.5 dBm at 3 V, 20 mA bias
• High Gain: 15 dB
• Single Supply: +3 to +8 VDC
• Adjustable current: 20 to 80 mA with external
resistor
• Lead-Free SOIC-8 Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of AM50-0003
Description
M/A-COM’s MAAL-008091 is a high dynamic
range, GaAs MMIC, low noise amplifier in a
lead-free SOIC-8, surface mount plastic package.
It employs external input matching to obtain
optimum noise figure performance and operating
frequency flexibility.
The MAAL-008091 also features flexible biasing to
control the current consumption vs. dynamic range
trade-off. The MAAL-008091 can operate from any
supply voltage in the 3 V to 8 V range. Its current
can be controlled over a range of 20 mA to 80 mA
with an external resistor.
The MAAL-008091 is ideally suited for use where
low noise figure, high gain, high dynamic range,
and low power consumption are required. Typical
applications include receiver front ends in AMPS,
GSM, and ETACS base stations. It is also useful
as a gain block, buffer, driver, and IF amplifier in
both fixed and portable cellular and 900 MHz ISM
systems.
The MAAL-008091 is fabricated using a low-cost
0.5-micron gate length GaAs process.
The
process features full passivation for increased
performance reliability.
Pin Configuration
Pin No.
Pin Name
Description
1
GND
RF and DC Ground
2
REXT
External Current Control (optional)
3
RFIN
RF Input of the amplifier
4
GND
RF and DC Ground
5
GND
RF and DC Ground
6
RFOUT
RF Output of the amplifier
7
VDD
Positive supply voltage
8
GND
RF and DC Ground
Ordering Information 1
Part Number
Package
MAAL-008091-000000
Bulk Packaging
MAAL-008091-TR3000
3000 piece reel
1. Reference Application Note M513 for reel size information.
Functional Block Diagram
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.


Similar Part No. - MAAL-008091-TR3000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAL-008091-TR3000 MA-COM-MAAL-008091-TR3000 Datasheet
169Kb / 5P
   High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
MAAL-008091-TR3000 MA-COM-MAAL-008091-TR3000 Datasheet
775Kb / 6P
   High Dynamic Range Low Noise Amplifier
More results

Similar Description - MAAL-008091-TR3000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AM50-0003 MA-COM-AM50-0003 Datasheet
211Kb / 5P
   High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
logo
Tyco Electronics
AM50-0003 MACOM-AM50-0003 Datasheet
318Kb / 4P
   High Dynamic Range Low Noise Amplifier 800-1000 MHz
logo
M/A-COM Technology Solu...
MAAL-008091 MA-COM-MAAL-008091 Datasheet
169Kb / 5P
   High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
logo
Tyco Electronics
PA1215 MACOM-PA1215 Datasheet
50Kb / 2P
   800-1000 MHz. Low Noise High Dynamic Range Linear Amplifier
PA1217 MACOM-PA1217 Datasheet
46Kb / 2P
   800-1000 MHz. Low Noise High Dynamic Range Linear Amplifier
PA1220 MACOM-PA1220 Datasheet
49Kb / 2P
   800-1000 MHz. Low Noise High Dynamic Range Linear Amplifier
AM50-0011 MACOM-AM50-0011 Datasheet
112Kb / 4P
   High Dynamic Range LNA 800 - 1000 MHz
AM50-0011 MACOM-AM50-0011_1 Datasheet
101Kb / 4P
   High Dynamic Range LNA, 800-1000 MHz
MAALSS0040 MACOM-MAALSS0040 Datasheet
184Kb / 3P
   High Dynamic Range LNA 800 - 1000 MHz
logo
Mimix Broadband
CMM2308-AJ MIMIX-CMM2308-AJ Datasheet
162Kb / 5P
   800-2700 MHz High Dynamic Range Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com