Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAALSS0013SMB Datasheet(PDF) 3 Page - Tyco Electronics

Part # MAALSS0013SMB
Description  Satellite Radio Low Noise Amplifier 2.2 - 2.4 GHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAALSS0013SMB Datasheet(HTML) 3 Page - Tyco Electronics

  MAALSS0013SMB Datasheet HTML 1Page - Tyco Electronics MAALSS0013SMB Datasheet HTML 2Page - Tyco Electronics MAALSS0013SMB Datasheet HTML 3Page - Tyco Electronics MAALSS0013SMB Datasheet HTML 4Page - Tyco Electronics MAALSS0013SMB Datasheet HTML 5Page - Tyco Electronics MAALSS0013SMB Datasheet HTML 6Page - Tyco Electronics MAALSS0013SMB Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Satellite Radio Low Noise Amplifier
2.2 - 2.4 GHz
MAALSS0013
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V6
3
Component List - Broadband
Component List - Satellite Radio @ 5 V
Application Schematic
V
DD1
GND
RF
IN
GND
RF
OUT
V
DD2
V
DD
C1
R1
RF
IN
RF
OUT
C2
C3
C4
L1
V
DD1
GND
RF
IN
GND
RF
OUT
V
DD2
V
DD
C1
R1
RF
IN
RF
OUT
C2
C3
C4
L1
V
DD1
GND
RF
IN
GND
RF
OUT
V
DD2
V
DD
C1
R1
RF
IN
RF
OUT
C2
C3
C4
L1
Recommended PCB Configuration
Part
Value
Case Size
Manufacturer
C1
0.5 pF
0402
Murata
C2-C4
0.1 µF
0402
Murata
L1
4
5.6 nH
0402
Coilcraft
R1
5
22.1K
0402
Panasonic
Part
Value
Case Size
Manufacturer
C1
0.5 pF
0402
Murata
C2
3.9 pF
0402
Murata
C3-C4
0.01 µF
0402
Murata
L1
4
5.6 nH
0402
Coilcraft
R1
5
22.1K
0402
Panasonic
4. Must have a tolerance of 2%.
5. Must have a tolerance of 1%.
C4
C3
L1
C1
C2
R1
C4
C3
L1
C1
C2
R1


Similar Part No. - MAALSS0013SMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAALSS0012 MACOM-MAALSS0012 Datasheet
114Kb / 8P
   Miniature Broadband Gain Stage 200 - 3000 MHz
MAALSS0012 MACOM-MAALSS0012 Datasheet
264Kb / 6P
   Miniature Broadband Gain Stage, 70 - 3000 MHz
MAALSS0012-3000 MACOM-MAALSS0012-3000 Datasheet
114Kb / 8P
   Miniature Broadband Gain Stage 200 - 3000 MHz
MAALSS0012SMB MACOM-MAALSS0012SMB Datasheet
114Kb / 8P
   Miniature Broadband Gain Stage 200 - 3000 MHz
MAALSS0012SMB MACOM-MAALSS0012SMB Datasheet
264Kb / 6P
   Miniature Broadband Gain Stage, 70 - 3000 MHz
More results

Similar Description - MAALSS0013SMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAALSS0033 MACOM-MAALSS0033 Datasheet
176Kb / 7P
   Satellite Radio Low Noise Amplifier 2.2 - 2.4 GHz
logo
Skyworks Solutions Inc.
SKY65405-11 SKYWORKS-SKY65405-11 Datasheet
45Kb / 2P
   2.4 GHz Low-Noise Amplifier
logo
California Eastern Labs
UPG2310TK CEL-UPG2310TK Datasheet
269Kb / 8P
   GaAs MMIC LOW NOISE AMPLIFIER FOR SATELLITE RADIO
logo
Silicon Storage Technol...
SST12LN01 SST-SST12LN01 Datasheet
289Kb / 11P
   2.4-2.5 GHz Low-Noise Amplifier
logo
Skyworks Solutions Inc.
SKY65049-360LF SKYWORKS-SKY65049-360LF Datasheet
259Kb / 12P
   1.7 - 2.4 GHz Low Noise Amplifier
logo
Microchip Technology
SST12LN01 MICROCHIP-SST12LN01 Datasheet
227Kb / 12P
   2.4-2.5 GHz WLAN Low-Noise Amplifier
2015
logo
Agilent(Hewlett-Packard...
INA-51063 HP-INA-51063 Datasheet
69Kb / 5P
   2.4 GHz Low Noise Silicon MMIC Amplifier
logo
Stealth Microwave, Inc.
SMTR2224-11G40-RSS STEALTH_MICROWAVE-SMTR2224-11G40-RSS Datasheet
315Kb / 6P
   2.2-2.4 GHz 10W Bi-Directional Power Amplifier
logo
Hittite Microwave Corpo...
HMC618LP3 HITTITE-HMC618LP3 Datasheet
326Kb / 10P
   GaAs SMT PHEMT LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
HMC382LP3 HITTITE-HMC382LP3 Datasheet
292Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com