Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAALSS0025 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MAALSS0025
Description  High Dynamic Range Low Noise Amplifier, 400 - 500 MHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAALSS0025 Datasheet(HTML) 1 Page - Tyco Electronics

  MAALSS0025 Datasheet HTML 1Page - Tyco Electronics MAALSS0025 Datasheet HTML 2Page - Tyco Electronics MAALSS0025 Datasheet HTML 3Page - Tyco Electronics MAALSS0025 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
High Dynamic Range Low Noise Amplifier,
400 - 500 MHz
MAALSS0025
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1
1
Features
• Low Noise Figure: 0.9 dB
• High OIP3: +28 dBm at 5 V, 60 mA bias
• High Gain: 21 dB
• Single Supply: +3 to +8 VDC
• Low Cost SOIC-8 Plastic Package
• Adjustable current: 20 to 80 mA with external
resistor
Description
M/A-COM’s MAALSS0025 is a high dynamic
range, low noise GaAs MMIC amplifier in a low
cost, surface mount package. It employs external
input matching to obtain optimum noise figure
performance and operating frequency flexibility.
The MAALSS0025 also features flexible biasing to
control the current consumption vs. dynamic range
trade-off. The MAALSS0025 can operate from any
supply voltage in the 3 V to 8 V range. Its current
can be controlled over a range of 20 mA to 80 mA
with an external resistor.
The MAALSS0025 is ideally suited for use where
low noise figure, high gain, high dynamic range,
and low power consumption are required. Typical
applications
include
receiver
front
ends
in
CDMA450 base stations. It is also useful as a gain
block, buffer, driver, and IF amplifier in both fixed
and
portable
cellular
and
450
MHz
ISM
systems.
The MAALSS0025 is fabricated using a low-cost
0.5-micron gate length GaAs process.
The
process features full passivation for increased
performance reliability.
Pin Configuration
Pin No.
Pin Name
Description
1
GND
RF and DC Ground
2
REXT
External Current Control (optional)
3
RF IN
RF Input
4
GND
RF and DC Ground
5
GND
RF and DC Ground
6
RF OUT
RF Output
7
VDD
Positive supply voltage
8
GND
RF and DC Ground
Ordering Information
Part Number
Package
MAALSS0025
Bulk Packaging
MAALSS0025TR
1000 piece reel
MAALSS0025SMB
Sample Test Board
Note: Reference Application Note M513 for reel size
information.
Absolute Maximum Ratings 1
Parameter
Absolute Maximum
VDD
+10 VDC
Input Power
+10 dBm
Current2
120 mA
Channel Temperature3
+150°C
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
1. Exceeding any one or combination of these limits may cause
permanent damage to this device.
2. When pin #2 is used to increase current (see note 5).
3. Thermal resistance (
θjc) = +88°C/W.
Functional Block Diagram
GND
REXT
GND
RF OUT
VDD
GND
RF IN
GND
GND
REXT
GND
RF OUT
VDD
GND
RF IN
GND
GND
REXT
GND
RF OUT
VDD
GND
RF IN
GND


Similar Part No. - MAALSS0025

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAALSS0025 MA-COM-MAALSS0025 Datasheet
158Kb / 4P
   High Dynamic Range Low Noise Amplifier 400 - 500 MHz
MAALSS0025SMB MA-COM-MAALSS0025SMB Datasheet
158Kb / 4P
   High Dynamic Range Low Noise Amplifier 400 - 500 MHz
MAALSS0025TR MA-COM-MAALSS0025TR Datasheet
158Kb / 4P
   High Dynamic Range Low Noise Amplifier 400 - 500 MHz
More results

Similar Description - MAALSS0025

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAL-008624 MACOM-MAAL-008624 Datasheet
151Kb / 4P
   High Dynamic Range Low Noise Amplifier 400-500 MHz
logo
M/A-COM Technology Solu...
MAALSS0025 MA-COM-MAALSS0025 Datasheet
158Kb / 4P
   High Dynamic Range Low Noise Amplifier 400 - 500 MHz
MAAL-008624 MA-COM-MAAL-008624 Datasheet
166Kb / 4P
   High Dynamic Range Low Noise Amplifier 400 - 500 MHz
logo
Tyco Electronics
AM50-0004 MACOM-AM50-0004 Datasheet
334Kb / 4P
   High Dynamic Range Low Noise Amplifier 1400-2000 MHz
MAAMSS0045 MACOM-MAAMSS0045 Datasheet
262Kb / 6P
   High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
logo
M/A-COM Technology Solu...
AM50-0004 MA-COM-AM50-0004 Datasheet
147Kb / 6P
   High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
MAAMSS0045 MA-COM-MAAMSS0045 Datasheet
218Kb / 6P
   High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
logo
Tyco Electronics
MAAL-008091 MACOM-MAAL-008091 Datasheet
191Kb / 5P
   High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
logo
M/A-COM Technology Solu...
AM50-0003 MA-COM-AM50-0003 Datasheet
211Kb / 5P
   High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
logo
Tyco Electronics
AM50-0003 MACOM-AM50-0003 Datasheet
318Kb / 4P
   High Dynamic Range Low Noise Amplifier 800-1000 MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com