Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAALSS0025TR Datasheet(PDF) 4 Page - Tyco Electronics

Part # MAALSS0025TR
Description  High Dynamic Range Low Noise Amplifier, 400 - 500 MHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAALSS0025TR Datasheet(HTML) 4 Page - Tyco Electronics

  MAALSS0025TR Datasheet HTML 1Page - Tyco Electronics MAALSS0025TR Datasheet HTML 2Page - Tyco Electronics MAALSS0025TR Datasheet HTML 3Page - Tyco Electronics MAALSS0025TR Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
High Dynamic Range Low Noise Amplifier,
400 - 500 MHz
MAALSS0025
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1
4
Cross Section View
RF Traces & Components
RF Ground
DC Routing
Customer Defined
The PCB dielectric between RF traces and RF ground
layers should be chosen to reduce RF discontinuities
between 50-ohm lines and package pins.
M/A-COM
recommends an FR-4 dielectric thickness of 0.008” (0.20
mm) yielding a 50-ohm line width of 0.015” (0.38 mm).
The recommended RF metalization thickness is 1 ounce
copper.
SO-8
Recommended PCB Configuration


Similar Part No. - MAALSS0025TR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAALSS0025TR MA-COM-MAALSS0025TR Datasheet
158Kb / 4P
   High Dynamic Range Low Noise Amplifier 400 - 500 MHz
More results

Similar Description - MAALSS0025TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAL-008624 MACOM-MAAL-008624 Datasheet
151Kb / 4P
   High Dynamic Range Low Noise Amplifier 400-500 MHz
logo
M/A-COM Technology Solu...
MAALSS0025 MA-COM-MAALSS0025 Datasheet
158Kb / 4P
   High Dynamic Range Low Noise Amplifier 400 - 500 MHz
MAAL-008624 MA-COM-MAAL-008624 Datasheet
166Kb / 4P
   High Dynamic Range Low Noise Amplifier 400 - 500 MHz
logo
Tyco Electronics
AM50-0004 MACOM-AM50-0004 Datasheet
334Kb / 4P
   High Dynamic Range Low Noise Amplifier 1400-2000 MHz
MAAMSS0045 MACOM-MAAMSS0045 Datasheet
262Kb / 6P
   High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
logo
M/A-COM Technology Solu...
AM50-0004 MA-COM-AM50-0004 Datasheet
147Kb / 6P
   High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
MAAMSS0045 MA-COM-MAAMSS0045 Datasheet
218Kb / 6P
   High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
logo
Tyco Electronics
MAAL-008091 MACOM-MAAL-008091 Datasheet
191Kb / 5P
   High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
logo
M/A-COM Technology Solu...
AM50-0003 MA-COM-AM50-0003 Datasheet
211Kb / 5P
   High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
logo
Tyco Electronics
AM50-0003 MACOM-AM50-0003 Datasheet
318Kb / 4P
   High Dynamic Range Low Noise Amplifier 800-1000 MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com