Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAALSS0033 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MAALSS0033
Description  Satellite Radio Low Noise Amplifier 2.2 - 2.4 GHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAALSS0033 Datasheet(HTML) 2 Page - Tyco Electronics

  MAALSS0033 Datasheet HTML 1Page - Tyco Electronics MAALSS0033 Datasheet HTML 2Page - Tyco Electronics MAALSS0033 Datasheet HTML 3Page - Tyco Electronics MAALSS0033 Datasheet HTML 4Page - Tyco Electronics MAALSS0033 Datasheet HTML 5Page - Tyco Electronics MAALSS0033 Datasheet HTML 6Page - Tyco Electronics MAALSS0033 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Satellite Radio Low Noise Amplifier
2.2 - 2.4 GHz
MAALSS0033
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
2
RoHS
Compliant
Electrical Specifications: TA = 25°C, VDD = 5 V, Z0 = 50Ω
Parameter
Frequency
Units
Min.
Typ.
Max.
Gain
2.3 GHz
dB
15
17
19
Noise Figure
2.3 GHz
dB
0.9
1.5
Input Return Loss
2.3 GHz
dB
12
Output Return Loss
2.3 GHz
dB
13
1 dB Compression
2.3 GHz
dBm
10
Output IP3
2.3 GHz
dBm
20
26
Current
mA
26
30
Operating the MAALSS0033
To operate the device, follow these steps:
1. Ramp VDD to desired voltage, typically 3 to 5 V.
2. Set RF input.
3. Power down in reverse sequence.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Lead-Free SOT-26 Plastic Package
Reference Application Note M538 for lead-free solder reflow
recommendations.
Meets JEDEC moisture sensitivity level 1 requirements.


Similar Part No. - MAALSS0033

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAALSS0034 MACOM-MAALSS0034 Datasheet
195Kb / 5P
   Miniature Broadband Gain Stage 70 - 3000 MHz
logo
M/A-COM Technology Solu...
MAALSS0034 MA-COM-MAALSS0034 Datasheet
152Kb / 5P
   Miniature Broadband Gain Stage 70 - 3000 MHz
logo
Tyco Electronics
MAALSS0034SMB MACOM-MAALSS0034SMB Datasheet
195Kb / 5P
   Miniature Broadband Gain Stage 70 - 3000 MHz
logo
M/A-COM Technology Solu...
MAALSS0034SMB MA-COM-MAALSS0034SMB Datasheet
152Kb / 5P
   Miniature Broadband Gain Stage 70 - 3000 MHz
logo
Tyco Electronics
MAALSS0034TR-3000 MACOM-MAALSS0034TR-3000 Datasheet
195Kb / 5P
   Miniature Broadband Gain Stage 70 - 3000 MHz
More results

Similar Description - MAALSS0033

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAALSS0013 MACOM-MAALSS0013 Datasheet
160Kb / 7P
   Satellite Radio Low Noise Amplifier 2.2 - 2.4 GHz
logo
Skyworks Solutions Inc.
SKY65405-11 SKYWORKS-SKY65405-11 Datasheet
45Kb / 2P
   2.4 GHz Low-Noise Amplifier
logo
California Eastern Labs
UPG2310TK CEL-UPG2310TK Datasheet
269Kb / 8P
   GaAs MMIC LOW NOISE AMPLIFIER FOR SATELLITE RADIO
logo
Silicon Storage Technol...
SST12LN01 SST-SST12LN01 Datasheet
289Kb / 11P
   2.4-2.5 GHz Low-Noise Amplifier
logo
Skyworks Solutions Inc.
SKY65049-360LF SKYWORKS-SKY65049-360LF Datasheet
259Kb / 12P
   1.7 - 2.4 GHz Low Noise Amplifier
logo
Microchip Technology
SST12LN01 MICROCHIP-SST12LN01 Datasheet
227Kb / 12P
   2.4-2.5 GHz WLAN Low-Noise Amplifier
2015
logo
Agilent(Hewlett-Packard...
INA-51063 HP-INA-51063 Datasheet
69Kb / 5P
   2.4 GHz Low Noise Silicon MMIC Amplifier
logo
Stealth Microwave, Inc.
SMTR2224-11G40-RSS STEALTH_MICROWAVE-SMTR2224-11G40-RSS Datasheet
315Kb / 6P
   2.2-2.4 GHz 10W Bi-Directional Power Amplifier
logo
Hittite Microwave Corpo...
HMC618LP3 HITTITE-HMC618LP3 Datasheet
326Kb / 10P
   GaAs SMT PHEMT LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
HMC382LP3 HITTITE-HMC382LP3 Datasheet
292Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com