Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAALSS0033 Datasheet(PDF) 6 Page - Tyco Electronics

Part # MAALSS0033
Description  Satellite Radio Low Noise Amplifier 2.2 - 2.4 GHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAALSS0033 Datasheet(HTML) 6 Page - Tyco Electronics

  MAALSS0033 Datasheet HTML 1Page - Tyco Electronics MAALSS0033 Datasheet HTML 2Page - Tyco Electronics MAALSS0033 Datasheet HTML 3Page - Tyco Electronics MAALSS0033 Datasheet HTML 4Page - Tyco Electronics MAALSS0033 Datasheet HTML 5Page - Tyco Electronics MAALSS0033 Datasheet HTML 6Page - Tyco Electronics MAALSS0033 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Satellite Radio Low Noise Amplifier
2.2 - 2.4 GHz
MAALSS0033
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
6
RoHS
Compliant
Typical Performance Curves: Satellite Tuning, 5 Volts, +25°C
Input Return Loss
Output Return Loss
Gain
S12
Noise Figure
Output IP3
-30
-25
-20
-15
-10
-5
0
1.61.8
2.02.2
2.42.6
2.8
3.0
Frequency (GHz)
-30
-25
-20
-15
-10
-5
0
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
Frequency (GHz)
0
5
10
15
20
1.61.8
2.02.2
2.42.6
2.8
3.0
Frequency (GHz)
-50
-40
-30
-20
-10
0
1.61.8
2.02.2
2.42.6
2.8
3.0
Frequency (GHz)
22
24
26
28
30
32
2.02.1
2.22.3
2.4
Frequency (GHz)
0.0
0.5
1.0
1.5
2.0
2.20
2.25
2.30
2.35
2.40
Frequency (GHz)


Similar Part No. - MAALSS0033

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAALSS0034 MACOM-MAALSS0034 Datasheet
195Kb / 5P
   Miniature Broadband Gain Stage 70 - 3000 MHz
logo
M/A-COM Technology Solu...
MAALSS0034 MA-COM-MAALSS0034 Datasheet
152Kb / 5P
   Miniature Broadband Gain Stage 70 - 3000 MHz
logo
Tyco Electronics
MAALSS0034SMB MACOM-MAALSS0034SMB Datasheet
195Kb / 5P
   Miniature Broadband Gain Stage 70 - 3000 MHz
logo
M/A-COM Technology Solu...
MAALSS0034SMB MA-COM-MAALSS0034SMB Datasheet
152Kb / 5P
   Miniature Broadband Gain Stage 70 - 3000 MHz
logo
Tyco Electronics
MAALSS0034TR-3000 MACOM-MAALSS0034TR-3000 Datasheet
195Kb / 5P
   Miniature Broadband Gain Stage 70 - 3000 MHz
More results

Similar Description - MAALSS0033

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAALSS0013 MACOM-MAALSS0013 Datasheet
160Kb / 7P
   Satellite Radio Low Noise Amplifier 2.2 - 2.4 GHz
logo
Skyworks Solutions Inc.
SKY65405-11 SKYWORKS-SKY65405-11 Datasheet
45Kb / 2P
   2.4 GHz Low-Noise Amplifier
logo
California Eastern Labs
UPG2310TK CEL-UPG2310TK Datasheet
269Kb / 8P
   GaAs MMIC LOW NOISE AMPLIFIER FOR SATELLITE RADIO
logo
Silicon Storage Technol...
SST12LN01 SST-SST12LN01 Datasheet
289Kb / 11P
   2.4-2.5 GHz Low-Noise Amplifier
logo
Skyworks Solutions Inc.
SKY65049-360LF SKYWORKS-SKY65049-360LF Datasheet
259Kb / 12P
   1.7 - 2.4 GHz Low Noise Amplifier
logo
Microchip Technology
SST12LN01 MICROCHIP-SST12LN01 Datasheet
227Kb / 12P
   2.4-2.5 GHz WLAN Low-Noise Amplifier
2015
logo
Agilent(Hewlett-Packard...
INA-51063 HP-INA-51063 Datasheet
69Kb / 5P
   2.4 GHz Low Noise Silicon MMIC Amplifier
logo
Stealth Microwave, Inc.
SMTR2224-11G40-RSS STEALTH_MICROWAVE-SMTR2224-11G40-RSS Datasheet
315Kb / 6P
   2.2-2.4 GHz 10W Bi-Directional Power Amplifier
logo
Hittite Microwave Corpo...
HMC618LP3 HITTITE-HMC618LP3 Datasheet
326Kb / 10P
   GaAs SMT PHEMT LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
HMC382LP3 HITTITE-HMC382LP3 Datasheet
292Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com