Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAALSS0027SMB Datasheet(PDF) 3 Page - Tyco Electronics

Part # MAALSS0027SMB
Description  GPS Low Noise Amplifier 1.5 - 1.7 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAALSS0027SMB Datasheet(HTML) 3 Page - Tyco Electronics

  MAALSS0027SMB Datasheet HTML 1Page - Tyco Electronics MAALSS0027SMB Datasheet HTML 2Page - Tyco Electronics MAALSS0027SMB Datasheet HTML 3Page - Tyco Electronics MAALSS0027SMB Datasheet HTML 4Page - Tyco Electronics MAALSS0027SMB Datasheet HTML 5Page - Tyco Electronics MAALSS0027SMB Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
GPS Low Noise Amplifier
1.5 - 1.7 GHz
MAALSS0027
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1
3
Recommended PCB Configuration
Application Schematic
VDD1
GND
RFIN
GND
RFOUT
VDD2
VDD
C2
R1
RFIN
RFOUT
C1
C3
C5
L1
L2
C4
Recommended Tuning for 1.575 GHz
Item
Description
Manufacturer
C1
27 pF Capacitor,
0402 Package, 5%
Murata
C2
1.5 pF Capacitor,
0402 Package, 5%
Murata
C3,C5
0.1 µF Capacitor,
0402 Package, 5%
Murata
C4
10 pF Capacitor,
0402 Package, 5%
Murata
L1
12 nH Inductor,
0402 Package, 2%
Coilcraft
L2
3.9 nH Inductor,
0402 Package, 2%
Coilcraft
R1
23.7 KOhm Resistor,
0402 Package, 1%
Panasonic


Similar Part No. - MAALSS0027SMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAALSS0024 MACOM-MAALSS0024 Datasheet
260Kb / 4P
   Broadband Low Noise Amplifier 1.7 - 2.1 GHz
MAALSS0024SMB-01 MACOM-MAALSS0024SMB-01 Datasheet
260Kb / 4P
   Broadband Low Noise Amplifier 1.7 - 2.1 GHz
MAALSS0024SMB-02 MACOM-MAALSS0024SMB-02 Datasheet
260Kb / 4P
   Broadband Low Noise Amplifier 1.7 - 2.1 GHz
MAALSS0024TR MACOM-MAALSS0024TR Datasheet
260Kb / 4P
   Broadband Low Noise Amplifier 1.7 - 2.1 GHz
MAALSS0024TR-3000 MACOM-MAALSS0024TR-3000 Datasheet
260Kb / 4P
   Broadband Low Noise Amplifier 1.7 - 2.1 GHz
More results

Similar Description - MAALSS0027SMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAALSS0049 MACOM-MAALSS0049 Datasheet
294Kb / 6P
   GPS Low Noise Amplifier 1.5 - 1.7 GHz
MAAM12031 MACOM-MAAM12031 Datasheet
241Kb / 4P
   Low Noise Amplifier 1.7 - 2.0 GHz
logo
Skyworks Solutions Inc.
SKY65049-360LF SKYWORKS-SKY65049-360LF Datasheet
259Kb / 12P
   1.7 - 2.4 GHz Low Noise Amplifier
logo
Tyco Electronics
MAAM12032 MACOM-MAAM12032 Datasheet
116Kb / 3P
   Low Noise Amplifier 1.7 - 2.0 GHz
logo
M/A-COM Technology Solu...
MAAM12031 MA-COM-MAAM12031 Datasheet
205Kb / 4P
   Low Noise Amplifier 1.7 - 2.0 GHz
logo
HBH Microwave GmbH
HA1002 HBH-HA1002 Datasheet
37Kb / 4P
   1.1 - 1.7 GHz Low Noise Amplifier
logo
Tyco Electronics
MAAL-007673 MACOM-MAAL-007673 Datasheet
158Kb / 4P
   Low Noise Amplifier 1.7 - 2.0 GHz
logo
M/A-COM Technology Solu...
MAAL-007673 MA-COM-MAAL-007673 Datasheet
136Kb / 4P
   Low Noise Amplifier 1.7 - 2.0 GHz
logo
Tyco Electronics
MAALSS0024 MACOM-MAALSS0024 Datasheet
260Kb / 4P
   Broadband Low Noise Amplifier 1.7 - 2.1 GHz
logo
Skyworks Solutions Inc.
SKY65088 SKYWORKS-SKY65088 Datasheet
190Kb / 11P
   1.575 GHz GPS Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com