Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA-4643-BLKG Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # ADA-4643-BLKG
Description  Silicon Bipolar Darlington Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ADA-4643-BLKG Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  ADA-4643-BLKG Datasheet HTML 1Page - Agilent(Hewlett-Packard) ADA-4643-BLKG Datasheet HTML 2Page - Agilent(Hewlett-Packard) ADA-4643-BLKG Datasheet HTML 3Page - Agilent(Hewlett-Packard) ADA-4643-BLKG Datasheet HTML 4Page - Agilent(Hewlett-Packard) ADA-4643-BLKG Datasheet HTML 5Page - Agilent(Hewlett-Packard) ADA-4643-BLKG Datasheet HTML 6Page - Agilent(Hewlett-Packard) ADA-4643-BLKG Datasheet HTML 7Page - Agilent(Hewlett-Packard) ADA-4643-BLKG Datasheet HTML 8Page - Agilent(Hewlett-Packard) ADA-4643-BLKG Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
ADA-4643 Typical Performance Curves (at 25
°C, unless specified otherwise)
Product Consistency Distribution Charts at 900 MHz, Id = 35 mA
Notes:
1. Statistics distribution determined from a sample size of 500 parts taken from 3 different wafers.
2. Future wafers allocated to this product may have typical values anywhere between the minimum and maximum specification limits.
GAIN (dB)
Figure 1. Gain distribution @ 35 mA.
LSL = 1 5.5, Nominal = 17, USL = 18.5
15
19
16
17
18
300
250
200
150
100
50
0
Vd (V)
Figure 2. Vd distribution @ 35 mA.
LSL = 3.2, Nominal = 3.5, USL = 3.9
34
3.2
3.4
3.6
3.8
300
250
200
150
100
50
0
FREQUENCY (GHz)
Figure 3. Gain vs. Frequency at Id = 35 mA.
06
2
1
3
5
4
20
15
10
5
0
FREQUENCY (GHz)
Figure 4. P1dB vs. Frequency at Id=35 mA.
FREQUENCY (GHz)
Figure 5. OIP3 vs. Frequency at Id= 35 mA.
FREQUENCY (GHz)
Figure 6. NF vs. Frequency at Id=35 mA.
Vd (V)
Figure 7. Id vs. Vd and Temperature.
Id (mA)
Figure 8. Gain vs. Id and Temperature at 900 MHz.
06
2
1
3
5
4
20
15
10
5
0
06
2
1
3
5
4
30
25
20
15
10
5
06
2
1
3
5
4
6
5
4
3
2
05
2
1
3
4
70
60
50
40
30
20
10
0
-40
°C
25
°C
85
°C
070
20
10
30
40
50
60
18
17
16
15
14
13
12
-40
°C
25
°C
85
°C


Similar Part No. - ADA-4643-BLKG

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADA-4643 AVAGO-ADA-4643 Datasheet
107Kb / 12P
   Silicon Bipolar Darlington Amplifi er
More results

Similar Description - ADA-4643-BLKG

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ADA-4743 HP-ADA-4743 Datasheet
107Kb / 9P
   Silicon Bipolar Darlington Amplifier
ADA-4543 HP-ADA-4543 Datasheet
111Kb / 10P
   Silicon Bipolar Darlington Amplifier
logo
Broadcom Corporation.
ADA-4789 BOARDCOM-ADA-4789 Datasheet
395Kb / 13P
   Silicon Bipolar Darlington Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ADA-4789 AVAGO-ADA-4789_15 Datasheet
395Kb / 13P
   Silicon Bipolar Darlington Amplifier
ADA-4789 AVAGO-ADA-4789 Datasheet
385Kb / 13P
   Silicon Bipolar Darlington Amplifier Small Signal Gain Amplifier
ADA-4543 AVAGO-ADA-4543 Datasheet
108Kb / 10P
   Silicon Bipolar Darlington Amplifi er
ADA-4643 AVAGO-ADA-4643 Datasheet
107Kb / 12P
   Silicon Bipolar Darlington Amplifi er
ADA-4743 AVAGO-ADA-4743 Datasheet
103Kb / 9P
   Silicon Bipolar Darlington Amplifi er
logo
New Jersey Semi-Conduct...
MPSU95 NJSEMI-MPSU95 Datasheet
82Kb / 2P
   PNP SILICON DARLINGTON AMPLIFIER TRANSISTOR
logo
ON Semiconductor
MMBTA13LT1 ONSEMI-MMBTA13LT1 Datasheet
235Kb / 8P
   Darlington Amplifier Transistors(NPN Silicon)
March, 2001 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com