Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAALSS0034TR-3000 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MAALSS0034TR-3000
Description  Miniature Broadband Gain Stage 70 - 3000 MHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAALSS0034TR-3000 Datasheet(HTML) 2 Page - Tyco Electronics

  MAALSS0034TR-3000 Datasheet HTML 1Page - Tyco Electronics MAALSS0034TR-3000 Datasheet HTML 2Page - Tyco Electronics MAALSS0034TR-3000 Datasheet HTML 3Page - Tyco Electronics MAALSS0034TR-3000 Datasheet HTML 4Page - Tyco Electronics MAALSS0034TR-3000 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Miniature Broadband Gain Stage
70 - 3000 MHz
MAALSS0034
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
North America Tel: 800.366.2266 / Fax: 978.366.2266
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
2
RoHS
Compliant
Electrical Specifications: Z0 = 50 Ω, TA = 25 °C, VDD = +5 V (unless otherwise specified)
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
0.9 GHz
1.9 GHz
1.9 GHz (VDD = +3V)
3.0 GHz
dB
dB
dB
dB
11.0
10.5
14.5
12.0
11.5
9.20
13.0
13.0
Noise Figure
0.9 GHz
1.9 GHz
1.9 GHz (VDD = +3V)
3.0 GHz
dB
dB
dB
dB
1.55
1.60
1.50
1.70
2.0
2.0
Input Return Loss
0.9 GHz
1.9 GHz
3.0 GHz
dB
dB
dB
10
15
18
Output Return Loss
0.9 GHz
1.9 GHz
3.0 GHz
dB
dB
dB
9
14
18
Output P1dB
0.9 GHz
1.9 GHz
3.0 GHz
dBm
dBm
dBm
22
23
23
Output IP3
Two tone, -12 dBm/tone, 1 MHz spacing
0.9 GHz
1.9 GHz
3.0 GHz
dBm
dBm
dBm
33
36
37
Current
VDD = +5 V
VDD = +3 V
mA
mA
50
35
88
70
110
100
Component List6, 500 - 3000 MHz
Part Value
Case
Style
Manufacturer
Purpose
C1,C2
39 pF
0402
Murata
DC Block
C3
0.1µF
0402
Murata
RF Bypass
L1
12 nH
0402
Coilcraft
RF Choke/Tuning
6. Please contact M/A-COM application group for lower
frequency application circuitry.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Application Schematic
Recommended PCB Configuration


Similar Part No. - MAALSS0034TR-3000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAALSS0034TR-3000 MA-COM-MAALSS0034TR-3000 Datasheet
152Kb / 5P
   Miniature Broadband Gain Stage 70 - 3000 MHz
More results

Similar Description - MAALSS0034TR-3000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAALSS0034 MA-COM-MAALSS0034 Datasheet
152Kb / 5P
   Miniature Broadband Gain Stage 70 - 3000 MHz
logo
Tyco Electronics
MAALSS0038 MACOM-MAALSS0038 Datasheet
264Kb / 6P
   Miniature Broadband Gain Stage 70 - 3000 MHz
MAALSS0012 MACOM-MAALSS0012_1 Datasheet
264Kb / 6P
   Miniature Broadband Gain Stage, 70 - 3000 MHz
logo
M/A-COM Technology Solu...
MAALSS0038 MA-COM-MAALSS0038 Datasheet
214Kb / 6P
   Miniature Broadband Gain Stage 70 - 3000 MHz
logo
Tyco Electronics
AM50-0015 MACOM-AM50-0015 Datasheet
115Kb / 7P
   Miniature Broadband Gain Stage 200 - 3000 MHz
MAALSS0012 MACOM-MAALSS0012 Datasheet
114Kb / 8P
   Miniature Broadband Gain Stage 200 - 3000 MHz
logo
M/A-COM Technology Solu...
MAAL-009120 MA-COM-MAAL-009120 Datasheet
364Kb / 10P
   Miniature Broadband Gain Stage
MAAL-010200 MA-COM-MAAL-010200 Datasheet
328Kb / 9P
   Miniature Broadband Gain Stage
MAAL-009120 MA-COM-MAAL-009120_15 Datasheet
876Kb / 11P
   Miniature Broadband Gain Stage
MAAL-010200 MA-COM-MAAL-010200 Datasheet
328Kb / 9P
   Miniature Broadband Gain Stage
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com