Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-076X Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HDSP-076X
Description  Hexadecimal and Numeric Displays for Industrial Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP-076X Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HDSP-076X Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDSP-076X Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDSP-076X Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDSP-076X Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDSP-076X Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDSP-076X Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDSP-076X Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDSP-076X Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Operational
Considerations
Electrical
These devices use a modified
4 x 7 dot matrix light emitting
diode to display decimal/hexa-
decimal numeric information. The
high efficiency red and yellow
LEDs are GaAsP epitaxial layer
on a GaP transparent substrate.
The green LEDs are GaP epitaxial
layer on a GaP transparent
substrate. The LEDs are driven
by constant current drivers, BCD
information is accepted by the
display memory when the enable
line is at logic low and the data is
latched when the enable is at
logic high. Using the enable pulse
width and data setup and hold
times listed in the Recommended
Operating Conditions allows data
to be clocked into an array of
displays at a 6.7 MHz rate.
The decimal point input is active
low true and this data is latched
into the display memory in the
same fashion as the BCD data.
The decimal point LED is driven
by the on-board IC.
The blanking control input on the
hexadecimal displays blanks (turns
off) the displayed information
without disturbing the contents of
display memory. The display is
blanked at a minimum threshold
level of 2.0 volts. When blanked,
the display standby power is
nominally 250 mW at TA = 25°C.
Mechanical
The primary thermal path for
power dissipation is through the
device leads. Therefore, to insure
reliable operation up to an
ambient temperature of +85
°C, it
is important to maintain a case-
to-ambient thermal resistance of
less than 35
°C watt/device as
measured on top of display pin 3.
For information on soldering and
post solder cleaning see Applica-
tion Note 1027, Soldering LED
Components
.
Contrast Enhancement
These display devices are
designed to provide an optimum
ON/OFF contrast when placed
behind an appropriate contrast
enhancement filter. For further
information, please refer to
Application Note 1015, Contrast
Enhancement Techniques for
LED Displays.
Over Range Display
The over range devices display
± 1” and decimal point. The
character height and package
configuration are the same as the
numeric and hexadecimal
devices. Character selection is
obtained via external switching
transistors and current limiting
resistors.
NOTE: 1. DIMENSIONS IN MILLIMETRES AND (INCHES).
Package Dimensions
Pin
Character
1
2,3
4
8
+1
X
X
1
-0
X
X
1
1X
1
X
X
Decimal Point
X
X
1
X
Blank
0
0
0
0
Notes:
0: Line switching transistor in Figure 7 cutoff.
1: Line switching transistor in Figure 7 saturated.
X: 'don't care'


Similar Part No. - HDSP-076X

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-076X AVAGO-HDSP-076X Datasheet
148Kb / 9P
   Hexadecimal and Numeric Displays for Industrial Applications
More results

Similar Description - HDSP-076X

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-076 HP-HDSP-076 Datasheet
118Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-076X AVAGO-HDSP-076X Datasheet
148Kb / 9P
   Hexadecimal and Numeric Displays for Industrial Applications
HDSP-0760 AVAGO-HDSP-0760_08 Datasheet
216Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
HDSP-0781 AVAGO-HDSP-0781 Datasheet
151Kb / 9P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
HDSP-0781 AVAGO-HDSP-0781_08 Datasheet
221Kb / 8P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
logo
Agilent(Hewlett-Packard...
HDSP-078X HP-HDSP-078X Datasheet
124Kb / 8P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-078X AVAGO-HDSP-078X Datasheet
207Kb / 8P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
logo
Micropac Industries
67023 MICROPAC-67023 Datasheet
133Kb / 7P
   HERMETIC , NUMERIC AND HEXADECIMAL DISPLAYS
logo
Opto Electronics Co,. L...
4N51 E-OEC-4N51 Datasheet
135Kb / 7P
   HERMETIC , NUMERIC AND HEXADECIMAL
logo
Agilent(Hewlett-Packard...
5082-7300 HP-5082-7300 Datasheet
145Kb / 6P
   Hexadecimal and Numeric Indicators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com