Electronic Components Datasheet Search |
|
MAALSS0045 Datasheet(PDF) 1 Page - Tyco Electronics |
|
MAALSS0045 Datasheet(HTML) 1 Page - Tyco Electronics |
1 / 4 page High Dynamic Range LNA 1700 - 2400 MHz MAALSS0045 M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information. • North America Tel: 800.366.2266 / Fax: 978.366.2266 • Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 • Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information. V2 1 RoHS Compliant Features • Ideal for Base Station Applications • High Gain: 19 dB @ 2000 MHz • Low Noise Figure: 1.4 dB • High Input IP3: +13 dBm • Lead-Free 3 mm 12-Lead PQFN Package • 100% Matte Tin Plating over Copper • Halogen-Free “Green” Mold Compound • 260°C Reflow Compatible • RoHS* Compliant Version of AM50-0012 Description M/A-COM’s MAALSS0045 is a high dynamic range, GaAs MMIC, low noise amplifier in a lead-free 3 mm 12-lead PQFN package. It employs external matching to obtain optimum noise figure and intercept performance. The MAALSS0045 is operated with a supply voltage of +5V. The MAALSS0045 is ideally suited for use where low noise figure, high gain, and high dynamic range are required. Typical applications included receiver front ends in TDMA, CDMA, and DCS base stations. It may also be used as an IF amplifier in certain other communication systems. The MAALSS0045 is fabricated using a low-cost 0.5-micron gate E-D SAGFET GaAs process. This process features full passivation for increased reliability. The MAALSS0045 is 100% RF tested to ensure performance specification compliance. Functional Block Diagram Pin Configuration 2 Pin No. Function Pin No. Function 1 Ground 7 LNA OUT 2 LNA IN 8 LNA SRC 3 No Connection 9 Ground 4 Ground 10 VDD1 5 VDD2 11 Ground 6 No Connection 12 Ground 2. The exposed pad centered on the package bottom must be connected to RF and DC Ground. Absolute Maximum Ratings 3,4 Parameter Absolute Maximum Supply Voltage 7 V RF Input Power 15 dBm Operating Temperature -40°C to +85°C Storage Temperature -65°C to +150°C Ordering Information 1 Part Number Package MAALSS0045TR-3000 3000 piece reel MAALSS0045SMB Units Mounted on Test Board 1. Reference Application Note M513 for reel size information. 3. Exceeding any one or combination of these limits may cause permanent damage to this device. 4. M/A-COM does not recommend sustained operation near these survivability limits. * Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1 N/C LNAIN GND VDD2 GND GND VDD1 LNA SRC GND LNAOUT N/C GND 12 |
Similar Part No. - MAALSS0045 |
|
Similar Description - MAALSS0045 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |