Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAALSS0045TR-3000 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MAALSS0045TR-3000
Description  High Dynamic Range LNA 1700 - 2400 MHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAALSS0045TR-3000 Datasheet(HTML) 1 Page - Tyco Electronics

  MAALSS0045TR-3000 Datasheet HTML 1Page - Tyco Electronics MAALSS0045TR-3000 Datasheet HTML 2Page - Tyco Electronics MAALSS0045TR-3000 Datasheet HTML 3Page - Tyco Electronics MAALSS0045TR-3000 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
High Dynamic Range LNA
1700 - 2400 MHz
MAALSS0045
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
1
RoHS
Compliant
Features
• Ideal for Base Station Applications
• High Gain: 19 dB @ 2000 MHz
• Low Noise Figure: 1.4 dB
• High Input IP3: +13 dBm
• Lead-Free 3 mm 12-Lead PQFN Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of AM50-0012
Description
M/A-COM’s MAALSS0045 is a high dynamic range,
GaAs MMIC, low noise amplifier in a lead-free 3 mm
12-lead PQFN package.
It employs external
matching to obtain optimum noise figure and
intercept
performance.
The
MAALSS0045
is
operated with a supply voltage of +5V.
The MAALSS0045 is ideally suited for use where
low noise figure, high gain, and high dynamic range
are required. Typical applications included receiver
front ends in TDMA, CDMA, and DCS base stations.
It may also be used as an IF amplifier in certain
other communication systems.
The MAALSS0045 is fabricated using a low-cost
0.5-micron gate E-D SAGFET GaAs process. This
process features full passivation for increased
reliability. The MAALSS0045 is 100% RF tested to
ensure performance specification compliance.
Functional Block Diagram
Pin Configuration
2
Pin No.
Function
Pin No.
Function
1
Ground
7
LNA OUT
2
LNA IN
8
LNA SRC
3
No Connection
9
Ground
4
Ground
10
VDD1
5
VDD2
11
Ground
6
No Connection
12
Ground
2. The exposed pad centered on the package bottom must be
connected to RF and DC Ground.
Absolute Maximum Ratings
3,4
Parameter
Absolute Maximum
Supply Voltage
7 V
RF Input Power
15 dBm
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Ordering Information
1
Part Number
Package
MAALSS0045TR-3000
3000 piece reel
MAALSS0045SMB
Units Mounted on Test Board
1. Reference Application Note M513 for reel size information.
3. Exceeding any one or combination of these limits may cause
permanent damage to this device.
4. M/A-COM does not recommend sustained operation near
these survivability limits.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
1
N/C
LNAIN
GND
VDD2
GND
GND
VDD1
LNA SRC
GND
LNAOUT
N/C
GND
12


Similar Part No. - MAALSS0045TR-3000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAALSS0040 MACOM-MAALSS0040 Datasheet
184Kb / 3P
   High Dynamic Range LNA 800 - 1000 MHz
MAALSS0040SMB MACOM-MAALSS0040SMB Datasheet
184Kb / 3P
   High Dynamic Range LNA 800 - 1000 MHz
MAALSS0040TR-3000 MACOM-MAALSS0040TR-3000 Datasheet
184Kb / 3P
   High Dynamic Range LNA 800 - 1000 MHz
MAALSS0042 MACOM-MAALSS0042 Datasheet
215Kb / 3P
   Low Noise Amplifier 1.575 GHz
logo
M/A-COM Technology Solu...
MAALSS0042 MA-COM-MAALSS0042 Datasheet
170Kb / 3P
   Low Noise Amplifier 1.575 GHz
More results

Similar Description - MAALSS0045TR-3000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM50-0012 MACOM-AM50-0012_1 Datasheet
145Kb / 4P
   High Dynamic Range LNA 1700-2400 MHz
AM50-0011 MACOM-AM50-0011 Datasheet
112Kb / 4P
   High Dynamic Range LNA 800 - 1000 MHz
AM50-0011 MACOM-AM50-0011_1 Datasheet
101Kb / 4P
   High Dynamic Range LNA, 800-1000 MHz
MAALSS0040 MACOM-MAALSS0040 Datasheet
184Kb / 3P
   High Dynamic Range LNA 800 - 1000 MHz
AM50-0011V6 MACOM-AM50-0011V6 Datasheet
182Kb / 4P
   High Dynamic Range LNA
AM50-0012 MACOM-AM50-0012 Datasheet
347Kb / 4P
   High Dynamic Range LNA
logo
NXP Semiconductors
CGY2106TS PHILIPS-CGY2106TS Datasheet
94Kb / 16P
   High dynamic range dual LNA MMIC
2000 Aug 28
CGY2105ATS PHILIPS-CGY2105ATS Datasheet
83Kb / 16P
   High dynamic range dual LNA MMIC
1999 Dec 23
logo
Analog Devices
ADL5323 AD-ADL5323_15 Datasheet
200Kb / 12P
   1700 MHz to 2400 MHz GaAs Matched RF PA Predriver
REV. A
logo
List of Unclassifed Man...
ANT-2.4-CW-RCTA ETC2-ANT-2.4-CW-RCTA Datasheet
212Kb / 2P
   Frequency Range 2400~2483.5 MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com