Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAALSS0045TR-3000 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MAALSS0045TR-3000
Description  High Dynamic Range LNA 1700 - 2400 MHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAALSS0045TR-3000 Datasheet(HTML) 3 Page - Tyco Electronics

  MAALSS0045TR-3000 Datasheet HTML 1Page - Tyco Electronics MAALSS0045TR-3000 Datasheet HTML 2Page - Tyco Electronics MAALSS0045TR-3000 Datasheet HTML 3Page - Tyco Electronics MAALSS0045TR-3000 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
High Dynamic Range LNA
1700 - 2400 MHz
MAALSS0045
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
3
RoHS
Compliant
Typical Performance Curves
Input IP3 (Pin = -15 dBm)
Noise Figure
Output Return Loss
Input Return Loss
Gain
-20
-15
-10
-5
0
1700
1800
1900
2000
2100
2200
2300
2400
+25C
-40C
+85C
Frequency (MHz)
10
15
20
25
1700
1800
1900
2000
2100
2200
2300
2400
+25C
-40C
+85C
Frequency (MHz)
5
10
15
20
25
1700
1800
1900
2000
2100
2200
2300
2400
+25C
-40C
+85C
Frequency (MHz)
-20
-15
-10
-5
0
1700
1800
1900
2000
2100
2200
2300
2400
+25C
-40C
+85C
Frequency (MHz)
0.0
0.5
1.0
1.5
2.0
2.5
1700
1800
1900
2000
2100
2200
2300
2400
+25C
-40C
+85C
Frequency (MHz)
P1dB @ 2000 MHz
10
15
20
25
-15
-10
-5
0
5
10
15
20
25
+25C
-40C
+85C
Output Power (dBm)


Similar Part No. - MAALSS0045TR-3000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAALSS0040 MACOM-MAALSS0040 Datasheet
184Kb / 3P
   High Dynamic Range LNA 800 - 1000 MHz
MAALSS0040SMB MACOM-MAALSS0040SMB Datasheet
184Kb / 3P
   High Dynamic Range LNA 800 - 1000 MHz
MAALSS0040TR-3000 MACOM-MAALSS0040TR-3000 Datasheet
184Kb / 3P
   High Dynamic Range LNA 800 - 1000 MHz
MAALSS0042 MACOM-MAALSS0042 Datasheet
215Kb / 3P
   Low Noise Amplifier 1.575 GHz
logo
M/A-COM Technology Solu...
MAALSS0042 MA-COM-MAALSS0042 Datasheet
170Kb / 3P
   Low Noise Amplifier 1.575 GHz
More results

Similar Description - MAALSS0045TR-3000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM50-0012 MACOM-AM50-0012_1 Datasheet
145Kb / 4P
   High Dynamic Range LNA 1700-2400 MHz
AM50-0011 MACOM-AM50-0011 Datasheet
112Kb / 4P
   High Dynamic Range LNA 800 - 1000 MHz
AM50-0011 MACOM-AM50-0011_1 Datasheet
101Kb / 4P
   High Dynamic Range LNA, 800-1000 MHz
MAALSS0040 MACOM-MAALSS0040 Datasheet
184Kb / 3P
   High Dynamic Range LNA 800 - 1000 MHz
AM50-0011V6 MACOM-AM50-0011V6 Datasheet
182Kb / 4P
   High Dynamic Range LNA
AM50-0012 MACOM-AM50-0012 Datasheet
347Kb / 4P
   High Dynamic Range LNA
logo
NXP Semiconductors
CGY2106TS PHILIPS-CGY2106TS Datasheet
94Kb / 16P
   High dynamic range dual LNA MMIC
2000 Aug 28
CGY2105ATS PHILIPS-CGY2105ATS Datasheet
83Kb / 16P
   High dynamic range dual LNA MMIC
1999 Dec 23
logo
Analog Devices
ADL5323 AD-ADL5323_15 Datasheet
200Kb / 12P
   1700 MHz to 2400 MHz GaAs Matched RF PA Predriver
REV. A
logo
List of Unclassifed Man...
ANT-2.4-CW-RCTA ETC2-ANT-2.4-CW-RCTA Datasheet
212Kb / 2P
   Frequency Range 2400~2483.5 MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com