Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHCU04 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74AHCU04
Description  Hex inverter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCU04 Datasheet(HTML) 5 Page - NXP Semiconductors

  74AHCU04 Datasheet HTML 1Page - NXP Semiconductors 74AHCU04 Datasheet HTML 2Page - NXP Semiconductors 74AHCU04 Datasheet HTML 3Page - NXP Semiconductors 74AHCU04 Datasheet HTML 4Page - NXP Semiconductors 74AHCU04 Datasheet HTML 5Page - NXP Semiconductors 74AHCU04 Datasheet HTML 6Page - NXP Semiconductors 74AHCU04 Datasheet HTML 7Page - NXP Semiconductors 74AHCU04 Datasheet HTML 8Page - NXP Semiconductors 74AHCU04 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
1999 Sep 27
5
Philips Semiconductors
Product specification
Hex inverter
74AHCU04
DC CHARACTERISTICS
Over recommended operating conditions; voltage are referenced to GND (ground = 0 V).
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
OTHER
VCC (V)
25
−40 to +85 −40 to +125
MIN.
TYP.
MAX. MIN. MAX.
MIN.
MAX.
VIH
HIGH-level input
voltage
2.0
1.7
−−
1.7
1.7
V
3.0
2.4
−−
2.4
2.4
5.5
4.4
−−
4.4
4.4
VIL
LOW-level input
voltage
2.0
−−
0.3
0.3
0.3
V
3.0
−−
0.6
0.6
0.6
5.5
−−
1.1
1.1
1.1
VOH
HIGH-level output
voltage; all outputs
VI =VIH or VIL;
IO = −50 µA
2.0
1.8
2.0
1.8
1.8
V
3.0
2.7
3.0
2.7
2.7
4.5
4.0
4.5
4.0
4.0
HIGH-level output
voltage
VI =VIH or VIL;
IO = −4.0 mA
3.0
2.58
−−
2.48
2.40
V
VI =VIH or VIL;
IO = −8.0 mA
4.5
3.94
−−
3.8
3.7
VOL
LOW-level output
voltage; all outputs
VI =VIH or VIL;
IO =50 µA
2.0
0
0.2
0.2
0.2
V
3.0
0
0.3
0.3
0.3
4.5
0
0.5
0.5
0.5
LOW-level output
voltage
VI =VIH or VIL;
IO =4mA
3.0
−−
0.36
0.44
0.55
V
VI =VIH or VIL;
IO =8mA
4.5
−−
0.36
0.44
0.55
II
input leakage
current
VI =VCC or GND
5.5
−−
0.1
1.0
2.0
µA
IOZ
3-state output
OFF current
VI =VIH or VIL;
VO =VCC or GND
5.5
−−
±0.25 −±2.5
−±10.0 µA
ICC
quiescent supply
current
VI =VCC or GND;
IO =0
5.5
−−
2.0
20
40
µA
CI
input capacitance
310
10
10
pF


Similar Part No. - 74AHCU04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHCU04 NXP-74AHCU04 Datasheet
88Kb / 14P
   Hex inverter
Rev. 03-14 November 2007
logo
Diodes Incorporated
74AHCU04 DIODES-74AHCU04 Datasheet
239Kb / 8P
   UNBUFFERED HEX INVERTERS
logo
Nexperia B.V. All right...
74AHCU04 NEXPERIA-74AHCU04 Datasheet
245Kb / 14P
   Hex unbuffered inverter
Rev. 5 - 18 May 2020
74AHCU04-Q100 NEXPERIA-74AHCU04-Q100 Datasheet
752Kb / 15P
   Hex unbuffered inverter
logo
NXP Semiconductors
74AHCU04BQ NXP-74AHCU04BQ Datasheet
88Kb / 14P
   Hex inverter
Rev. 03-14 November 2007
More results

Similar Description - 74AHCU04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
   Hex Inverter
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
   HEX INVERTER
logo
Motorola, Inc
74LS04 MOTOROLA-74LS04 Datasheet
34Kb / 2P
   HEX INVERTER
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
   Hex inverter
1991 Feb 08
logo
STMicroelectronics
74AC04 STMICROELECTRONICS-74AC04_01 Datasheet
176Kb / 8P
   HEX INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com