Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAALSS0048PDC Datasheet(PDF) 8 Page - Tyco Electronics

Part # MAALSS0048PDC
Description  Low Noise Amplifier 1400 - 2000 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAALSS0048PDC Datasheet(HTML) 8 Page - Tyco Electronics

  MAALSS0048PDC Datasheet HTML 1Page - Tyco Electronics MAALSS0048PDC Datasheet HTML 2Page - Tyco Electronics MAALSS0048PDC Datasheet HTML 3Page - Tyco Electronics MAALSS0048PDC Datasheet HTML 4Page - Tyco Electronics MAALSS0048PDC Datasheet HTML 5Page - Tyco Electronics MAALSS0048PDC Datasheet HTML 6Page - Tyco Electronics MAALSS0048PDC Datasheet HTML 7Page - Tyco Electronics MAALSS0048PDC Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Low Noise Amplifier
1400 - 2000 MHz
MAALSS0048
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
North America Tel: 800.366.2266 / Fax: 978.366.2266
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
8
RoHS
Compliant
Typical Performance Curves, 1400 - 1520 MHz
Noise Figure vs. Temperature (Bias = 3V, 6.5 mA)
Gain vs. Temperature (Bias = 3V, 6.5 mA)
12
14
16
18
20
22
1.30
1.35
1.40
1.45
1.50
1.55
1.60
+25°C
+85°C
-40°C
Frequency (GHz)
0.5
1.0
1.5
2.0
2.5
3.0
1.35
1.40
1.45
1.50
1.55
+25°C
+85°C
-40°C
Frequency (GHz)


Similar Part No. - MAALSS0048PDC

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAALSS0048PDC MA-COM-MAALSS0048PDC Datasheet
262Kb / 8P
   Low Noise Amplifier 1400 - 2000 MHz
MAALSS0048PDC MA-COM-MAALSS0048PDC Datasheet
926Kb / 9P
   Low Noise Amplifier
More results

Similar Description - MAALSS0048PDC

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM50-0006 MACOM-AM50-0006 Datasheet
358Kb / 7P
   Low Noise Amplifier 1400 - 2000 MHz
AM50-0006 MACOM-AM50-0006_1 Datasheet
297Kb / 8P
   Low Noise Amplifier 1400-2000 MHz
logo
M/A-COM Technology Solu...
MAALSS0048 MA-COM-MAALSS0048 Datasheet
262Kb / 8P
   Low Noise Amplifier 1400 - 2000 MHz
AM50-0006 MA-COM-AM50-0006 Datasheet
221Kb / 8P
   Low Noise Amplifier 1400 - 2000 MHz
logo
Tyco Electronics
AM50-0004 MACOM-AM50-0004 Datasheet
334Kb / 4P
   High Dynamic Range Low Noise Amplifier 1400-2000 MHz
MAAMSS0045 MACOM-MAAMSS0045 Datasheet
262Kb / 6P
   High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
logo
M/A-COM Technology Solu...
AM50-0004 MA-COM-AM50-0004 Datasheet
147Kb / 6P
   High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
MAAMSS0045 MA-COM-MAAMSS0045 Datasheet
218Kb / 6P
   High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
logo
Mini-Circuits
ZRL-1150LN MINI-ZRL-1150LN Datasheet
184Kb / 1P
   Low Noise Amplifier 50??500 to 1400 MHz
ZRL-2300 MINI-ZRL-2300 Datasheet
183Kb / 1P
   Low Noise Amplifier 50??1400 to 2300 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com